Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECG099 Datasheet(PDF) 7 Page - WJ Communication. Inc.

Part # ECG099
Description  쩌 Watt, High Linearity InGaP HBT Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECG099 Datasheet(HTML) 7 Page - WJ Communication. Inc.

  ECG099 Datasheet HTML 1Page - WJ Communication. Inc. ECG099 Datasheet HTML 2Page - WJ Communication. Inc. ECG099 Datasheet HTML 3Page - WJ Communication. Inc. ECG099 Datasheet HTML 4Page - WJ Communication. Inc. ECG099 Datasheet HTML 5Page - WJ Communication. Inc. ECG099 Datasheet HTML 6Page - WJ Communication. Inc. ECG099 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 7 of 7
June 2005
AH118 / ECG099
¼ Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge TM
ECG099B (SOT-89 Package) Mechanical Information
This package may contain lead-bearing materials. The plating material on the leads is SnPb.
Outline Drawing
Land Pattern
Thermal Specifications
Parameter
Rating
Operating Case Temperature
-40 to +85
° C
Thermal Resistance (1)
92
° C / W
Junction Temperature (2)
159
° C
Notes:
1. The thermal resistance is referenced from the hottest
part of the junction to the ground tab (pin 4).
2. This corresponds to the typical biasing condition of
+5V, 160 mA at an 85
° C ground tab temperature. A
minimum MTTF of 1 million hours is achieved for
junction temperatures below 247
° C.
Product Marking
The component will be marked with an
“E099” designator with an alphanumeric lot
code on the top surface of the package.
Tape and reel specification for this part is
located on the website in the “Application
Notes” section.
ESD / MSL Information
ESD Rating: Class 1A
Value:
Passes between 250 and 500V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating: Level 3 at +235
° C convection reflow
Standard:
JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper
performance of this device. Vias should use a .35mm
(#80 / .0135”) diameter drill and have a final plated
thru diameter of .25 mm (.010”).
2. Add as much copper as possible to inner and outer
layers near the part to ensure optimal thermal
performance.
3. Mounting screws can be added near the part to fasten
the board to a heatsink.
Ensure that the ground /
thermal via region contacts the heatsink.
4. Do not put solder mask on the backside of the PC board
in the region where the board contacts the heatsink.
5. RF trace width depends upon the PC board material
and construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches). Angles are
in degrees.
MTTF vs. GND Tab Temperature
100
1000
10000
100000
60
70
80
90
100
110
120
Tab Temperature (°C)


Similar Part No. - ECG099

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECG001 WJCI-ECG001 Datasheet
244Kb / 6P
   InGaP HBT Gain Block
ECG001B WJCI-ECG001B Datasheet
243Kb / 5P
   InGaP HBT Gain Block
ECG001B-G WJCI-ECG001B-G Datasheet
244Kb / 6P
   InGaP HBT Gain Block
ECG001B-G WJCI-ECG001B-G Datasheet
243Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
ECG001B-G TRIQUINT-ECG001B-G Datasheet
363Kb / 5P
   InGaP HBT Gain Block
More results

Similar Description - ECG099

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECG015 WJCI-ECG015 Datasheet
207Kb / 5P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH114 WJCI-AH114_06 Datasheet
295Kb / 6P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH114 WJCI-AH114 Datasheet
320Kb / 6P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH118 WJCI-AH118 Datasheet
261Kb / 8P
   쩌 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118 Datasheet
843Kb / 14P
   쩌 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH118 WJCI-AH118_06 Datasheet
273Kb / 8P
   쩌 Watt, High Linearity InGaP HBT Amplifier
SCG015 WJCI-SCG015_06 Datasheet
203Kb / 5P
   쩌 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH128-89G TRIQUINT-AH128-89G Datasheet
791Kb / 17P
   쩌 W High Linearity InGaP HBT Amplifier
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
   Watt, High Linearity InGaP HBT Amplifier
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
   Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com