Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECP200D Datasheet(PDF) 5 Page - WJ Communication. Inc.

Part # ECP200D
Description  2 Watt, High Linearity InGaP HBT Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECP200D Datasheet(HTML) 5 Page - WJ Communication. Inc.

  ECP200D Datasheet HTML 1Page - WJ Communication. Inc. ECP200D Datasheet HTML 2Page - WJ Communication. Inc. ECP200D Datasheet HTML 3Page - WJ Communication. Inc. ECP200D Datasheet HTML 4Page - WJ Communication. Inc. ECP200D Datasheet HTML 5Page - WJ Communication. Inc. ECP200D Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 5 of 6
April 2006
ECP200D
2 Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge
TM
2140 MHz Application Circuit (ECP200D-PCB2140)
Typical RF Performance at 25
°C
Frequency
2140 MHz
S21 – Gain
10 dB
S11 – Input Return Loss
-20 dB
S22 – Output Return Loss
-6.8 dB
Output P1dB
+33.2 dBm
Output IP3
(+17 dBm / tone, 1 MHz spacing)
+48 dBm
W-CDMA Channel Power
(@ -45 dBc ACLR)
+25.3 dBm
Noise Figure
7.7 dB
Device / Supply Voltage
+5 V
Quiescent Current
(1)
800 mA
1. This corresponds to the quiescent current or operating current under
small-signal conditions into pins 10, 11, and 16.
ID=C1
C=56 pF
ID=C2
C=56 pF
ID=C3
C=1e7 pF
ID=C4
C=1000 pF
ID=C5
C=10 pF
ID=C6
C=1000 pF
ID=C8
C=3 pF
ID=C9
C=3 pF
ID=L1
L=18 nH
ID=C11
R=0 Ohm
ID=R2
R=22 Ohm
ID=R3
R=51 Ohm
ID=R1
R=15 Ohm
ID=R4
R=0 Ohm
TLINP
ID=TL1
Z0=50 Ohm
L=175 mil
Eeff=3.16
Loss=0
F0=0 GHz
TLINP
ID=TL2
Z0=50 Ohm
L=75 mil
Eeff=3.16
Loss=0
F0=0 GHz
ID=C10
C=1.5 pF
ID=C3
C=56 pF
TLINP
ID=TL3
Z0=50 Ohm
L=100 mil
Eeff=3.16
Loss=0
F0=0 GHz
1
2
3
4
5678
9
10
11
12
13
14
15
16
ID=ECP200D
the WJ evaluation board.
C10 should be placed at
silkscreen marker "4" on
on the WJ evaluation board.
C8 should be placed at silk screen marker "D"
on the WJ evaluation board.
C9 should be placed at
silkscreen marker "2"
+5.6V Zener
Vsupply = +5V
size 1008
S21 vs. Frequency
7
8
9
10
11
12
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
+25°C
-40°C
+85°C
S11 vs. Frequency
-30
-25
-20
-15
-10
-5
0
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
+25°C
-40°C
+85°C
S22 vs. Frequency
-20
-15
-10
-5
0
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
+25°C
-40°C
+85°C
Noise Figure vs. Frequency
0
2
4
6
8
10
2110
2120
2130
2140
2150
2160
2170
Frequency(MHz)
-40°C
+25°C
+85°C
P1dBvs. Frequency
Circuit boards are optimizedat 2140 MHz
26
28
30
32
34
36
2110
2120
2130
2140
2150
2160
2170
Frequency(MHz)
-40°C
+25°C
+85°C
ACPRvs. Channel Power
3GPPW-CDMA, Test Model 1+64 DPCH, ±5 MHz offset, 2140 MHz
-60
-55
-50
-45
-40
-35
22
23
24
25
26
27
Output Channel Power (dBm)
-40 C
+25 C
+85 C
OIP3 vs. Frequency
+25° C, +17 dBm/tone
35
40
45
50
55
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
OIP3 vs. Temperature
freq. = 2140 MHz, 2141 MHz, +17 dBm/tone
35
40
45
50
55
-40
-15
10
35
60
85
Temperature (°C)
OIP3 vs. Output Power
freq. = 2140 MHz, 2141 MHz, +25° C
35
40
45
50
55
12
14
16
18
20
22
Output Power (dBm)


Similar Part No. - ECP200D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
ECP200 EIC-ECP200 Datasheet
86Kb / 5P
   2.0 WATT POWER AMPLIFIER
logo
WJ Communication. Inc.
ECP200G WJCI-ECP200G Datasheet
861Kb / 9P
   2 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - ECP200D

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH312 WJCI-AH312 Datasheet
356Kb / 7P
   2 Watt, High Linearity InGaP HBT Amplifier
ECP203 WJCI-ECP203 Datasheet
194Kb / 3P
   2 Watt, High Linearity InGaP HBT Amplifier
AH312-RFID WJCI-AH312-RFID Datasheet
861Kb / 9P
   2 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
   Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH116-RFID WJCI-AH116-RFID Datasheet
709Kb / 6P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
   Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECP050D WJCI-ECP050D Datasheet
489Kb / 5P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH115 ETC-AH115 Datasheet
577Kb / 7P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECP052 WJCI-ECP052 Datasheet
225Kb / 5P
   1/2 Watt, High Linearity InGaP HBT Amplifier
ECP053 WJCI-ECP053 Datasheet
146Kb / 3P
   1/2 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com