Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K5V1BU43G Datasheet(PDF) 3 Page - ITT Industries

Part # K5V1BU43G
Description  Right Angle Lighted SMT Tact Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

K5V1BU43G Datasheet(HTML) 3 Page - ITT Industries

  K5V1BU43G Datasheet HTML 1Page - ITT Industries K5V1BU43G Datasheet HTML 2Page - ITT Industries K5V1BU43G Datasheet HTML 3Page - ITT Industries K5V1BU43G Datasheet HTML 4Page - ITT Industries K5V1BU43G Datasheet HTML 5Page - ITT Industries K5V1BU43G Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Actuator
1 without latch
2 with latch (for light pipe extension)
www.ittcannon.com
B–32
Dimensions shown in: mm (inch)
Specifications and dimensions subject to change
B
K5V
Right Angle Lighted THT Tact Switch
Features
Gold plated dome contact SPST/SPDT
Excellent ergonomics
High bright LEDs
Reduced space usage on board
40 N overload
RoHS compliant and compatible
Mechanical
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: Normally Open + Normally Closed
TERMINALS: Through hole terminals with positioning pegs.
Terminals keying in option
1
Tolerances of operating force FA is ± 25%.
Operating force
Operating
Travel (total
FA1 Newtons
life
travel)
Type
(grams)
(operations)
mm(mm)
K5V1CL43T
4.0 (400)
25,000
1.2 (2.4)
Typical Applications
When backlighting and switch are
required to be a “2 in 1” component
The dome contact secures a
superior contact reliability in time
The ergonomics of K5V provides
a long travel, a sharp tactile feel
and an audible click
Server, storage, automotive, network
infrastructure, medical
Electrical
POWER MIN/MAX: 0.02VA / 1.0VA
VOLTAGE MIN/MAX: 20mVdc – 32 Vdc
CURRENT MIN/MAX: 0.1mA – 100mA
CONTACT RESISTANCE: <150m
INSULATION RESISTANCE: >1G
Ω initial, >10M Ω after damp heat
BOUNCE TIME: <5ms
Environmental
OPERATING TEMPERATURE: -40˚C to 85˚C
STORAGE TEMPERATURE: -50˚C to 85˚C
RELATIVE HUMIDITY: 90 to 96% according to NF EN 60068-2-30
PROTECTION: dust protection and flux tight
OVERLOAD: 40N min
Process
SOLDERING: Compatible with the lead free soldering profile.
Materials
LEAD FREE
CONTACTS: Au over Ni
SOLDERING: Au over Ni
HOUSING: Thermoplastic UL94 HB
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and and place it in the appropriate box.
Actuator color/LED color
CL Transparent/No LED
90 Black Actuator/No LED
YE Translucid/Yellow
GN Translucid/Green
RD Translucid/Red
OG Translucid/Orange
BU Translucid/Blue
WH Translucid/White
YG Translucid/Yellow-Green
RG Translucid/Red-Green
Operating Force
4 4.0 N (400 grams)
Contact Material
3 Gold (Au)
Termination
T Through Hole terminals
K
5
V
T
Packaging
60 pieces per tray
300 pieces per box


Similar Part No. - K5V1BU43G

ManufacturerPart #DatasheetDescription
logo
ITT Industries
K5V10023G ITT-K5V10023G Datasheet
220Kb / 2P
   Right Angle Lighted SMT Tact Switch
K5V10023T ITT-K5V10023T Datasheet
461Kb / 2P
   Right Angle Lighted THT Tact Switch
K5V10033P ITT-K5V10033P Datasheet
238Kb / 2P
   Panel Mount Lighted Tact Switch
K5V10043G ITT-K5V10043G Datasheet
220Kb / 2P
   Right Angle Lighted SMT Tact Switch
K5V10043P ITT-K5V10043P Datasheet
238Kb / 2P
   Panel Mount Lighted Tact Switch
More results

Similar Description - K5V1BU43G

ManufacturerPart #DatasheetDescription
logo
ITT Industries
K5V_SMT ITT-K5V_SMT Datasheet
220Kb / 2P
   Right Angle Lighted SMT Tact Switch
logo
C&K Components
K5V CK-COMPONENTS-K5V Datasheet
743Kb / 6P
   Right Angle Lighted SMT Tact Switch
K5AT CK-COMPONENTS-K5AT Datasheet
448Kb / 2P
   Lighted SMT Tact Switch
logo
ITT Industries
K5V_THT ITT-K5V_THT Datasheet
461Kb / 2P
   Right Angle Lighted THT Tact Switch
K5V_PM ITT-K5V_PM Datasheet
238Kb / 2P
   Panel Mount Lighted Tact Switch
logo
C&K Components
K8WH41G CK-COMPONENTS-K8WH41G Datasheet
483Kb / 3P
   Lighted SMT Tact Switch with Rugged LED Mounting Process
logo
ITT Industries
KT11B0SAM34LFS ITT-KT11B0SAM34LFS Datasheet
216Kb / 4P
   Right Angle Sealed Tact Switch for SMT
KT11P2SA3M33 ITT-KT11P2SA3M33 Datasheet
113Kb / 4P
   Right Angle Sealed Tact Switch for SMT
logo
C&K Components
KT11SM34LFS CK-COMPONENTS-KT11SM34LFS Datasheet
249Kb / 4P
   Right Angle Sealed Tact Switch for SMT
KT11B1JM34LFS CK-COMPONENTS-KT11B1JM34LFS Datasheet
227Kb / 4P
   Right Angle Sealed Tact Switch for SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com