Electronic Components Datasheet Search |
|
AH114-89PCB900 Datasheet(PDF) 6 Page - WJ Communication. Inc. |
|
AH114-89PCB900 Datasheet(HTML) 6 Page - WJ Communication. Inc. |
6 / 6 page Specifications and information are subject to change without notice WJ Communications, Inc Phone 1-800-WJ1-4401 FAX: 408-577-6621 e-mail: sales@wj.com Web site: www.wj.com Page 6 of 6 April 2006 AH114 ¼ Watt, High Linearity InGaP HBT Amplifier Product Information The Communications Edge TM AH114-89G (Green / Lead-free SOT-89 Package) Mechanical Information This package is lead-free/Green/RoHS-compliant. It is compatible with both lead-free (maximum 260 qC reflow temperature) and leaded (maximum 245 qC reflow temperature) soldering processes. The plating material on the leads is NiPdAu. Outline Drawing Land Pattern Thermal Specifications Parameter Rating Operating Case Temperature -40 to +85 qC Thermal Resistance, Rth (1) 149 qC / W Junction Temperature, Tj (2) 197 qC Notes: 1. The thermal resistance is referenced from the junction-to-case at a case temperature of 85 C. 2. This corresponds to the typical biasing condition of +5V, 150 mA at an 85 C case temperature. A minimum MTTF of 1 million hours is achieved for junction temperatures below 247 C. Product Marking The component will be marked with an “AH114 G” designator with an alphanumeric lot code on the top surface of the package. The obsolete tin- lead package is marked with an “AH114” or “E009” designator followed by an alphanumeric lot code. Tape and reel specifications for this part are located on the website in the “Application Notes” section. ESD / MSL Information ESD Rating: Class 1A Test: Human Body Model (HBM) Standard: JEDEC Standard JESD22-A114 MSL Rating: Level 3 at +260 C convection reflow Standard: JEDEC Standard J-STD-020 Mounting Config. Notes 1. Ground / thermal vias are critical for the proper performance of this device. Vias should use a .35mm (#80 / .0135”) diameter drill and have a final plated thru diameter of .25 mm (.010” ). 2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance. 3. Mounting screws can be added near the part to fasten the board to a heatsink. Ensure that the ground / thermal via region contacts the heatsink. 4. Do not put solder mask on the backside of the PC board in the region where the board contacts the heatsink. 5. RF trace width depends upon the PC board material and construction. 6. Use 1 oz. Copper minimum. 7. All dimensions are in millimeters (inches). Angles are in degrees. MTTF vs. GNDTab Temperature 1.0 10.0 100.0 1000.0 60 70 80 90 100 110 120 TabTemperature(°C) |
Similar Part No. - AH114-89PCB900 |
|
Similar Description - AH114-89PCB900 |