Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBS4GFB4SA055C Datasheet(PDF) 3 Page - ITT Industries

Part # HBS4GFB4SA055C
Description  Single Pole Standard Precision Snap-acting Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

HBS4GFB4SA055C Datasheet(HTML) 3 Page - ITT Industries

  HBS4GFB4SA055C Datasheet HTML 1Page - ITT Industries HBS4GFB4SA055C Datasheet HTML 2Page - ITT Industries HBS4GFB4SA055C Datasheet HTML 3Page - ITT Industries HBS4GFB4SA055C Datasheet HTML 4Page - ITT Industries HBS4GFB4SA055C Datasheet HTML 5Page - ITT Industries HBS4GFB4SA055C Datasheet HTML 6Page - ITT Industries HBS4GFB4SA055C Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
K
K–39
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K HB Series
Single Pole Standard Precision Snap-acting Switches
OPERATING FORCE
ELECTRICAL RATING
.070
26
740
PB
.040
20
570
KH
.020
13
370
KC
.010
9
255
KA
.010
4
115
GF
.020
18
510
KG
STANDARD CONTACT
SEPARATION (inch)
MAXIMUM OPERATING
FORCE (OZ./GRAMS)
OPTION
CODE
7
9
13 14
20
26
30
.010
.020
.040
.070
OUNCES
OPERATING FORCE SPECIFICATION LIMITS
FOR VARIOUS CONTACT SEPARATIONS
CONTACT
SEPARATION
4
18
STANDARD RANGE
MAXIMUM LIMITS AVAILABLE
NOTE: All listed differential travel characteristics are based on standard operating force
andcontact separation. For any other force or contact separation, consult Customer
Service Center.
Operating force varies with actuator option, see ACTUATOR option section.
First number represents resistive
rating; second number represents
inductive (motor) rating.
10(3)
Cycles over 50,000 at rated current.
50E3
Maximum rated use temperature.
T_ _
Alternating current.
~
Microgap construction
(less than 4 mm).
m
EUROPEAN SYMBOLS
All models
with all options,
also available.
Consult Customer Service center for availability and delivery of nonstandard ratings.
* Low Level=conditions where no arcing occurs during switching,
i.e., 0.4 VA max. @ 20 V AC or DC max.
20 AMPS @ 125, 250, 480 V AC; 0.25 AMP @ 250 V DC, 0.5 AMP @
125 V DC (UL/CSA); 15 (10) AMPS @ 380 V~ T85 50E3 m (VDE).
Fine silver welded to
copper base.
Fine silver.
X3
22 AMPS @ 125 & 277 V AC; 15 AMPS @ 480 V AC; 1/4 HP @ 125 V AC;
1/2 HP @ 250 V AC; 277 V AC (UL/CSA).
Fine silver welded to
copper base.
Fine silver.
F9
Low level* to 1 AMP @ 125 V AC; 1 AMP @ 30 V DC (UL/CSA).
Gold alloy.
Gold alloy.
F5
20 AMPS @ 125, 250 & 480 V AC; 0.25 AMPS @ 250 V DC; 0.5 AMPS @
125 V DC (UL/CSA).
5 AMPS @ 125 & 250 V AC (UL/CSA).
20 AMPS @ 125, 250 & 480 V AC; 0.25 AMP @ 250 V DC; 0.5 AMP @
125 V DC; 3/4 HP @ 125 V AC; 1 1/2 HP @ 250 V AC (UL/CSA).
Fine silver welded to
copper base.
Precious metal alloy.
Fine silver.
Precious metal alloy.
B4
A2
B6
ELECTRICALRATING
MOVABLE
CONTACT
OPTION
CODE
STATIONARY
CONTACT
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
X3
F9
F5
B6
B4
A2
OPERATING FORCE (oz.)
ELECTRICAL
RATING
•AVAILABLE
x NOT AVAILABLE
AVAILABLE COMBINATIONS
4
9
13
18
20
26
GF
KA
KC
KG
KH
PB
x
x
x
x
x
x
x
x
x
x
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.


Similar Part No. - HBS4GFB4SA055C

ManufacturerPart #DatasheetDescription
logo
Heyco.
HBS4 HEYCO-HBS4 Datasheet
105Kb / 1P
   Nylon PCB Supports - Blind Mount
logo
SMC Diode Solutions Co....
HBS402 SMCDIODE-HBS402 Datasheet
562Kb / 5P
   Glass Passivated Single-Phase 4.0Amp Surface Mount Bridge Rectifier
logo
Zibo Seno Electronic En...
HBS405 ZSELEC-HBS405 Datasheet
120Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS41 ZSELEC-HBS41 Datasheet
120Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS410 ZSELEC-HBS410 Datasheet
120Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - HBS4GFB4SA055C

ManufacturerPart #DatasheetDescription
logo
C&K Components
HB CK-COMPONENTS-HB Datasheet
399Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
HB CK-COMPONENTS-HB_V01 Datasheet
619Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
18 Jan 21
HBS2KGB4SP011C CK-COMPONENTS-HBS2KGB4SP011C Datasheet
230Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
logo
ITT Industries
LF05A080L27QY ITT-LF05A080L27QY Datasheet
201Kb / 2P
   Precision Snap-acting Reset Switches
logo
C&K Components
LF CK-COMPONENTS-LF Datasheet
302Kb / 3P
   Precision Snap-acting Reset Switches
MMGGD1P0C CK-COMPONENTS-MMGGD1P0C Datasheet
261Kb / 3P
   Subminiature Precision Snap-acting Switches
logo
ITT Industries
LCGGF5P00EC ITT-LCGGF5P00EC Datasheet
273Kb / 4P
   Subminiature Precision Snap-acting Switches
logo
C&K Components
LCGGF5P00ECUE CK-COMPONENTS-LCGGF5P00ECUE Datasheet
1Mb / 4P
   Subminiature Precision Snap-acting Switches
LC CK-COMPONENTS-LC Datasheet
417Kb / 4P
   Small Size Precision Snap-acting Switches
MM CK-COMPONENTS-MM Datasheet
527Kb / 3P
   Mini Size Precision Snap-acting Switches
24 Mar 21
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com