Electronic Components Datasheet Search |
|
DPX2NE-67MSAW8P33A-22 Datasheet(PDF) 8 Page - ITT Industries |
|
DPX2NE-67MSAW8P33A-22 Datasheet(HTML) 8 Page - ITT Industries |
8 / 16 page www.ittcannon.com 32 Dimensions are shown in inches (millimeters). Dimensions subject to change. MIL-C-81659 Rack and Panel Connectors DPXNA/DPXNE Contact and Termination Tooling Data - Military Coaxial Contact Data DPX*NE/NA Components/Accessories Wire Strip Dimensions LITTLE CAESAR® contact retention assembly (W8M, 32W2M, 32W4M & 40W1M contact arrangements) Part Number (P=Pin, S = Socket) Without Seal†† With Seal Contact Arrangement (Size 5 Coax) (Size 9 Coax) A152††† A152††† Seal 1 Seal 2 Cable Accommodation† Ins. Dia. Size/Max. 'A'Trim Dim. A176††† Contact Size 2222 030-1975-008 (M39029/11-144) 031-1113-008 (M39029/12-148) 22, 24, 26 M22520/2-01 M22520/2-01 MS-3191-1 M22520/1-01 MS-3191-1 M22520/1-01 M22520/2-23 M22520/2-08 Standard M22520/1-02 Std. Locator M22520/1-11 CIT-DPXMA-22 M81969/1-01 CIT-20 CET-20D-1 M81969/1-02 CIET-16 CIET-12 A106 10W3M, 32W2M, 32W4M, 40M, 40W1M, 45M, 57M, 67M, D8M, 26M, 32W4M, 67M D8M 20, 22, 24 16, 18, 20 12, 14 030-1892-004 (M39029/11-145) 031-1047-003 (M39029/12-149) 030-9083-012 (M39029/11-146) 031-1271-000 (M39029/12-150) 031-1059-003 (M39029/12-151) 030-1909-002 (M39029/11-147) P-249-2071-000 S-249-2076-000 P-249-2072-000 S-249-2077-000 P-249-2073-000 S-249-2078-000 P-249-2074-000 S-249-2079-000 P-249-2075-000 S-249-2080-000 P-249-2081-000 S-249-2086-000 P-249-2082-000 S-249-2087-000 P-249-2083-000 S-249-2088-000 P-249-2084-000 S-249-2089-000 P-249-2085-000 S-249-2090-000 249-2071-001 249-2076-001 249-2072-001 249-2077-001 249-2073-001 249-2078-001 249-2074-001 249-2079-001 249-2075-001 249-2080-001 249-2081-001 249-2086-001 249-2082-001 249-2087-001 249-2083-001 249-2088-001 249-2084-001 249-2089-001 249-2085-001 249-2090-001 249-2101-000 249-2106-000 249-2102-000 249-2107-000 249-2103-000 249-2108-000 249-2104-000 249-2109-000 249-2105-000 249-2110-000 249-2111-000 249-2116-000 249-2112-000 249-2117-000 249-2113-000 249-2118-000 249-2114-000 249-2119-000 249-2115-000 249-2120-000 RG180 RG58 RG142 RG179 RG178 RG196 RG180 RG58 RG142 RG179 RG178U RG196U #22 #20HD #16 #12 .130/.110(3.30/2.79) .167/.147(4.24/3.73) .270/.230(6.86/5.84) .270/.230(6.86/5.84) Wire Strip Dimension A Dim. RG195U X X RG174, RG179, RG316 X RG195U X X RG174, RG179, RG316 X .158 (4.01) .196 (4.98) .196 (4.98) .111 (2.82) .075 (1.90) .158 (4.01) .196 (4.98) .196 (4.98) .111 (2.82) .075 (1.90) .260(6.60) .250(6.35) .260(6.60) .250(6.35) .260(6.60) .250(6.35) .350(8.89) .330(8.38) .260(6.60) .250(6.35) .260(6.60) .250(6.35) .260(6.60) .250(6.35) .260(6.60) .250(6.35) .350(8.89) .330(8.38) .260(6.60) .250(6.35) 2020HD 1616 1212 *Requires air line pressure of 80 to 100 PSI for CBT-600 and 120 PSI for CBT-600B. 32W2M 40W1M 36W7 33W4 W8M 32W4M NOTES: Coaxials without the seal accommodates both Seal 1 and Seal 2 cables. Coaxials without the seal are utilized in DPX*NE connectors supplied less the grommet (modification code: - 29**) and DPX*NA connectors. A152 modification code indicates .00005 (0.0010) gold plating on coaxial contacts. (Standard for the DPXNE/NA series.) A176 modification code indicates .00002 (0.0005) gold plating on coaxial contacts. Pin Part Number (Military Equivalent) Socket Part Number (Military Equivalent) Wire Accom. Crimp Tool Part Number Locator Part Number Insertion/ Extraction Tool Layout Usage DPX* NE/NA A A .610(15.49) .590(14.99) †† † ††† |
Similar Part No. - DPX2NE-67MSAW8P33A-22 |
|
Similar Description - DPX2NE-67MSAW8P33A-22 |