Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN54ABT646-X Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MN54ABT646-X
Description  OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MN54ABT646-X Datasheet(HTML) 5 Page - National Semiconductor (TI)

  MN54ABT646-X Datasheet HTML 1Page - National Semiconductor (TI) MN54ABT646-X Datasheet HTML 2Page - National Semiconductor (TI) MN54ABT646-X Datasheet HTML 3Page - National Semiconductor (TI) MN54ABT646-X Datasheet HTML 4Page - National Semiconductor (TI) MN54ABT646-X Datasheet HTML 5Page - National Semiconductor (TI) MN54ABT646-X Datasheet HTML 6Page - National Semiconductor (TI) MN54ABT646-X Datasheet HTML 7Page - National Semiconductor (TI) MN54ABT646-X Datasheet HTML 8Page - National Semiconductor (TI) MN54ABT646-X Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MN54ABT646-X REV 0B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
4.5V to 5.5V Temp Range: -55C to 125C
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
VID
Input Leakage
Test
VCC=0.0V, IID=1.9uA, VINL=0.0V
1, 4 IN
4.75
V
1, 2,
3
VCD
Input Clamp Diode
Voltage
VCC=4.5V, IKL=-18mA, VINH=4.5V,
VINL=0.0V
1, 4 IN
-1.2
V
1, 2,
3
VOLP
Low Level Ground
Bounce
VCC=5.0V, LOAD : 50pF / 500 OHMS
7, 8 OUT
1.2
V
4
VOLV
Low Level Ground
Bounce
VCC=5.0V, LOAD : 50pF / 500 OHMS
7, 8 OUT
-1.80
V
4
VOHP
High Level VCC
Bounce
VCC=5.0V, LOAD : 50pF / 500 OHMS
7, 8 OUT
1.5
V
4
VOHV
High Level VCC
Bounce
VCC=5.0V, LOAD : 50pF / 500 OHMS
7, 8 OUT
-1.10
V
4
CIN
Input Capacitance
VCC=0.0V
7
IN
14
pF
4
C I/O
Input/Output
Capacitance
VCC=5.0V
7
OUT
19.5
pF
4
AC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
CL=50pF RL=500 OHMS TRISE/TFALL = 3.0nS
tpLH1
Propagation Delay
VCC=5.0V @25C, VCC=4.5V & 5.5V
@-55C/125C
2, 5 Clock
to Bus
1.7
6.8
ns
9
2, 5 Clock
to Bus
2.2
8.8
ns
10, 11
tpHL1
Propagation Delay
VCC=5.0V @25C, VCC=4.5V & 5.5V
@-55C/125C
2, 5 Clock
to Bus
1.7
7.4
ns
9
2, 5 Clock
to Bus
1.7
8.8
ns
10, 11
tpLH2
Propagation Delay
VCC=5.0V @25C, VCC=4.5V & 5.5V
@-55C/125C
2, 5 Bus to
Bus
1.5
5.9
ns
9
2, 5 Bus to
Bus
1.5
7.9
ns
10, 11
tpHL2
Propagation Delay
VCC=5.0V @25C, VCC=4.5V & 5.5V
@-55C/125C
2, 5 Bus to
Bus
1.5
5.9
ns
9
2, 5 Bus to
Bus
1.5
7.9
ns
10, 11
tpLH3
Propagation Delay
VCC=5.0V @25C, VCC=4.5V & 5.5V
@-55C/125C
2, 5 SAB/BA
to
Bn/An
1.5
6.1
ns
9
2, 5 SAB/BA
to
Bn/An
1.2
8.1
ns
10, 11
5


Similar Part No. - MN54ABT646-X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MN54ABT64 NSC-MN54ABT64 Datasheet
18Kb / 9P
   MN54ABT646-X REV 0B0
More results

Similar Description - MN54ABT646-X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT652 FAIRCHILD-74ABT652 Datasheet
92Kb / 10P
   Octal Transceivers and Registers with 3-STATE Outputs
74ABT646 FAIRCHILD-74ABT646 Datasheet
97Kb / 9P
   Octal Transceivers and Registers with 3-STATE Outputs
logo
Texas Instruments
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI1-SN54ALS646_15 Datasheet
1,002Kb / 27P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646A TI-SN54ABT646A_07 Datasheet
528Kb / 24P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI-SN54ALS652_00 Datasheet
700Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT651 TI-SN54ABT651_08 Datasheet
362Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com