Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1394 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1394
Description  1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1394 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1394 Datasheet HTML 4Page - Maxim Integrated Products MAX1394 Datasheet HTML 5Page - Maxim Integrated Products MAX1394 Datasheet HTML 6Page - Maxim Integrated Products MAX1394 Datasheet HTML 7Page - Maxim Integrated Products MAX1394 Datasheet HTML 8Page - Maxim Integrated Products MAX1394 Datasheet HTML 9Page - Maxim Integrated Products MAX1394 Datasheet HTML 10Page - Maxim Integrated Products MAX1394 Datasheet HTML 11Page - Maxim Integrated Products MAX1394 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Detailed Description
The MAX1391/MAX1394 use an input track and hold
(T/H) circuit along with a SAR to convert an analog input
signal to a serial 8-bit digital output data stream. The seri-
al interface provides easy interfacing to microprocessors
and DSPs. Figure 3 shows the simplified functional dia-
gram for the MAX1391 (1 channel, true differential) and
the MAX1394 (2 channels, single ended).
True-Differential Analog Input T/H
The equivalent input circuit of Figure 4 shows the
MAX1391/MAX1394 input architecture that is composed
of a T/H, a comparator, and a switched-capacitor DAC.
The T/H enters its tracking mode on the falling edge of
CS (while OE is held low). The positive input capacitor is
connected to AIN+ (MAX1391), or to AIN1 or AIN2
(MAX1394). The negative input capacitor is connected to
AIN- (MAX1391) or GND (MAX1394). The T/H enters its
hold mode on the 3rd falling edge of SCLK and the dif-
8
_______________________________________________________________________________________
1.5V to 3.6V, 416ksps, 1-Channel True-Differential/
2-Channel Single-Ended, 8-Bit, SAR ADCs
PIN
MAX1391
MAX1394
NAME
FUNCTION
11
VDD
Positive Supply Voltage. Connect VDD to a 1.6V to 3.6V power supply. Bypass VDD to GND
with a 0.1µF capacitor as close as possible to the device.
2
AIN-
Negative Analog Input
2
AIN2
Analog Input Channel 2
3
AIN+
Positive Analog Input
3
AIN1
Analog Input Channel 1
4
4
GND
Ground
5
5
REF
External Reference Voltage Input. VREF = 0.6V to (VDD + 0.05V). Bypass REF to GND with a
0.1µF capacitor as close as possible to the device.
6
UNI/BIP
Input-Mode Select. Drive UNI/BIP high to select unipolar input mode. Pull UNI/BIP low to
select bipolar input mode. In unipolar mode, the output data is in straight binary format. In
bipolar mode, the output data is in two’s complement format.
6
CH1/CH2
Channel-Select Input. Pull CH1/CH2 low to select channel 1. Drive CH1/CH2 high to select
channel 2.
77
OE
Active-Low Output Enable. Pull OE low to enable DOUT. Drive OE high to disable DOUT.
Connect to CS to interface with SPI, QSPI, and MICROWIRE devices or set low to interface
with DSP devices.
88
CS
Active-Low Chip-Select Input. A falling edge on CS initiates power-up and acquisition.
9
9
DOUT
Serial-Data Output. DOUT changes state on the falling edge of SCLK. DOUT is high
impedance when OE is high.
10
10
SCLK
Serial-Clock Input. SCLK drives the conversion process and clocks data out. Acquisition ends
on the 3rd falling edge after the CS falling edge. The LSB is clocked out on the SCLK 11th
falling edge and the device enters AutoShutdown mode (see Figures 8, 9, and 10).
——
EP
Exposed Pad. Not internally connected. Connect the exposed pad to GND or leave floating.
Pin Description
DOUT
VDD
REF
8-BIT SAR
ADC
CS
SCLK
OE
GND
OUTPUT
SHIFT
REGISTER
CONTROL
LOGIC AND
TIMING
*INDICATES THE MAX1394
AIN+ (AIN1)*
AIN- (AIN2)*
INPUT
MUX
AND T/H
UNI/BIP
(CH1/CH2)*
MAX1391
MAX1394
Figure 3. Simplified Functional Diagram


Similar Part No. - MAX1394

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1394 MAXIM-MAX1394 Datasheet
314Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
MAX1394ETB MAXIM-MAX1394ETB Datasheet
314Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
MAX1394ETB++ MAXIM-MAX1394ETB+ Datasheet
254Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 8-Bit, SAR ADCs
2009
MAX1394MTB MAXIM-MAX1394MTB Datasheet
314Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
More results

Similar Description - MAX1394

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1391 MAXIM-MAX1391_V01 Datasheet
254Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 8-Bit, SAR ADCs
2009
MAX1391 MAXIM-MAX1391 Datasheet
314Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
MAX1392 MAXIM-MAX1392 Datasheet
877Kb / 19P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 0; 5/05
MAX1392 MAXIM-MAX1392_09 Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
MAX1393 MAXIM-MAX1393_09 Datasheet
598Kb / 18P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
MAX1393 MAXIM-MAX1393 Datasheet
1Mb / 19P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 0; 5/05
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
ams AG
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
   150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
logo
Maxim Integrated Produc...
MAX1086 MAXIM-MAX1086 Datasheet
334Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-1686; Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com