Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBS4GFB6SP055C Datasheet(PDF) 1 Page - ITT Industries

Part # HBS4GFB6SP055C
Description  Single Pole Standard Precision Snap-acting Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

HBS4GFB6SP055C Datasheet(HTML) 1 Page - ITT Industries

  HBS4GFB6SP055C Datasheet HTML 1Page - ITT Industries HBS4GFB6SP055C Datasheet HTML 2Page - ITT Industries HBS4GFB6SP055C Datasheet HTML 3Page - ITT Industries HBS4GFB6SP055C Datasheet HTML 4Page - ITT Industries HBS4GFB6SP055C Datasheet HTML 5Page - ITT Industries HBS4GFB6SP055C Datasheet HTML 6Page - ITT Industries HBS4GFB6SP055C Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
K
K–37
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K HB Series
Single Pole Standard Precision Snap-acting Switches
Models Available
Features/Benefits
Low differential travel, high repeatability
Long life—150,000 cycles typical
Single and double pole circuitry
Sealed actuator and case
Typical Applications
Thermostats
Motors
Industrial controls
Specifications
CONTACT RATING: From low level* to 20 AMPS @ 480 V AC;
see ELECTRICAL RATING option section for complete listings.
ELECTRICAL LIFE: 150,000 cycles at 20 AMPS @ 250 V AC.
consult Customer Service Center for typical life at other ratings.
INSULATION RESISTANCE: 1,000 M ohm min.
DIELECTRIC STRENGTH: 1,500 Vrms min. @ sea level.
OPERATING TEMPERATURE: –67ºF to 302ºF (–55ºC to 150ºC).
OPERATING FORCE: From 4 oz. to 26 oz. max. at actuator
button available.
MOUNTING SCREWS: Torque 3 in/lbs max.
(Note: Exceeding 3 in/lbs torque may change operating
characteristics and increase the possibility of cracking
switch case).
TERMINAL SCREWS: Torque 4 in/lbs max.
PANEL MOUNTING BUSHING: Torque 4-6 in/lbs max.
DEGREE OF PROTECTION: IP65; Dust-proof, water splash and
dew condensation.
* Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @
20 V AC or DC max.
Materials
SWITCH HOUSING: Heat resistant/electrical grade phenolic.
INSERTS: Brass alloy.
ACTUATOR BUTTON: Moisture resistant phenolic.
SPRING: Copper alloy.
PIVOT: Brass alloy.
MOVABLE CONTACTS: Gold alloy for ratings 1 AMP or less.
Fine silver for ratings greater than 1 AMP and motor load
ratings less than 1/2 HP @ 125 V AC. Precious metal alloy
for motor load ratings 1/2 HP @ 125 V AC or greater.
STATIONARY CONTACTS: Gold alloy for ratings 1 AMP or less.
Fine silver welded to copper base for ratings greater than
1 AMP and motor load ratings less than 1/2 HP @ 125 V AC.
Precious metal alloy on copper base for motor load
ratings 1/2 HP @ 125 V AC or greater.
TERMINALS: Brass alloy, bright tin plated.
NOTE: For the latest information regarding RoHS compliance, please go
to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages K-38 thru K-43. For additional options not shown in catalog, consult Customer Service Center.
H
B
Series
HB Precision Snap-acting Switches
Operating Force
KG 18 oz./510 grams
GF 4 oz./113 grams
KA 9 oz./255 grams
KC 13 oz./368 grams
KH 20 oz./567 grams
PB 26 oz./737 grams
Contact Separation
2
.020"
1
.010"
4
.040"
7
.070"
Electrical Rating
B4 20 A, 125, 250, 480 V AC;
0.25 A, 250 V DC; 0.5 A, 125 V DC
A2 5 A, 125, 250 V AC
B6 20 A, 125, 250, 480 V AC; 0.25 A,
250 V DC; 0.5 A, 125 V DC; 3/4 HP,
125 V AC; 1 1/2 HP, 25O V AC
F5 1 A,125 V AC; 1 A, 3O V DC
F9 22 A, 125, 277 V AC; 15 A, 480 V AC;
1/4 HP, 125 V AC; 1/2 HP, 250 V AC
X3 20 A, 125, 250, 480 V AC; 0.25 A,
250 V DC; 0.5 A, 125 V DC; 15(10) A,
380 V~ 185
+++ µ (VDE)
Actuator
P0 Pin plunger
A0 Lever roller
D0 Stub plunger
F0 Reverse acting lever roller
J0 High overtravel plunger
R5 Perpendicular roller plunger
T0 Lever
TS Sealed Lever
Y0 Reverse acting lever
Terminations
11 Flat base, solder, 4-40 screws
41 Flat base, .250" quick connect
55 Step base, cup washers, 6-32 screws
Circuitry
C SPDT
Mounting Style
S Standard
S
Function
S SP
S
C


Similar Part No. - HBS4GFB6SP055C

ManufacturerPart #DatasheetDescription
logo
Heyco.
HBS4 HEYCO-HBS4 Datasheet
105Kb / 1P
   Nylon PCB Supports - Blind Mount
logo
SMC Diode Solutions Co....
HBS402 SMCDIODE-HBS402 Datasheet
562Kb / 5P
   Glass Passivated Single-Phase 4.0Amp Surface Mount Bridge Rectifier
logo
Zibo Seno Electronic En...
HBS405 ZSELEC-HBS405 Datasheet
120Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS41 ZSELEC-HBS41 Datasheet
120Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS410 ZSELEC-HBS410 Datasheet
120Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - HBS4GFB6SP055C

ManufacturerPart #DatasheetDescription
logo
C&K Components
HB CK-COMPONENTS-HB Datasheet
399Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
HB CK-COMPONENTS-HB_V01 Datasheet
619Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
18 Jan 21
HBS2KGB4SP011C CK-COMPONENTS-HBS2KGB4SP011C Datasheet
230Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
logo
ITT Industries
LF05A080L27QY ITT-LF05A080L27QY Datasheet
201Kb / 2P
   Precision Snap-acting Reset Switches
logo
C&K Components
LF CK-COMPONENTS-LF Datasheet
302Kb / 3P
   Precision Snap-acting Reset Switches
MMGGD1P0C CK-COMPONENTS-MMGGD1P0C Datasheet
261Kb / 3P
   Subminiature Precision Snap-acting Switches
logo
ITT Industries
LCGGF5P00EC ITT-LCGGF5P00EC Datasheet
273Kb / 4P
   Subminiature Precision Snap-acting Switches
logo
C&K Components
LCGGF5P00ECUE CK-COMPONENTS-LCGGF5P00ECUE Datasheet
1Mb / 4P
   Subminiature Precision Snap-acting Switches
LC CK-COMPONENTS-LC Datasheet
417Kb / 4P
   Small Size Precision Snap-acting Switches
MM CK-COMPONENTS-MM Datasheet
527Kb / 3P
   Mini Size Precision Snap-acting Switches
24 Mar 21
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com