Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP62S1024BU-70LLI Datasheet(PDF) 11 Page - AMIC Technology

Part # LP62S1024BU-70LLI
Description  128K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S1024BU-70LLI Datasheet(HTML) 11 Page - AMIC Technology

Back Button LP62S1024BU-70LLI Datasheet HTML 7Page - AMIC Technology LP62S1024BU-70LLI Datasheet HTML 8Page - AMIC Technology LP62S1024BU-70LLI Datasheet HTML 9Page - AMIC Technology LP62S1024BU-70LLI Datasheet HTML 10Page - AMIC Technology LP62S1024BU-70LLI Datasheet HTML 11Page - AMIC Technology LP62S1024BU-70LLI Datasheet HTML 12Page - AMIC Technology LP62S1024BU-70LLI Datasheet HTML 13Page - AMIC Technology LP62S1024BU-70LLI Datasheet HTML 14Page - AMIC Technology LP62S1024BU-70LLI Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LP62S1024B-I Series
(August, 2004, Version 1.2)
10
AMIC Technology, Corp.
AC Test Conditions
Input Pulse Levels
0.4V to 2.4V
Input Rise and Fall Time
5 ns
Input and Output Timing Reference Levels
1.5V
Output Load
See Figures 1 and 2
30pF
* Including scope and jig.
* Including scope and jig.
CL
TTL
5pF
CL
TTL
Figure 1. Output Load
Figure 2. Output Load for tCLZ1,
tCLZ2, tOHZ, tOLZ, tCHZ1,
tCHZ2, tWHZ, and tOW
Data Retention Characteristics (TA = -40°C to 85°C)
Symbol
Parameter
Min.
Max.
Unit
Conditions
VDR1
2.0
3.6
V
CE1
≥ VCC - 0.2V
VDR2
VCC for Data Retention
2.0
3.6
V
CE2
≤ 0.2V,
ICCDR1
Data Retention Current
-
1*
µA
VCC = 2V,
CE1
≥ VCC - 0.2V,
VIN
≥ 0V
ICCDR2
-
1*
µA
VCC = 2V,
CE2
≤ 0.2V,
VIN
≥ 0V
tCDR
Chip Disable to Data Retention Time
0
-
ns
See Retention Waveform
tR
Operation Recovery Time
5
-
ms
*
LP62S1024B-55LLI/70LLI
ICCDR: max.
1
µA at TA = 0°C to + 40°C


Similar Part No. - LP62S1024BU-70LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S1024BU-70LLT AMICC-LP62S1024BU-70LLT Datasheet
197Kb / 18P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S1024BU-70LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S1024B-T AMICC-LP62S1024B-T Datasheet
197Kb / 18P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-T AMICC-LP62S1024B-T_15 Datasheet
250Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024A-I AMICC-LP62S1024A-I Datasheet
155Kb / 15P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024A-T AMICC-LP62S1024A-T Datasheet
189Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S7308B AMICC-A62S7308B Datasheet
277Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-I AMICC-LP62S1024B-I_15 Datasheet
207Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
A627308 AMICC-A627308 Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com