Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP62S1024BV-70LLIF Datasheet(PDF) 1 Page - AMIC Technology

Part # LP62S1024BV-70LLIF
Description  128K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S1024BV-70LLIF Datasheet(HTML) 1 Page - AMIC Technology

  LP62S1024BV-70LLIF Datasheet HTML 1Page - AMIC Technology LP62S1024BV-70LLIF Datasheet HTML 2Page - AMIC Technology LP62S1024BV-70LLIF Datasheet HTML 3Page - AMIC Technology LP62S1024BV-70LLIF Datasheet HTML 4Page - AMIC Technology LP62S1024BV-70LLIF Datasheet HTML 5Page - AMIC Technology LP62S1024BV-70LLIF Datasheet HTML 6Page - AMIC Technology LP62S1024BV-70LLIF Datasheet HTML 7Page - AMIC Technology LP62S1024BV-70LLIF Datasheet HTML 8Page - AMIC Technology LP62S1024BV-70LLIF Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LP62S1024B-I Series
128K X 8 BIT LOW VOLTAGE CMOS SRAM
(August, 2004, Version 1.2)
AMIC Technology, Corp.
Document Title
128K X 8 BIT LOW VOLTAGE CMOS SRAM
Revision History
Rev. No.
History
Issue Date
Remark
0.0
Initial issue
May 30, 2002
Preliminary
0.1
Add 32L Pb-Free TSSOP package type
October 2, 2002
1.0
Final version release
July 18, 2003
Final
1.1
Change ICCDR1, ICCDR2 (max.) from 3μA to 1μA
June 29, 2004
1.2
Add Pb-Free package type for all parts
August 9, 2004


Similar Part No. - LP62S1024BV-70LLIF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S1024BV-70LLT AMICC-LP62S1024BV-70LLT Datasheet
197Kb / 18P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S1024BV-70LLIF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S1024B-T AMICC-LP62S1024B-T Datasheet
197Kb / 18P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-T AMICC-LP62S1024B-T_15 Datasheet
250Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024A-I AMICC-LP62S1024A-I Datasheet
155Kb / 15P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024A-T AMICC-LP62S1024A-T Datasheet
189Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S7308B AMICC-A62S7308B Datasheet
277Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-I AMICC-LP62S1024B-I_15 Datasheet
207Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
A627308 AMICC-A627308 Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com