Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E125S1D3V3BE Datasheet(PDF) 2 Page - ITT Industries

Part # E125S1D3V3BE
Description  Sealed Snap-acting Momentary Pushbutton Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

E125S1D3V3BE Datasheet(HTML) 2 Page - ITT Industries

  E125S1D3V3BE Datasheet HTML 1Page - ITT Industries E125S1D3V3BE Datasheet HTML 2Page - ITT Industries E125S1D3V3BE Datasheet HTML 3Page - ITT Industries E125S1D3V3BE Datasheet HTML 4Page - ITT Industries E125S1D3V3BE Datasheet HTML 5Page - ITT Industries E125S1D3V3BE Datasheet HTML 6Page - ITT Industries E125S1D3V3BE Datasheet HTML 7Page - ITT Industries E125S1D3V3BE Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
A–24
A
C&K E020 Series
Sealed Snap-acting Momentary Pushbutton Switches
SWITCH FUNCTION
PLUNGER
BUSHING
S .282" HIGH
D1 UNTHREADED
D3 .180" HIGH UNTHREADED
NOTE: Caps available for all plunger options, see page A-25.
S1 .332" HIGH
M .332" HIGH SNAP-FITTING
DPDT
1-2,4-5
1-3,4-6
MOM.
MOM.
ON
ON
E221
E225
DP
SPDT
1-2
1-3
MOM.
MOM.
ON
ON
E121
E125
SP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
SWITCH FUNCTION
POS. 1
POS. 2
MODEL
NO.
NO.
POLES
DPDT
SPDT
Part number shown: E221SD1CBE
Not available with S1 actuator.
NOTE: Disposable splashproof vinyl over actuator and bushing supplied std., see page A-24.
Terminal Nos.
For Reference Only
Terminal Nos.
For Reference Only
Part number shown: E121SD1CGE
MOM. = Momentary
E121, E221 models
with all options
when ordered with G, L or R contact material.
EX25 models must be ordered with B, K or P contact material.
EX21 models must be ordered with G, L or R contact material.
Not Available with D1 bushing.
C&K marking this side
C&K marking this side


Similar Part No. - E125S1D3V3BE

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
E125 MPD-E125 Datasheet
160Kb / 2P
   Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
YUXIANG Magnetc materia...
E125B/25 YUXIANG-E125B/25 Datasheet
51Kb / 1P
   EI Core
logo
MicroPower Direct, LLC
E125E MPD-E125E Datasheet
230Kb / 2P
   Low Cost, 1W Ultra-Miniature SIP DC/DC Converters
E125I MPD-E125I Datasheet
185Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
logo
Anaren Microwave
E125N50X4 ANAREN-E125N50X4 Datasheet
216Kb / 2P
   AlN Ceramic Substrate
More results

Similar Description - E125S1D3V3BE

ManufacturerPart #DatasheetDescription
logo
C&K Components
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
   Snap-acting Momentary Pushbutton Switches
2022
logo
ITT Industries
8121SD9ABE223 ITT-8121SD9ABE223 Datasheet
2Mb / 17P
   Snap-acting Momentary Pushbutton Switches
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com