Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ING-TRC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ING-TRC
Description  1.32 Gbit/s Serial Link Transmitter and Receiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ING-TRC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ING-TRC Datasheet HTML 1Page - List of Unclassifed Manufacturers ING-TRC Datasheet HTML 2Page - List of Unclassifed Manufacturers ING-TRC Datasheet HTML 3Page - List of Unclassifed Manufacturers ING-TRC Datasheet HTML 4Page - List of Unclassifed Manufacturers ING-TRC Datasheet HTML 5Page - List of Unclassifed Manufacturers ING-TRC Datasheet HTML 6Page - List of Unclassifed Manufacturers ING-TRC Datasheet HTML 7Page - List of Unclassifed Manufacturers ING-TRC Datasheet HTML 8Page - List of Unclassifed Manufacturers ING-TRC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
INGT165B / INGR165B
10/2003 - rev. 2.0
2 of 21
1. GigaSTaR®® LINK DESCRIPTION
The GigaSTaR® link is designed for reliable, high-speed, low-latency data transmission.
All functions for data transfer management including the high-frequency blocks are fully integrated in the
Transmitter and Receiver devices. Both devices feature a 36-bit “user-friendly” parallel interface with
standard logic levels (3.3V CMOS) for easy adaptation to any application.
The link supports an effective (sustained) data rate up to 148.5 MByte/s at the parallel interface, which
translates to a serial bit stream of max. 1.188 Gbit/s (payload data rate). With 4 additional bits for link-
synchronization, DC-balancing and parity check the maximum bit rate at the serial I/Os is 1.32Gbit/s, for an
overall link efficiency of 90 percent. With only 40 ns propagation delay time each for the Transmitter and
Receiver, the typical overall latency for a GigaSTaR® link with STP copper cable is:
latency [ns] = 2 * 40 ns + 4ns/m * cable-length [m]
For example, the latency is about 160 ns for a 20 meter connection with Shielded-Twisted-Pair (STP)
copper cable.
1.1 CLOCK SYSTEM
The serial bit clock frequency of 1320 MHz is generated by internal PLLs. The Transmitter and Receiver
each require an external 66 MHz reference clock.
A continuous phase alignment in the Receiver ensures that the receive clock is synchronous to the
transmit clock.
1.2 PARALLEL DATA FORMAT
Both the GigaSTaR® Transmitter and Receiver feature a synchronous 36 bit parallel interface. The
maximum frequency at this interface is 33 MHz, equivalent to a period of 30.3 ns for the WRCLK/ RDCLK
signals.
Additional parity I/Os allow the transfer of an optional external parity bit synchronous with the parallel data.
If an external parity bit is provided, the Transmitter validates the signal before the start of the transmission.
If no external parity bit is available, the Transmitter generates this signal automatically.
Parity error flags are provided at both the Transmitter and Receiver devices.
1.3 SERIAL DATA FORMAT
The serial data stream is DC-balanced to support capacitive (AC) coupling for full DC isolation of the link.
This is performed by proprietary coding in the Transmitter device.
1.4 LINK MEDIA (COPPER OR FIBER)
The GigaSTaR® Transmitter and Receiver are each equipped with a robust high-speed interface which can
be directly connected to impedance-controlled cables (STP or coax), transmission lines or fiber optic
modules.
Initial evaluations with 50 Ohm (100 Ohm differential) Shielded-Twisted-Pair (STP) cables already have
proven reliable transmissions at distances of up to 50 meters and beyond (Reference-product:
GGSC1608-05/-10/-15/-20/-30/-40/-50, W.L. Gore & Associates).
Copper media require a serial line termination (R/L combination) at the inputs of the GigaSTaR® Receiver
for optimized performance, please refer to the ING_TRC piggyback board data sheet for reference values.
The capacitors for AC coupling of the serial lines have to be 100nF and are to be applied at both ends of
the link medium (see also figure 1). It is required to use ceramic RF capacitors.
With conventional 850 nm fiber optic modules (AC in/out, 3.3V PECL) and multimode fiber distances up to
550 meters have been achieved, see also datasheet of the ING_TRF fiberoptical piggyback board.


Similar Part No. - ING-TRC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ING80386SX-25 AMD-ING80386SX-25 Datasheet
557Kb / 30P
   High-Performance, Low-Power, Embedded Microprocessors
INGAM386SX-25 AMD-INGAM386SX-25 Datasheet
582Kb / 30P
   High-Performance, Low-Power, Embedded Microprocessors
INGAM386SX-33 AMD-INGAM386SX-33 Datasheet
582Kb / 30P
   High-Performance, Low-Power, Embedded Microprocessors
INGAM386SX-40 AMD-INGAM386SX-40 Datasheet
582Kb / 30P
   High-Performance, Low-Power, Embedded Microprocessors
INGAM386SXL-25 AMD-INGAM386SXL-25 Datasheet
582Kb / 30P
   High-Performance, Low-Power, Embedded Microprocessors
More results

Similar Description - ING-TRC

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
logo
Fujitsu Component Limit...
MB89251A FUJITSU-MB89251A Datasheet
106Kb / 1P
   SERIAL DATA TRANSMITTER / RECEIVER
logo
Holt Integrated Circuit...
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com