Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E107J1AV2K222 Datasheet(PDF) 5 Page - ITT Industries

Part # E107J1AV2K222
Description  Sealed Miniature Rocker and Lever Handle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

E107J1AV2K222 Datasheet(HTML) 5 Page - ITT Industries

  E107J1AV2K222 Datasheet HTML 1Page - ITT Industries E107J1AV2K222 Datasheet HTML 2Page - ITT Industries E107J1AV2K222 Datasheet HTML 3Page - ITT Industries E107J1AV2K222 Datasheet HTML 4Page - ITT Industries E107J1AV2K222 Datasheet HTML 5Page - ITT Industries E107J1AV2K222 Datasheet HTML 6Page - ITT Industries E107J1AV2K222 Datasheet HTML 7Page - ITT Industries E107J1AV2K222 Datasheet HTML 8Page - ITT Industries E107J1AV2K222 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
C&K E Series
Sealed Miniature Rocker and Lever Handle Switches
ACTUATOR–PC MOUNT
PC MOUNTING
Finish: Matte. Other colors, custom actuator
markings and legends available, consult
Customer Service Center.
NOTE: Hardware: two each—mounting screws,
nuts, lockwashers and standoffs for 1/8 inch
thick panel are supplied standard on switches
with panel mounting bracket. Internal o-ring
actuator seal standard. Actuators available
separately, see page H-37. Hardware available
seperately, see Technical Data section of this
catalog.
J3 actuators available with AV2, AV3
& V2-V61 terminations. Some permissible actua-
tor/termination combinations may lack clearance
between actuator and PC board, and care must
be exercised to accommodate this condition.
J50, J60 & J90 actuators available with
A, AV2, AV3, V2 – V61 terminations.
TERMINATIONS
Z
SOLDER LUG
C
PC THRU-HOLE
SPDT thru 3PDT
SPDT thru 3PDT
Not available with K, L, P, S, & R or M contact
materials. Available actuators, see page H-37.
ACTUATOR COLOR
ACTUATOR
J3
ROCKER
J50
ROCKER
J60
LEVER
J90
LEVER
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
H–30
2
BLACK
3
RED
ACTUATOR
COLOR
OPTION
CODE


Similar Part No. - E107J1AV2K222

ManufacturerPart #DatasheetDescription
logo
C&K Components
E107 CK-COMPONENTS-E107 Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
E107 CK-COMPONENTS-E107 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E107 CK-COMPONENTS-E107 Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
logo
ETAL Group
E1072-100-DC24V-3A ETAL-E1072-100-DC24V-3A Datasheet
177Kb / 4P
   PLC controllable electronic switching amplifier (max. 3 A) with additional protective and control functions for DC 24 V loads (e.g.solenoids, magnetic brakes, electromagnetic clutches, monitoring and indicator lamps).
logo
C&K Components
E107L3D1ABE CK-COMPONENTS-E107L3D1ABE Datasheet
610Kb / 8P
   E Series Sealed Miniature Toggle Switches
More results

Similar Description - E107J1AV2K222

ManufacturerPart #DatasheetDescription
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E105J1ABE2 CK-COMPONENTS-E105J1ABE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E101J1V3BE2 CK-COMPONENTS-E101J1V3BE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U11J26ZQE22 CK-COMPONENTS-U11J26ZQE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7000ROCKER CK-COMPONENTS-7000ROCKER Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com