Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY64UD16162B-DF60I Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HY64UD16162B-DF60I
Description  1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY64UD16162B-DF60I Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HY64UD16162B-DF60I Datasheet HTML 3Page - Hynix Semiconductor HY64UD16162B-DF60I Datasheet HTML 4Page - Hynix Semiconductor HY64UD16162B-DF60I Datasheet HTML 5Page - Hynix Semiconductor HY64UD16162B-DF60I Datasheet HTML 6Page - Hynix Semiconductor HY64UD16162B-DF60I Datasheet HTML 7Page - Hynix Semiconductor HY64UD16162B-DF60I Datasheet HTML 8Page - Hynix Semiconductor HY64UD16162B-DF60I Datasheet HTML 9Page - Hynix Semiconductor HY64UD16162B-DF60I Datasheet HTML 10Page - Hynix Semiconductor HY64UD16162B-DF60I Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
HY64UD16162B Series
10
Revision 1.0 / December. 2002
NOTE.
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994.
2. ALL DIMENSIONS ARE MILLIMETERS.
3. DIMENSION “D” IS MEASURED AT THE MAXIMUM SOLDER
BALL DIAMETER IN A PLANE PARALLEL TO DATUM C.
4. PRIMARY DATUM C(SEATING PLANE) IS DEFINED BY THE
CROWN OF THE SOLDER BALLS.
5. THIS IS A CONTROLLING DIMENSION.
PACKAGE DIMENSION
NOTE.
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994.
2. ALL DIMENSIONS ARE MILLIMETERS.
3. DIMENSION “D” IS MEASURED AT THE MAXIMUM SOLDER
BALL DIAMETER IN A PLANE PARALLEL TO DATUM C.
4. PRIMARY DATUM C(SEATING PLANE) IS DEFINED BY THE
CROWN OF THE SOLDER BALLS.
5. THIS IS A CONTROLLING DIMENSION.
48ball Fine Pitch Ball Grid Array Package(F)
unit : mm
A
A
B1
B1
B
B
C1
C1
C
C
D
D
E
E
E1
E1
E2
E2
R
R
Symbol
Symbol
--
--
5
5.90
.90
--
7
7.90
.90
0.
0.3
30
0
--
--
0.20
0.20
--
Min.
Min.
0.75
0.75
3.75
3.75
6
6.00
.00
5.25
5.25
8
8.00
.00
0.
0.3
35
5
1.00
1.00
0.75
0.75
0.25
0.25
--
Typ
Typ..
--
--
6
6.10
.10
--
8
8.10
.10
0.
0.4
40
0
1.10
1.10
--
0.30
0.30
0.08
0.08
Max.
Max.
B
B
C
C
TOP VIEW
TOP VIEW
A1 CORNER
A1 CORNER
INDEX AREA
INDEX AREA
E
E
E2
E2
SIDE VIEW
SIDE VIEW
C
C
A
A
5
5
R
R
D(DIAMETER)
D(DIAMETER)
3
3
E1
E1
SEATING PLANE
SEATING PLANE
4
4
A
A
B1
B1
C1
C1
BOTTOM VIEW
BOTTOM VIEW
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
6
6
5
5
4
4
3
3
2
2
1
1
A
A
C/2
C/2
B/2
B/2
A1 INDEX
A1 INDEX
MARK
MARK


Similar Part No. - HY64UD16162B-DF60I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY64UD16162M HYNIX-HY64UD16162M Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162M-DF70E HYNIX-HY64UD16162M-DF70E Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162M-DF70I HYNIX-HY64UD16162M-DF70I Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162M-DF85E HYNIX-HY64UD16162M-DF85E Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162M-DF85I HYNIX-HY64UD16162M-DF85I Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
More results

Similar Description - HY64UD16162B-DF60I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY64UD16162M HYNIX-HY64UD16162M Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64LD16162M HYNIX-HY64LD16162M Datasheet
349Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64SD16162B HYNIX-HY64SD16162B Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322A HYNIX-HY64UD16322A Datasheet
269Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322M HYNIX-HY64UD16322M Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
logo
Etron Technology, Inc.
EM566168 ETRON-EM566168 Datasheet
146Kb / 12P
   1M x 16 Pseudo SRAM
EM566169BC ETRON-EM566169BC Datasheet
130Kb / 15P
   1M x 16 Pseudo SRAM
logo
Integrated Circuit Solu...
IC66LV10016AL ICSI-IC66LV10016AL Datasheet
167Kb / 13P
   16M-BIT (1M-WORD BY 16-BIT) Low Power Pseudo SRAM
logo
Winbond
W964B6BBN WINBOND-W964B6BBN Datasheet
961Kb / 30P
   1M WORD X 16BIT LOW POWER PSEUDO SRAM
W963A6BBN WINBOND-W963A6BBN Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com