Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY64UD16322M Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY64UD16322M
Description  2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY64UD16322M Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY64UD16322M Datasheet HTML 1Page - Hynix Semiconductor HY64UD16322M Datasheet HTML 2Page - Hynix Semiconductor HY64UD16322M Datasheet HTML 3Page - Hynix Semiconductor HY64UD16322M Datasheet HTML 4Page - Hynix Semiconductor HY64UD16322M Datasheet HTML 5Page - Hynix Semiconductor HY64UD16322M Datasheet HTML 6Page - Hynix Semiconductor HY64UD16322M Datasheet HTML 7Page - Hynix Semiconductor HY64UD16322M Datasheet HTML 8Page - Hynix Semiconductor HY64UD16322M Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HY64UD16322M Series
4
Revision 1.7
March. 2002
Note 1. VIL=-1.5V for pulse width less than 10ns
Undershoot is sampled, not 100% tested.
RECOMMENDED DC OPERATING CONDITION
Symbol
Parameter
Min.
Vdd
Supply Voltage
2.7
Unit
V
Typ.
3.0
Max.
3.3
VSS
Ground
0
V
-
0
VIH
Input High Voltage
2.2
V
-
Vdd+0.3
VIL
Input Low Voltage
-0.31
V
-
0.6
DC ELECTRICAL CHARACTERISTICS
Vdd=2.7V~3.3V, TA= -25
°C to 85°C(E) / -40°C to 85°C(I)
CAPACITANCE
(Temp = 25
°C, f=1.0MHz)
Symbol
Parameter
CIN
Input Capacitance(Add, /CS1, CS2, /WE, /OE, /UB, /LB)
Unit
pF
Max.
8
Condition
VIN=0V
COUT
Output Capacitance(I/O)
pF
10
VI/O=0V
Note : These parameters are sampled and not 100% tested
Sym.
Parameter
Min.
ILI
Input Leakage Current
-1
Unit
µA
Typ.
-
Max.
1
Test Condition
VSS
≤VIN≤Vdd
ILO
Output Leakage Current
-1
µA
-
1
VSS
≤VOUT≤Vdd,
/CS1=VIH, CS2=VIH,
/OE=VIH or /WE=VIL
ICC
Operating Power Supply Current
-
mA
-
3
/CS1=VIL, CS2=VIH,
VIN=VIH or VIL, II/O=0mA
ICC1
Average Operating Current
-
mA
-
25
-
mA
-
5
/CS1
≤ 0.2V, CS2 ≥Vdd-0.2V,
VIN
≤0.2V or VIN≥Vdd-0.2V,
Cycle Time=1
µs.
100% Duty, II/O=0mA
ISB
TTL Standby Current
-
mA
-
0.5
/CS1,CS2=VIH or /UB,/LB= VIH
ISB1
Standby Current(CMOS Input)
-
µA
-
140
/CS1, CS2
Vdd-0.2V
or /UB,/LB
Vdd-0.2V
VOL
Output Low Voltage
-
V
-
0.4
IOL=2.1mA
VOH
Output High Voltage
2.4
V
-
-
IOH=-1.0mA
ICC2
IDPD
Deep Power Down Curent
-
µA
-
2
CS2
VSS+0.2V
70ns
-
µA
-
120
85ns
-
mA
-
20
/CS1=VIL, CS2=VIH,
VIN=VIH or VIL, Cycle Time=Min.
100% Duty, II/O=0mA
70ns
85ns


Similar Part No. - HY64UD16322M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY64UD16322A HYNIX-HY64UD16322A Datasheet
269Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322A-DF70E HYNIX-HY64UD16322A-DF70E Datasheet
269Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322A-DF70I HYNIX-HY64UD16322A-DF70I Datasheet
269Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322A-E HYNIX-HY64UD16322A-E Datasheet
269Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322A-I HYNIX-HY64UD16322A-I Datasheet
269Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
More results

Similar Description - HY64UD16322M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY64UD16322A HYNIX-HY64UD16322A Datasheet
269Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162M HYNIX-HY64UD16162M Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64SD16162B HYNIX-HY64SD16162B Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162B HYNIX-HY64UD16162B Datasheet
285Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64LD16162M HYNIX-HY64LD16162M Datasheet
349Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
logo
Etron Technology, Inc.
EM567168 ETRON-EM567168 Datasheet
121Kb / 12P
   2M x 16 Pseudo SRAM
EM567169BC ETRON-EM567169BC Datasheet
129Kb / 14P
   2M x 16 Pseudo SRAM
logo
Winbond
W963A6BBN WINBOND-W963A6BBN Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963L6ABN WINBOND-W963L6ABN Datasheet
1Mb / 30P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
logo
Integrated Circuit Solu...
IC66LV10016AL ICSI-IC66LV10016AL Datasheet
167Kb / 13P
   16M-BIT (1M-WORD BY 16-BIT) Low Power Pseudo SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com