Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELUMOATHQ2C12 Datasheet(PDF) 4 Page - ITT Industries

Part # ELUMOATHQ2C12
Description  Right Angle Illuminated Latching Pushbutton
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ELUMOATHQ2C12 Datasheet(HTML) 4 Page - ITT Industries

  ELUMOATHQ2C12 Datasheet HTML 1Page - ITT Industries ELUMOATHQ2C12 Datasheet HTML 2Page - ITT Industries ELUMOATHQ2C12 Datasheet HTML 3Page - ITT Industries ELUMOATHQ2C12 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ACTUATOR STYLE*
C02
BLACK WITHOUT WINDOW
C12
BLACK WITH WINDOW
.157
(3,99)
.197
(5,00)
.300
(7,62)
REF. SURFACE
.095 DIA.
.157
(3,99)
.197
(5,00)
.300
(7,62)
(2,41ø)
REF. SURFACE
C22
BLACK WITH WINDOW AND SNAP FEATURE TO ACCEPT CUSTOM CAP
FORCE TRAVEL DIAGRAM
A–6
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K ELUM
TM Series
Right Angle Illuminated Latching Pushbutton
Third Angle
Projection
TAPE & REEL
A
ACTUATOR POSITION
NO ACTUATION
FULL
ACTUATION
FORCE
FORCE
TRAVEL
LATCH
SWITCH
1
0
0
1
N.O.
N.C.
250g
75g
+
FULL ACTUATION
NO
ACTUATOR
SWITCH
ACTUATION
POSITION
FULL ACTUATION
.169
.020
4,3
0.5mm
.300
.020
.233
.020
7,6
0.5mm
5,9
0.5mm
LATCH
+
+
+
2,5
0.5mm
+
.100
.020
+
+
+
+
* Custom actuators available, please contact Customer Service.
0.030
(0,76)
.160
(4,06)
.190
(4,83)
.200
(5,08)
.080
(2,03)
.090
(2,29)
.131 DIA.
(3,33ø)
SNAP VIEW
SNAP DETAIL
.045
(1,14)
.080
(2,03)
.125
(3,18)
0.035
(0,89)
0.378
(9,60)
.025
(0,63)
.275
(6,99)
1.031
(26,19)
2.062
(52,37)
2.205
(56,01)
.157
(4,0)
.786
(19,96)
.079
(2,0)
.157
(4,0)
.059 DIA.
(1,50Ø)
ELONGATED HOLES
FEED DIRECTION


Similar Part No. - ELUMOATHQ2C12

ManufacturerPart #DatasheetDescription
logo
C&K Components
ELUMOATHQ6C12 CK-COMPONENTS-ELUMOATHQ6C12 Datasheet
303Kb / 5P
   Right Angle Illuminated Latching Pushbutton
More results

Similar Description - ELUMOATHQ2C12

ManufacturerPart #DatasheetDescription
logo
C&K Components
ELUM CK-COMPONENTS-ELUM_V01 Datasheet
578Kb / 5P
   Right Angle Illuminated Latching Pushbutton
logo
ITT Industries
ELUMQATHQC02 ITT-ELUMQATHQC02 Datasheet
275Kb / 4P
   Right Angle Illuminated Latching Pushbutton
logo
C&K Components
ELUMEESAQ7C12 CK-COMPONENTS-ELUMEESAQ7C12 Datasheet
303Kb / 5P
   Right Angle Illuminated Latching Pushbutton
logo
GREATECS
PB66 GREATECS-PB66 Datasheet
725Kb / 3P
   Illuminated Latching Pushbutton Switches
logo
C&K Components
PS-12G CK-COMPONENTS-PS-12G Datasheet
559Kb / 16P
   Latching pushbutton
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
   ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
   ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
   Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
   ILLUMINATED PUSHBUTTON
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
   Illuminated Pushbutton
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com