Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY64LD16162M-DF85E Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY64LD16162M-DF85E
Description  1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY64LD16162M-DF85E Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY64LD16162M-DF85E Datasheet HTML 3Page - Hynix Semiconductor HY64LD16162M-DF85E Datasheet HTML 4Page - Hynix Semiconductor HY64LD16162M-DF85E Datasheet HTML 5Page - Hynix Semiconductor HY64LD16162M-DF85E Datasheet HTML 6Page - Hynix Semiconductor HY64LD16162M-DF85E Datasheet HTML 7Page - Hynix Semiconductor HY64LD16162M-DF85E Datasheet HTML 8Page - Hynix Semiconductor HY64LD16162M-DF85E Datasheet HTML 9Page - Hynix Semiconductor HY64LD16162M-DF85E Datasheet HTML 10Page - Hynix Semiconductor HY64LD16162M-DF85E Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HY64LD16162M Series
8
Revision 1.7
March. 2002
Notes :
1. A write occurs during the overlap of low /CS1, low /WE and low /UB and/or /LB.
2. tWR is measured from the earlier of /CS1, /LB, /UB, or /WE going high to the end of write cycle.
3. During this period, I/O pins are in the output state so that the input signals of opposite phase to the output must not be applied.
4. If the /CS1, /LB and /UB low transition occur simultaneously with the /WE low transition or after the
/WE transition, outputs remain in a high impedance state.
5. /OE is continuously low (/OE=VIL)
6. Q(data out) is the invalid data.
7. Q(data out) is the read data of the next address.
8. tWHZ is defined as the time at which the outputs achieve the high impedance state.
It is not referenced to output voltage levels.
9. /CS1 in high for the standby, low for active. /UB and /LB in high for the standby, low for active.
10. Do not input data to the I/O pins while they are in the output state.
WRITE CYCLE 1 ( Note 1, 4, 5, 9, 10 ) ( /WE Controlled )
ADD
/CS1
CS2
/UB, /LB
/WE
Data Out
Data In
Vih
tWC
tCW
tBW
tWP
tWR(2)
Data Valid
tAW
tAS
High-Z
tDW
tDH
tWHZ(3,8)
tOW
(6)
(7)
WRITE CYCLE 2 ( Note 1, 4, 5, 9, 10 ) ( /CS1 Controlled )
ADD
/CS1
CS2
/UB, /LB
/WE
Data Out
Data In
Vih
tWC
tCW
tBW
tWP
tWR(2)
Data Valid
tAW
High-Z
tDW
tDH
High-Z
tAS


Similar Part No. - HY64LD16162M-DF85E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HY6410 ETC1-HY6410 Datasheet
199Kb / 2P
   Laser Diode Driver
logo
Hynix Semiconductor
HY64SD16162B HYNIX-HY64SD16162B Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64SD16162B-DF85E HYNIX-HY64SD16162B-DF85E Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64SD16162B-DF85I HYNIX-HY64SD16162B-DF85I Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64SD16162B-E HYNIX-HY64SD16162B-E Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
More results

Similar Description - HY64LD16162M-DF85E

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY64UD16162M HYNIX-HY64UD16162M Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162B HYNIX-HY64UD16162B Datasheet
285Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64SD16162B HYNIX-HY64SD16162B Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322A HYNIX-HY64UD16322A Datasheet
269Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322M HYNIX-HY64UD16322M Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
logo
Etron Technology, Inc.
EM566168 ETRON-EM566168 Datasheet
146Kb / 12P
   1M x 16 Pseudo SRAM
EM566169BC ETRON-EM566169BC Datasheet
130Kb / 15P
   1M x 16 Pseudo SRAM
logo
Integrated Circuit Solu...
IC66LV10016AL ICSI-IC66LV10016AL Datasheet
167Kb / 13P
   16M-BIT (1M-WORD BY 16-BIT) Low Power Pseudo SRAM
logo
Winbond
W964B6BBN WINBOND-W964B6BBN Datasheet
961Kb / 30P
   1M WORD X 16BIT LOW POWER PSEUDO SRAM
W963A6BBN WINBOND-W963A6BBN Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com