Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELUMEESAQC12 Datasheet(PDF) 1 Page - ITT Industries

Part # ELUMEESAQC12
Description  Right Angle Illuminated Latching Pushbutton
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ELUMEESAQC12 Datasheet(HTML) 1 Page - ITT Industries

  ELUMEESAQC12 Datasheet HTML 1Page - ITT Industries ELUMEESAQC12 Datasheet HTML 2Page - ITT Industries ELUMEESAQC12 Datasheet HTML 3Page - ITT Industries ELUMEESAQC12 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Features/Benefits
SPDT (N.O. & N.C.)
Low height above PCB
Reliable self-cleaning contact
Surface-mount or thru-hole PCB
Standard or custom actuator
Central LED illumination
Latching or Momentary
Long travel. Smooth feel
RoHS compliant and compatible
Typical Applications
Telecom network equipment
Automotive electronics
Consumer electronics
Computer, server, modem,
data storage
Professional instrumentation,
medical
Materials
FIXED CONTACTS AND TERMINALS: Stainless steel,
silver plated with gold flash (STD.)
MOVABLE CONTACTS: Copper alloy, silver plated with
gold flash (STD.)
BASE: Glass filled LCP (UL94V-0)
ACTUATOR: Glass filled nylon 4/6 (UL94V-0)
COVER: Stainless steel
Electrical
MAXIMUM POWER: 3.5 VA
MIN./MAX. VOLTAGE: 20 mV – 50 VDC
MIN./MAX. CURRENT: 0.01 mA – 250 mA
DIELECTRIC STRENGTH:
≥ 250 Vrms
CONTACT RESISTANCE:
≤ 50 mΩ
INSULATION RESISTANCE:
≥ 109
BOUNCE TIME:
≤1 ms
LED SPECIFICATIONS: See page A-5
Mechanical
OPERATING FORCE: 2.5 N at Full Travel
SWITCHING TRAVEL: .067" (1.7 mm)
LATCH TRAVEL: .131" (3.6 mm)
FULL TRAVEL: .200" (5.1 mm)
Operating Environment
OPERATING TEMPERATURE: -40˚C TO 85˚C.
STORAGE TEMPERATURE: -40˚C TO 85˚C.
RELATIVE HUMIDITY: 90% R.H. @ 85˚C.
OPERATING LIFE: 30,000 Cycles.
VIBRATION: Per EIA 186-E Methods 7 & 8
MECHANICAL SHOCK: Per EIA 186-E Method 12.
OVERLOAD: Withstands 40 N for 1 minute without damage
Process Environment
SOLDERABILITY: According to Mil STD 202F Method 208D or EIA RS-
186E Method 9.
LEAD FREE PROCESS COMPATIBLE: 260˚C peak, 10 seconds Max.
above 250º C.
WASHING PROCESS: No clean process compatible (SMT)
Bottom wash compatible (Thru-hole)
SHEAR TEST (SWITCH/PCB): > 40 N
Packaging
“SA” Terminal Style SMT: Tape and reel per EIA 481-2 (450/reel)
“TH” Terminal Style PC: Tray (60/tray)
NOTE: Any models supplied with Q, contact material are RoHS compliant.
For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, please contact Customer Service.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box.
Designation
ELUM ELUM Series
Switch Function
OA Momentary
EE Latching (push-push)
Terminal Style
TH Right Angle, PC thru-hole
SA Right Angle, surface mount
Illumination
(NONE) Models without illumination
1
LED White
2
LED Bi-color – Red (Green)
3
LED Red
5
LED Amber
6
LED Green
7
LED Blue
8
LED Bi-Color – Amber (Green)
Actuator Style**
C02
Black without window
C12
Black with window
C22
Black with window and snap
feature for custom actuators
Contact Material*
Q
Silver with gold flash
M
U
Q
L
E
A–3
* Other plating options available, please contact Customer Service.
** Custom actuators available, please contact Customer Service.
Patent Number
6,974,924 B2
LEAD FREE
COMPATIBLE OPTION
A
C&K ELUM
TM Series
Right Angle Illuminated Latching Pushbutton
NEW!


Similar Part No. - ELUMEESAQC12

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ELUMEESAQC12 ITT-ELUMEESAQC12 Datasheet
275Kb / 4P
   Right Angle Illuminated Latching Pushbutton
More results

Similar Description - ELUMEESAQC12

ManufacturerPart #DatasheetDescription
logo
C&K Components
ELUM CK-COMPONENTS-ELUM_V01 Datasheet
578Kb / 5P
   Right Angle Illuminated Latching Pushbutton
logo
ITT Industries
ELUMQATHQC02 ITT-ELUMQATHQC02 Datasheet
275Kb / 4P
   Right Angle Illuminated Latching Pushbutton
logo
C&K Components
ELUMEESAQ7C12 CK-COMPONENTS-ELUMEESAQ7C12 Datasheet
303Kb / 5P
   Right Angle Illuminated Latching Pushbutton
logo
GREATECS
PB66 GREATECS-PB66 Datasheet
725Kb / 3P
   Illuminated Latching Pushbutton Switches
logo
C&K Components
PS-12G CK-COMPONENTS-PS-12G Datasheet
559Kb / 16P
   Latching pushbutton
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
   ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
   ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
   Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
   ILLUMINATED PUSHBUTTON
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
   Illuminated Pushbutton
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com