Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62UF16806A-I Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY62UF16806A-I
Description  512Kx16bit full CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62UF16806A-I Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY62UF16806A-I Datasheet HTML 3Page - Hynix Semiconductor HY62UF16806A-I Datasheet HTML 4Page - Hynix Semiconductor HY62UF16806A-I Datasheet HTML 5Page - Hynix Semiconductor HY62UF16806A-I Datasheet HTML 6Page - Hynix Semiconductor HY62UF16806A-I Datasheet HTML 7Page - Hynix Semiconductor HY62UF16806A-I Datasheet HTML 8Page - Hynix Semiconductor HY62UF16806A-I Datasheet HTML 9Page - Hynix Semiconductor HY62UF16806A-I Datasheet HTML 10Page - Hynix Semiconductor HY62UF16806A-I Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HY62UF16806A
Rev.03/Mar. 2002
7
Notes:
1. A write occurs whenever a low on the /WE while /UB and/or /LB and /CS1 and
CS2 are in active state.
2. tWR is measured from the earlier of /CS1, /LB, /UB, or /WE going high or CS2 going low to the
end of write cycle.
3. During this period, I/O pins are in the output state so that the input signals of opposite phase to the
output must not be applied.
4. If the /CS1, /LB and /UB low transition and CS2 high transition occur simultaneously with the /WE low
transition or after the /WE transition, outputs remain in a high impedance state.
5. Q(data out) is the same phase with the write data of this write cycle.
6. Q(data out) is the read data of the next address.
7. Transition is measured + 200mV from steady state.
This parameter is sampled and not 100% tested.
8. /CS1 in high for the standby, low for active
CS2 in low for the standby, high for active.
/UB and /LB in high for the standby, low for active
DATA RETENTION ELECTRIC CHARACTERISTIC
TA = 0
°C to 70°C / -40°C to 85°C
Symbol
Parameter
Test Condition
Min
Typ
1.
Max
Unit
VDR
Vcc for Data Retention
/CS1 > Vcc - 0.2V or
CS2 < Vss + 0.2V or
/UB, /LB > Vcc - 0.2V,
VIN > Vcc - 0.2V or
VIN < Vss + 0.2V
1.2
-
3.3
V
SL
-
-
8
uA
Iccdr
Data Retention Current
Vcc=1.5V,
/CS1 > Vcc - 0.2V or
CS2 < Vss + 0.2V or
/UB, /LB > Vcc - 0.2V
VIN > Vcc - 0.2V or
VIN < Vss + 0.2V
LL
-
-
15
uA
tCDR
Chip Deselect to Data
Retention Time
0
-
-
ns
tR
Operating Recovery Time
See Data Retention Timing Diagram
tRC
-
-
ns
Notes:
1. Typical values are under the condition of TA = 25
°C .
2. tRC is read cycle time.
DATA RETENTION TIMING DIAGRAM 1
/CS1
VDR
CS1>VCC-0.2V
tCDR
tR
VSS
VCC
2.7V
VIH
DATA RETENTION MODE


Similar Part No. - HY62UF16806A-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62UF16806B HYNIX-HY62UF16806B Datasheet
341Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16806B-C HYNIX-HY62UF16806B-C Datasheet
341Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16806B-DFC HYNIX-HY62UF16806B-DFC Datasheet
341Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16806B-DFI HYNIX-HY62UF16806B-DFI Datasheet
341Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16806B-I HYNIX-HY62UF16806B-I Datasheet
341Kb / 11P
   512Kx16bit full CMOS SRAM
More results

Similar Description - HY62UF16806A-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16806A HYNIX-HY62SF16806A Datasheet
208Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16806B HYNIX-HY62UF16806B Datasheet
341Kb / 11P
   512Kx16bit full CMOS SRAM
HY62LF16806B HYNIX-HY62LF16806B Datasheet
324Kb / 11P
   512Kx16bit full CMOS SRAM
HY62LF16806A HYNIX-HY62LF16806A Datasheet
219Kb / 11P
   512Kx16bit full CMOS SRAM
HY62SF16804A HYNIX-HY62SF16804A Datasheet
202Kb / 10P
   512Kx16bit full CMOS SRAM
HY62UF16800B HYNIX-HY62UF16800B Datasheet
340Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16804A HYNIX-HY62UF16804A Datasheet
201Kb / 10P
   512Kx16bit full CMOS SRAM
HY62UF16804B HYNIX-HY62UF16804B Datasheet
197Kb / 10P
   512Kx16bit full CMOS SRAM
logo
Nel Frequency Controls,...
HY62LF16804A NEL-HY62LF16804A Datasheet
148Kb / 10P
   512Kx16bit full CMOS SRAM
logo
Hynix Semiconductor
HY62SF16806B HYNIX-HY62SF16806B Datasheet
314Kb / 11P
   512Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com