Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E112LYR2BE Datasheet(PDF) 5 Page - ITT Industries

Part # E112LYR2BE
Description  Sealed Momentary Pushbutton Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

E112LYR2BE Datasheet(HTML) 5 Page - ITT Industries

  E112LYR2BE Datasheet HTML 1Page - ITT Industries E112LYR2BE Datasheet HTML 2Page - ITT Industries E112LYR2BE Datasheet HTML 3Page - ITT Industries E112LYR2BE Datasheet HTML 4Page - ITT Industries E112LYR2BE Datasheet HTML 5Page - ITT Industries E112LYR2BE Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
A–48
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K E010 Series
Sealed Momentary Pushbutton Switches
CONTACT MATERIAL
SEAL
AVAILABLE HARDWARE
.200 DIA.
(5,08 )
.120
(3,05)
.155
(3,94)
E
EPOXY SEAL
Cap
PART NO.
708901000
WHITE
708902000
BLACK
708903000
RED
Material: Nylon
Finish: Gloss
Cap
PART NO.
752701000
WHITE
752702000
BLACK
752703000
RED
Material: Nylon
Finish: Gloss
Cap
PART NO.
801801000
WHITE
801802000
BLACK
801803000
RED
Material: Nylon
Finish: Gloss
NOTE: Additional nuts, locking rings and lockwashers available separately, see section “Technical Data and Additional Hardware”.
Other cap colors available, consult Customer Service Center.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Coin silver, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACTS & ALL TERMINALS: Copper alloy, silver plated.
6 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate.
7 TERMINALS: Copper alloy, with matte-tin over nickel plate.
NOTE: Any models supplied with P, Q, B or G contact material are RoHS compliant. For
the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
All models
with all options when ordered with G or Q contact material.
B contact material standard with all terminations except C, Z.
B contact material must be ordered with R2 terminations.
Q contact material standard with C, Z terminations.
K, P contact materials not available with Z terminations.
A
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATINGS
GOLD 1
GOLD 3
GOLD 1
TIN-LEAD 6
MATTE-TIN 7
LOW LEVEL/DRY CIRCUIT
LOW LEVEL/DRY CIRCUIT OR POWER
0.4 VA MAX. @ 20 V AC OR DC MAX.
4 AMPS @ 125 V AC 0R 28 V DC.
B
K
P
Q
G
GOLD OVER SILVER 2,3
SILVER 4,5
SILVER 5
POWER
0.4 VA MAX. @ 20 V AC OR DC MAX. OR
4 AMPS @ 125 V AC 0R 28 V DC.
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
YES
NO
YES
YES
YES
YES
YES
YES
YES
YES


Similar Part No. - E112LYR2BE

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E112 GILWAY-E112 Datasheet
1Mb / 17P
   Miniature LEDs
logo
MicroPower Direct, LLC
E112 MPD-E112 Datasheet
160Kb / 2P
   Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
Pulse A Technitrol Comp...
E112 PULSE-E112 Datasheet
261Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
E112 PULSE-E112 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
3M Electronics
E1120 3M-E1120 Datasheet
1Mb / 6P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive
More results

Similar Description - E112LYR2BE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
   Sealed Momentary Pushbutton Switches
17 Mar 22
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
logo
List of Unclassifed Man...
ISR3SAD300 ETC2-ISR3SAD300 Datasheet
331Kb / 4P
   Sealed pushbutton switches - bushing 12 mm - momentary
ISR3SAD200 ETC2-ISR3SAD200 Datasheet
343Kb / 5P
   Sealed pushbutton switches - bushing 12 mm - momentary
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
   Momentary Pushbutton Switches with LED
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com