Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDR128128 Datasheet(PDF) 5 Page - Hantronix,Inc

Part # HDR128128
Description  128x128 GRAPHICS OLED DISPLAY MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDR128128 Datasheet(HTML) 5 Page - Hantronix,Inc

  HDR128128 Datasheet HTML 1Page - Hantronix,Inc HDR128128 Datasheet HTML 2Page - Hantronix,Inc HDR128128 Datasheet HTML 3Page - Hantronix,Inc HDR128128 Datasheet HTML 4Page - Hantronix,Inc HDR128128 Datasheet HTML 5Page - Hantronix,Inc HDR128128 Datasheet HTML 6Page - Hantronix,Inc HDR128128 Datasheet HTML 7Page - Hantronix,Inc HDR128128 Datasheet HTML 8Page - Hantronix,Inc HDR128128 Datasheet HTML 9Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HANTRONIX, INC.
10080 BUBB RD.
CUPERTINO, CA 95014
DATE:
Q.A.:
REV.:
SHEET5 OF9
JK
0.9
4. ELECTRO-OPTICAL CHARATERISTICS OF MODULE
GENERAL ELECTRICAL SPECIFICATION
Average Luminance
45cd/m
2
Forward Voltage
9V
Duty
1/128
Frame Rate
PULSED ELECTRICAL AND OPTICAL SPECIFICATIONS
PARAMETER
MIN
TYP.
MAX
UNITS
COMMENTS
Forward Voltage
9
V
Initial
Ivp
(20)
(30)
mA
all pixels on
Ivcc
(26)
(30)
mA
all pixels on
Whole module
Emissive Power
Consumption
(180)
(270)
mW
All pixels on
Pixel Luminance
(40)
(45)
cd/m
2
Display Average
Peak Emission
Frequency
524
nm
Green
Emission Frequency
Range
503-553
nm
1/2 max intensity
Pixel Color coordinates
0.23
0.62
0.28
0.67
0.30
0.71
x,y(CIE 1931)
Dark Room Contrast
>1:100
Viewing Angle Uniformity >160
degree
Note:Optical Measurment taken at 1/128 duty,
Frame rate with PT0253&
PT0250 Driver IC and BVR=1K,DVR=
? .
120 Hz
120 Hz
120 Hz
HDR128128
11/13/02


Similar Part No. - HDR128128

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDR128128-Y-W HANTRONIX-HDR128128-Y-W Datasheet
2Mb / 26P
   OLED DISPLAY MODULE
HDR128128-YW HANTRONIX-HDR128128-YW Datasheet
195Kb / 1P
   Dimensional Drawing
More results

Similar Description - HDR128128

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HDR12864 ETC-HDR12864 Datasheet
81Kb / 9P
   128x64 GRAPHICS OLED DISPLAY MODULE
logo
Newhaven Display Intern...
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
   OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
   OLED Display Module
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
   OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
   OLED Display Module
logo
Crystalfontz America, I...
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
   OLED DISPLAY MODULE
CFAL128128A0-015W CRYSTAIFONTZ-CFAL128128A0-015W Datasheet
443Kb / 13P
   OLED DISPLAY MODULE
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
   OLED DISPLAY MODULE
logo
Newhaven Display Intern...
NHD-0216SZW-BG5 NEWHAVEN-NHD-0216SZW-BG5 Datasheet
558Kb / 21P
   OLED Display Module
NHD-0216SZW-BY5 NEWHAVEN-NHD-0216SZW-BY5 Datasheet
558Kb / 21P
   OLED Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com