Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D99-516E2P2B2M1 Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # D99-516E2P2B2M1
Description  Ruggedized 5.0 Display Head Assembly with Backlight
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

D99-516E2P2B2M1 Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button D99-516E2P2B2M1 Datasheet HTML 2Page - White Electronic Designs Corporation D99-516E2P2B2M1 Datasheet HTML 3Page - White Electronic Designs Corporation D99-516E2P2B2M1 Datasheet HTML 4Page - White Electronic Designs Corporation D99-516E2P2B2M1 Datasheet HTML 5Page - White Electronic Designs Corporation D99-516E2P2B2M1 Datasheet HTML 6Page - White Electronic Designs Corporation D99-516E2P2B2M1 Datasheet HTML 7Page - White Electronic Designs Corporation D99-516E2P2B2M1 Datasheet HTML 8Page - White Electronic Designs Corporation D99-516E2P2B2M1 Datasheet HTML 9Page - White Electronic Designs Corporation D99-516E2P2B2M1 Datasheet HTML 10Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
D99-516E2P2B2M1
8
Display Systems Division • Hillsboro, OR • (503) 690-2460 • www.wedc.com
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
June, 2004
Rev. 3
White Electronic Designs
Display Systems Division
Pin
Symbol
Input/
Output
Description
1
VB2
Input
Video Signal - Blue
2
GND
Input
Ground
3
VR2
Input
Video Signal - Red
4
VG2
Input
Video Signal - Green
5
VB1
Input
Video Signal - Blue
6
VSL
Input
Negative Power Supply Voltage (-12V)
7
VR1
Input
Video Signal - Red
8
VG1
Input
Video Signal - Green
9
VBS
Input
NTSC Video/Composite Sync (RS170 timing)
10
CRM
Input
Chrominance Signal for Y/C video
Chrominance Input when VSW = L and
Composite Video when H
11
CLKC
Input
Clock Selection
12
VSH
Input
Positive Power Supply (+12V)
13
VSW
Input
Video Input Mode Select (See Chart)
High = RGB1; Low = RGB2
14
GND
Input
Ground
15
SAM
Input
Sampling Order for RGB
Low = Simultaneous, High = Independent
16
VMS
Input
Video Input Mode Select (See Chart)
Low = Composite or Y/C Video; High = RGB Video
17
CLK
Input
Dot Clock
18
N/P
Input
RGB Display Modes (NTSC or PAL)
19
HSY
I/O
Horizontal Sync. Low TTL
20
VSY
I/O
Vertical Sync. Low TTL
SIGNAL DEFINITION
CONNECTOR TYPE
The replacement interface for the LQ6FW315 glass uses
a 2mm 20 pin Molex right angle connector for the video,
power, and clock inputs. This interface supports both NTSC
Composite, S Video, and RGB depending on how the video
select channels are biased (see chart).
20 pin shrouded right angle Molex connector with 30µ" gold:
P/N 87333-2021. Arrow denotes pin 1 (Note picture is not
actual connector, for pin reference only).
Video
Select
Terminal
VSW
VSM
RGB-1
High
High
RGB-2
Low
High
NTSC
High
Low
S-video
Low
Low
VIDEO SELECT
Terminal
CLKC=H
CLKC=L
SAM=H
SAM=L
SAM=H
SAM=L
HSY
Output
Output
Input
Input
VSY
Output
Output
Input
Input
CLK
Output
Low
Output
Dot Clock
Input
Pixel
Clock
Input
Dot Clock
CLOCK SELECT
Pin 1
Pin 2


Similar Part No. - D99-516E2P2B2M1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
D99-6F5E2P1B3M0 WEDC-D99-6F5E2P1B3M0 Datasheet
308Kb / 10P
   RUGGEDIZED 5.6 DISPLAY HEAD ASSEMBLY w/ BACKLIGHT (320 x 234)
More results

Similar Description - D99-516E2P2B2M1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
D99-6F5E2P1B3M0 WEDC-D99-6F5E2P1B3M0 Datasheet
308Kb / 10P
   RUGGEDIZED 5.6 DISPLAY HEAD ASSEMBLY w/ BACKLIGHT (320 x 234)
logo
Axiomtek Co., Ltd.
GOT5152T-832 AXIOMTEK-GOT5152T-832_17 Datasheet
693Kb / 2P
   15 XGA TFT LCD display with LED backlight
GOT5840T-845 AXIOMTEK-GOT5840T-845 Datasheet
400Kb / 2P
   8.4 SVGA TFT LCD display with LED backlight
GOT5100T-832 AXIOMTEK-GOT5100T-832_17 Datasheet
493Kb / 2P
   10.4 SVGA TFT LCD display with LED backlight
logo
Micro Electronics
2021-1G MICRO-ELECTRONICS-2021-1G Datasheet
35Kb / 1P
   LED BACKLIGHT FOR LCD DISPLAY
3291G MICRO-ELECTRONICS-3291G Datasheet
41Kb / 1P
   LED BACKLIGHT FOR LCD DISPLAY
B2A16LY MICRO-ELECTRONICS-B2A16LY Datasheet
39Kb / 1P
   LED BACKLIGHT FOR LCD DISPLAY
1620G MICRO-ELECTRONICS-1620G Datasheet
37Kb / 1P
   LED BACKLIGHT FOR LCD DISPLAY
2421G MICRO-ELECTRONICS-2421G Datasheet
43Kb / 1P
   LED BACKLIGHT FOR LCD DISPLAY
1623Y MICRO-ELECTRONICS-1623Y Datasheet
39Kb / 1P
   LED BACKLIGHT FOR LCD DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com