Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPX2NA-67MSAW8S34B-02 Datasheet(PDF) 2 Page - ITT Industries

Part # DPX2NA-67MSAW8S34B-02
Description  Rack and Panel Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DPX2NA-67MSAW8S34B-02 Datasheet(HTML) 2 Page - ITT Industries

  DPX2NA-67MSAW8S34B-02 Datasheet HTML 1Page - ITT Industries DPX2NA-67MSAW8S34B-02 Datasheet HTML 2Page - ITT Industries DPX2NA-67MSAW8S34B-02 Datasheet HTML 3Page - ITT Industries DPX2NA-67MSAW8S34B-02 Datasheet HTML 4Page - ITT Industries DPX2NA-67MSAW8S34B-02 Datasheet HTML 5Page - ITT Industries DPX2NA-67MSAW8S34B-02 Datasheet HTML 6Page - ITT Industries DPX2NA-67MSAW8S34B-02 Datasheet HTML 7Page - ITT Industries DPX2NA-67MSAW8S34B-02 Datasheet HTML 8Page - ITT Industries DPX2NA-67MSAW8S34B-02 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MIL-C-81659 Rack and Panel Connectors
DPXNA/DPXNE
Insert Designator Number
Performance and Material Specifications
MATERIALS AND FINISHES
ELECTRICAL
Contact
size
12
16
20
22
.135 (3.43)
.103 (2.62)
.071 (1.80)
.054 (1.37)
12
14
16
18
20
20
22
24
22
24
26
Note - The maximum contact resistance listed above is with sliver plated wire.
23.0
17.0
13.0
-
7.5
7.5
-
3.0
5.0
-
2.0
23.0
17.0
13.0
-
-
7.5
-
3.0
5.0
-
2.0
63
60
68
-
75
83
-
68
110
-
80
Wire
Size
Insulation O.D.
Limits (Inch)
Max.
Test Current
per Mil-C-39029
Max. Current
for Tests
(Amps)
(Mil-C-39029)
Description
Shell
Aluminum alloy
Cadmium plating, Type II, Class 3/QQ-P-416 with
yellow chromate finish (underplating may be used)
None
None
Gold plate per MIL-G-45204, Type 1, Grade C,
Class 1 with suitable underplating (silver not used)
Anodize, blue color
Same as shell
Cadmium Plating
None
Cadmium plating
None
Cadmium plating
Cadmium plating
Aluminum alloy
Aluminum alloy
Stainless steel
Stainless Steel
Zinc (die cast )
Nickel Silver
Brass
Phosphor Bronze
Thermoplastic or thermosetting plastic
Silicone rubber (ITT Cannon Blend)
Copper alloy
Insulators
Elastomers
Contacts
Insulator Retaining Plate
Junction Shells
(Not available for four gang)
Clinch Nuts
Float Mounts
Polarizing Posts
Polarizing Keys & Retaining Plate
Screws
Lockwashers
Material
Finish
DPX3NA/DPX3NE
MS3157
ITTC
Side A
Side B
Side C
MS3157
ITTC
Side A
Side B
Side C
MS3157 ITTC
Side A
Side B
Side C
Side D
MS3157 ITTC Side A
Side B
Side C
Side D
0005
0006
0013
0014
0021
0022
0029
0030
0037
0038
0045
0046
0065
78M
78M
120M
120M
135M
135M
171M
171M
201M
201M
A318
A318
24M
26MP
26MS
40MP
40MS
45MP
45MS
57MP
57MS
67MP
67MS
A106P
A106S
W8MP
26MP
26MS
40MP
40MS
45MP
45MS
57MP
57MS
67MP
67MS
A106P
A106S
W8MP
26MP
26MS
40MP
40MS
45MP
45MS
57MP
57MS
67MP
67MS
A106P
A106S
W8MP
0066
0067
0068
0073
0074
0075
0076
0079
0080
0091
0092
0157
0158
24M
122M
122M
142M
142M
240M
240M
A240M
A240M
279M
279M
244M
244M
W8MS
W8MP
W8MS
67MP
67MS
67MP
67MS
67MP
67MS
A106S
A106P
A106S
A106P
W8MS
W8MP
W8MS
67MP
67MS
67MP
67MS
A106S
A106P
A106S
A106P
A106S
A106P
W8MS
A106S
A106P
W8MP
W8MS
A106S
A106P
67MP
67MS
67MP
67MS
32W4MP
32W4MS
0007
0008
0015
0016
0023
0024
0031
0032
0039
0040
0047
0048
104M
104M
160M
160M
180M
180M
228M
228M
268M
268M
A424
A424
26MP
26MS
40MP
40MS
45MP
45MS
57MP
57MS
67MP
67MS
A106P
A106S
26MP
26MS
40MP
40MS
45MP
45MS
57MP
57MS
67MP
67MS
A106P
A106S
26MP
26MS
40MP
40MS
45MP
45MS
57MP
57MS
67MP
67MS
A106P
A106S
26MP
26MS
40MP
40MS
45MP
45MS
57MP
57MS
67MP
67MS
A106P
A106S
0063
0064
0085
0086
0095
0096
0097
0098
0099
0100
0101
0102
95M
95M
150M
150M
326M
326M
287M
287M
189M
189M
346M
346M
10W3MP
10W3MS
W8MP
W8MS
A106S
A106P
A106S
A106P
A106S
A106P
A106S
A106P
10W3MP
10W3MS
W8MP
W8MS
W8MP
W8MS
67MP
67MS
67MP
67MS
A106S
A106P
W8MP
W8MS
67MP
67MS
A106S
A106P
A106S
A106P
W8MP
W8MS
67MP
67MS
67MP
67MS
67MP
67MS
A106S
A106P
W8MP
W8MS
W8MP
W8MS
67MP
67MS
DPX4NA/DPX4NE
Max. Potential
Drop
(Millivolts)
at 25 C
www.ittcannon.com
26
Dimensions are shown in inches (millimeters).
Dimensions subject to change.


Similar Part No. - DPX2NA-67MSAW8S34B-02

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPX2NA-67MSA106P-34B-00 ITT-DPX2NA-67MSA106P-34B-00 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPX2NA-67MSA106P-34B-01 ITT-DPX2NA-67MSA106P-34B-01 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPX2NA-67MSA106P-34B-23 ITT-DPX2NA-67MSA106P-34B-23 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
More results

Similar Description - DPX2NA-67MSAW8S34B-02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
   Rack and Panel Filter Connectors
logo
Vishay Siliconix
G16P-AB VISHAY-G16P-AB Datasheet
375Kb / 2P
   Rack and Panel Connectors Side Mount
Revision: 08-Feb-07
SM20 VISHAY-SM20 Datasheet
216Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 15-Feb-07
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
01-Jan-2022
A20 VISHAY-A20_V01 Datasheet
459Kb / 3P
   Rack and Panel Connectors Side Mount
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com