Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

115-T-7121TPA Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # 115-T-7121TPA
Description  Digital Satellite Network Interface Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

115-T-7121TPA Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button 115-T-7121TPA Datasheet HTML 4Page - Hynix Semiconductor 115-T-7121TPA Datasheet HTML 5Page - Hynix Semiconductor 115-T-7121TPA Datasheet HTML 6Page - Hynix Semiconductor 115-T-7121TPA Datasheet HTML 7Page - Hynix Semiconductor 115-T-7121TPA Datasheet HTML 8Page - Hynix Semiconductor 115-T-7121TPA Datasheet HTML 9Page - Hynix Semiconductor 115-T-7121TPA Datasheet HTML 10Page - Hynix Semiconductor 115-T-7121TPA Datasheet HTML 11Page - Hynix Semiconductor 115-T-7121TPA Datasheet HTML 12Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Page 10 of 12
Digital Satellite NIM Specification 1.2
Feb. 2001
Fig. 1 RF Tuner Block Diagram(ZIF version)
90
0
0
0
PLL
Q
I
LPF
LNB
LNB B
AGC from LINK IC
LPF
MITEL SL1925
SP5769


Similar Part No. - 115-T-7121TPA

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
115-000-01-50 MARL-115-000-01-50 Datasheet
276Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
logo
List of Unclassifed Man...
115-0014 ETC2-115-0014 Datasheet
2Mb / 54P
   standard straight tips
115-0015 ETC2-115-0015 Datasheet
2Mb / 54P
   standard straight tips
logo
JFW Industries, Inc.
115-002 JFW-115-002 Datasheet
25Kb / 1P
   ADAPTER
115-002 JFW-115-002_18 Datasheet
159Kb / 1P
   50 Ohms nominal
More results

Similar Description - 115-T-7121TPA

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Gamewell-FCI by Honeywe...
INI-7100-UTP GAMEWELL-FCI-INI-7100-UTP Datasheet
115Kb / 2P
   Intelligent Network Interface Module
logo
NXP Semiconductors
CX24109 NXP-CX24109 Datasheet
259Kb / 40P
   Digital Satellite Tuner
Rev. 01-13 November 2008
logo
List of Unclassifed Man...
U60 ETC2-U60 Datasheet
872Kb / 2P
   IzoTTM U60 FT Network Interface Module
logo
Prosoft-Technology
MVI69-MCM PROSOFT-MVI69-MCM Datasheet
405Kb / 3P
   Modbus Master/Slave Network Interface Module
logo
Synaptics Incorporated.
CX24109 CONEXANT-CX24109 Datasheet
161Kb / 2P
   Digital Satellite Tuner
logo
Zarlink Semiconductor I...
MT9173 ZARLINK-MT9173 Datasheet
613Kb / 28P
   Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
logo
Mitel Networks Corporat...
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
EnOcean GmbH.
U70-PL-20 ENOCEAN-U70-PL-20 Datasheet
464Kb / 2P
   Network Interface
DS-20001 rev 09/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com