Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29DL162BT-90I Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HY29DL162BT-90I
Description  16 Megabit (2M x 8/1M x16) Low Voltage, Dual Bank, Simultaneous Read/Write Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29DL162BT-90I Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HY29DL162BT-90I Datasheet HTML 2Page - Hynix Semiconductor HY29DL162BT-90I Datasheet HTML 3Page - Hynix Semiconductor HY29DL162BT-90I Datasheet HTML 4Page - Hynix Semiconductor HY29DL162BT-90I Datasheet HTML 5Page - Hynix Semiconductor HY29DL162BT-90I Datasheet HTML 6Page - Hynix Semiconductor HY29DL162BT-90I Datasheet HTML 7Page - Hynix Semiconductor HY29DL162BT-90I Datasheet HTML 8Page - Hynix Semiconductor HY29DL162BT-90I Datasheet HTML 9Page - Hynix Semiconductor HY29DL162BT-90I Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
r1.3/June 01
HY29DL162/HY29DL163
CONVENTIONS
Unless otherwise noted, a positive logic (active
High) convention is assumed throughout this docu-
ment, whereby the presence at a pin of a higher,
more positive voltage (V
IH) causes assertion of the
signal. A ‘#’ symbol following the signal name,
e.g., RESET#, indicates that the signal is asserted
in the Low state (V
IL).
See DC specifications for
V
IH and VIL values.
Whenever a signal is separated into numbered
bits, e.g., DQ[7], DQ[6], ..., DQ[0], the family of
bits may also be shown collectively, e.g., as
DQ[7:0].
The designation 0xNNNN (N = 0, 1, 2, . . . , 9, A, .
. . , E, F) indicates a number expressed in hexadeci-
mal notation. The designation 0bXXXX indicates a
number expressed in binary notation (X = 0, 1).
MEMORY ARRAY ORGANIZATION
The 16 Mbit Flash memory array is organized into
39 blocks called sectors (S0, S1, . . . , S38). A
sector or several contiguous sectors are defined
as a sector group. A sector is the smallest unit
that can be erased and a sector group is the small-
est unit that can be protected to prevent acciden-
tal or unauthorized erasure.
Sectors are also
combined into two ‘super’ groups designated as
banks.
In the HY29DL16x, eight of the sectors, which com-
prise the boot block, are sized at eight Kbytes (four
Kwords), while the remaining 31 sectors are sized
at 64 Kbytes (32 Kwords). The boot block can be
located at the bottom of the address range
(HY29DL16xB) or at the top of the address range
(HY29DL16xT).
Tables 1 and 2 define the sector addresses and
corresponding array address ranges for the top
and bottom boot block versions of the HY29DL16x.
Table 3 specifies the bank organizations and cor-
responding bank addresses. See Tables 7 and 8
for sector group definitions.
Secured Sector Flash Memory Region
The Secured Sector (Sec2) feature provides a 64
Kbyte (32 Kword) Flash memory region that en-
ables permanent part identification through an
Electronic Serial Number (ESN). An associated
‘Sec2 Indicator’ bit, which is permanently set at
the factory and cannot be changed, indicates
whether or not the Sec2 is locked when shipped
from the factory.
The device is offered with the Sec2 either factory
locked or customer lockable. The factory-locked
version is always protected when shipped from
the factory, and has the Sec2 Indicator bit perma-
nently set to a ‘1’. The customer-lockable version
is shipped with the Sec2 unprotected, allowing
customers to utilize the sector in any manner they
choose, and has the Sec2 Indicator bit permanently
set to a ‘0’. Thus, the Sec2 Indicator bit prevents
customer-lockable devices from being used to re-
place devices that are factory locked. The bit pre-
vents cloning of a factory locked part and thus
ensures the security of the ESN once the product
is shipped to the field.
The system accesses the Sec2 through a com-
mand sequence (see “Enter/Exit Secured Sector
Command Sequence”). After the system has writ-
ten the Enter Secured Sector command sequence,
it may read the Sec2 by using the addresses nor-
mally occupied by the boot sectors, as specified
in Table 4. This mode of operation continues until
the system issues the Exit Secured Sector com-
mand sequence, or until power is removed from
the device. On power-up, or following a hardware
reset, the device reverts to addressing the boot
sectors.
Sec2 Programmed and Protected At the Factory
In a factory-locked device, the Sec2 is protected
when the device is shipped from the factory and
cannot be modified in any way. The device is avail-
able preprogrammed with one of the following:
n A random, secure ESN only
n Customer code
n Both a random, secure ESN and customer
code
In devices that have an ESN, it will be located at
the bottom of the lowest 8 Kbyte boot sector: start-
ing at byte address 0x000000 and ending at
0x00000F for a Bottom Boot device, and starting
at byte address 0x1F0000 and ending at 0x1F000F
for a Top Boot device.


Similar Part No. - HY29DL162BT-90I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29DS162 HYNIX-HY29DS162 Datasheet
546Kb / 48P
   16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29DS162BF-12 HYNIX-HY29DS162BF-12 Datasheet
546Kb / 48P
   16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29DS162BF-12I HYNIX-HY29DS162BF-12I Datasheet
546Kb / 48P
   16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29DS162BF-13 HYNIX-HY29DS162BF-13 Datasheet
546Kb / 48P
   16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29DS162BF-13I HYNIX-HY29DS162BF-13I Datasheet
546Kb / 48P
   16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
More results

Similar Description - HY29DL162BT-90I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29DS162 HYNIX-HY29DS162 Datasheet
546Kb / 48P
   16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29DS322 HYNIX-HY29DS322 Datasheet
289Kb / 6P
   32 Megabit (4M x 8/2M x16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J70TFI320 SPANSION-S29JL032J70TFI320 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J SPANSION-S29JL032J Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
logo
ATMEL Corporation
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
logo
SPANSION
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com