Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K17255BD Datasheet(PDF) 1 Page - MTRONPTI

Part # K17255BD
Description  5V Voltage Controlled Crystal Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

K17255BD Datasheet(HTML) 1 Page - MTRONPTI

  K17255BD Datasheet HTML 1Page - MTRONPTI K17255BD Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
APPLICATIONS SONET, Digital Cross Connect
Equipment; Clock Recovery; Fiber Optic l
Transmission Equipment; Phased Locked Loops
(PLL’s)
155.520MHz
0.5V to 4.5V Control Voltage
±20ppm Stability
Complementary PECL 10KH Output
-40°C to 85°C Operating Temperature
ELECTRICAL SPECIFICATIONS
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
K17255
BA
155.520
MHZ
CTI DA
TE CODE
10,1
1 m
m M
ax.
20,8
mm
Max.
13,2
mm
Max.
PIN 1
1
Model
K17255BA
Frequency Range (MHz)
Input Current (mA)
155.520MHz
< 60
Frequency Control Function
Deviation (ppm)
Minimum
Maximum
±150
Linearity (%)
±100
Modulation Bandwidth (±3dB)
Nominal Control Voltage (V)
Control Voltage Range (V)
Transfer Function
Input Impedance
< 10
> 20KHz
2.5
0.5 to 4.5
Positive
> 50K
Ω @ 10KHz
Frequency Stability (ppm)
Overall
-40oC to +85oC
0oC to +70oC
Temperature Range (oC)
Inclusive of Calibration, Temperature, Voltage, Load and Aging
±20
±50
Operating
Storage
-40oC to +85oC
-40oC to +125oC
Supply Voltage (V).
Start Up Time (ms)
+5.0V ±5%
<10
Typical SSB Phase Noise (dBC/Hz)
Offset from Carrier
10Hz
-40
100Hz
1KHz
10KHz
100KHz
-70
-100
-130
-140
(For Custom Deviation Range, Vc Range, etc. - Consult Factory)
K17255BD
±80
±140
PART NUMBERING GUIDE
K17255BX X - Specify Frequency
“Blank” = 0°C to 70°C Operating Temp.
“M” = -40°C to +85°C Operating Temp.
Model Selection: See Table Above
K17255B Series
5V Voltage Controlled Crystal Oscillators


Similar Part No. - K17255BD

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K1720ACM MTRONPTI-K1720ACM Datasheet
107Kb / 2P
   5V Temperature Compensated Voltage Controlled Crystal Oscillators
logo
List of Unclassifed Man...
K1720HO ETC2-K1720HO Datasheet
147Kb / 2P
   1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
K1720RO ETC2-K1720RO Datasheet
147Kb / 2P
   1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
K1721HO ETC2-K1721HO Datasheet
147Kb / 2P
   1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
K1721RO ETC2-K1721RO Datasheet
147Kb / 2P
   1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
More results

Similar Description - K17255BD

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K1527A MTRONPTI-K1527A Datasheet
119Kb / 2P
   5V Voltage Controlled Crystal Oscillators
K1570AQG MTRONPTI-K1570AQG Datasheet
101Kb / 2P
   5V Voltage Controlled Crystal Oscillators
logo
List of Unclassifed Man...
K570A ETC1-K570A Datasheet
99Kb / 2P
   5V Voltage Controlled Crystal Oscillators
logo
MTRONPTI
K1570AQH MTRONPTI-K1570AQH Datasheet
102Kb / 2P
   5V Voltage Controlled Crystal Oscillators
K1570A MTRONPTI-K1570A_07 Datasheet
453Kb / 2P
   5V Voltage Controlled Crystal Oscillators
K1570AQA MTRONPTI-K1570AQA Datasheet
432Kb / 2P
   5V Voltage Controlled Crystal Oscillators
K570A MTRONPTI-K570A Datasheet
120Kb / 2P
   5V Voltage Controlled Crystal Oscillators
K1570A MTRONPTI-K1570A Datasheet
415Kb / 2P
   5V Voltage Controlled Crystal Oscillators
K1700A MTRONPTI-K1700A Datasheet
107Kb / 2P
   5V Temperature Compensated Voltage Controlled Crystal Oscillators
K1610 MTRONPTI-K1610 Datasheet
404Kb / 2P
   5V Voltage Controlled Temperature Compensated Crystal Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com