Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29F400ABT-55I Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HY29F400ABT-55I
Description  4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F400ABT-55I Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HY29F400ABT-55I Datasheet HTML 6Page - Hynix Semiconductor HY29F400ABT-55I Datasheet HTML 7Page - Hynix Semiconductor HY29F400ABT-55I Datasheet HTML 8Page - Hynix Semiconductor HY29F400ABT-55I Datasheet HTML 9Page - Hynix Semiconductor HY29F400ABT-55I Datasheet HTML 10Page - Hynix Semiconductor HY29F400ABT-55I Datasheet HTML 11Page - Hynix Semiconductor HY29F400ABT-55I Datasheet HTML 12Page - Hynix Semiconductor HY29F400ABT-55I Datasheet HTML 13Page - Hynix Semiconductor HY29F400ABT-55I Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
Rev. 1.0/Jan. 02
HY29F400A
d
n
a
m
m
o
C
e
c
n
e
u
q
e
S
s
e
l
c
y
C
s
u
B
f
o
r
e
b
m
u
N
k
c
o
l
n
U
d
n
a
m
m
o
C
a
t
a
D
1
t
e
s
e
R
/
d
a
e
R0
1
1
e
t
o
N
2
t
e
s
e
R
/
d
a
e
R2
1
1
e
t
o
N
m
a
r
g
o
r
P
e
t
y
B2
1
1
e
s
a
r
E
p
i
h
C4
1
1
e
s
a
r
E
r
o
t
c
e
S4
1
)
2
e
t
o
N
(
1
d
n
e
p
s
u
S
e
s
a
r
E0
1
0
e
m
u
s
e
R
e
s
a
r
E0
1
0
D
I
c
i
n
o
r
t
c
e
l
E2
1
3
e
t
o
N
Notes:
1. Any number of Flash array read cycles are permitted.
2. Additional data cycles may follow. See text.
3. Any number of Electronic ID read cycles are permitted.
DEVICE COMMANDS
Device operations are initiated by writing desig-
nated address and data command sequences into
the device. A command sequence is composed
of one, two or three of the following sub-segments:
an unlock cycle, a command cycle and a data
cycle. Table 4 summarizes the composition of the
valid command sequences implemented in the
HY29F400A, and these sequences are fully de-
scribed in Table 5 and in the sections that follow.
Writing incorrect address and data values or writ-
ing them in the improper sequence resets the
HY29F400A to the Read mode.
Read/Reset 1, 2 Commands
The HY29F400A automatically enters the Read
mode after device power-up, after the RESET#
input is asserted and upon the completion of cer-
tain commands. Read/Reset commands are not
required to retrieve data in these cases.
A Read/Reset command must be issued in order
to read array data in the following cases:
If the device is in the Electronic ID mode, a
Read/Reset command must be written to re-
turn to the Read mode. If the device was in the
Erase Suspend mode when the device entered
the Electronic ID mode, writing the Read/Re-
set command returns the device to the Erase
Suspend mode.
A read cycle at address 0xXXX00 retrieves the
manufacturer code (Hynix = 0xAD).
A read cycle at address 0xXXX01 returns the
device code:
- HY29F400AT = 0x23 in Byte mode, 0x2223
in Word mode.
- HY29F400AB = 0xAB in Byte mode, 0x22AB
in Word mode.
A read cycle containing a sector address (Table
1) in A[17:12] and the address 0x02 in A[7:0]
returns 0x01 if that sector is protected, or 0x00
if it is unprotected.
Table 4. Composition of Command Sequences
Note: When in the Electronic ID bus operation mode,
the device returns to the Read mode when V
ID is removed
from the A[9] pin. The Read/Reset command is not re-
quired in this case.
If DQ[5] (Exceeded Time Limit) goes High dur-
ing a program or erase operation, writing the
Read/Reset command returns the sectors to
the Read mode (or to the Erase Suspend mode
if the device was in Erase Suspend).
The Read/Reset command may also be used to
abort certain command sequences:
Electronic ID Mode Operation
The Electronic ID mode provides manufacturer and
device identification and sector protection verifi-
cation through identifier codes output on DQ[7:0]
or DQ[15:0]. This mode is intended primarily for
programming equipment to automatically match a
device to be programmed with its corresponding
programming algorithm. The Electronic ID infor-
mation can also be obtained by the host through a
command sequence, as described in the Device
Commands section.
Operation in the Electronic ID mode requires V
ID
on address pin A[9], with additional requirements
for obtaining specific data items as listed in Table
2:


Similar Part No. - HY29F400ABT-55I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F400 HYNIX-HY29F400 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG45 HYNIX-HY29F400BG45 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG55 HYNIX-HY29F400BG55 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG70 HYNIX-HY29F400BG70 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG90 HYNIX-HY29F400BG90 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
More results

Similar Description - HY29F400ABT-55I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F400 HYNIX-HY29F400 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29F800A HYNIX-HY29F800A Datasheet
263Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com