Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29DL163BF-70I Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY29DL163BF-70I
Description  16 Megabit (2M x 8/1M x16) Low Voltage, Dual Bank, Simultaneous Read/Write Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29DL163BF-70I Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY29DL163BF-70I Datasheet HTML 5Page - Hynix Semiconductor HY29DL163BF-70I Datasheet HTML 6Page - Hynix Semiconductor HY29DL163BF-70I Datasheet HTML 7Page - Hynix Semiconductor HY29DL163BF-70I Datasheet HTML 8Page - Hynix Semiconductor HY29DL163BF-70I Datasheet HTML 9Page - Hynix Semiconductor HY29DL163BF-70I Datasheet HTML 10Page - Hynix Semiconductor HY29DL163BF-70I Datasheet HTML 11Page - Hynix Semiconductor HY29DL163BF-70I Datasheet HTML 12Page - Hynix Semiconductor HY29DL163BF-70I Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
9
r1.3/June 01
HY29DL162/HY29DL163
Table 4. HY29DL16x Secure Sector Addressing
1
k
n
a
B
2
k
n
a
B
e
c
i
v
e
D
e
c
n
e
r
e
f
e
R
)
t
i
b
M
(
e
z
i
S
s
r
o
t
c
e
S
s
s
e
r
d
d
A
k
n
a
B
)
b
M
(
e
z
i
S
s
r
o
t
c
e
S
s
s
e
r
d
d
A
k
n
a
B
T
2
6
1
L
D
9
2
Y
H1
e
l
b
a
T2
8
3
S
-
8
2
S1
1
1
=
]
7
1
:
9
1
[
A4
17
2
S
-
0
S]
7
1
:
9
1
[
A
0
1
1
T
3
6
1
L
D
9
2
Y
H1
e
l
b
a
T4
8
3
S
-
4
2
S1
1
=
]
8
1
:
9
1
[
A2
13
2
S
-
0
S]
8
1
:
9
1
[
A
≤ 0
1
B
2
6
1
L
D
9
2
Y
H2
e
l
b
a
T2
0
1
S
-
0
S0
0
0
=
]
7
1
:
9
1
[
A4
18
3
S
-
1
1
S]
7
1
:
9
1
[
A
1
0
0
B
3
6
1
L
D
9
2
Y
H2
e
l
b
a
T4
4
1
S
-
0
S0
0
=
]
8
1
:
9
1
[
A2
18
3
S
-
5
1
S]
8
1
:
9
1
[
A
≥ 1
0
Sec2 NOT Programmed or Protected at the Factory
If the security feature is not required, the Sec2 can
be treated as an additional Flash memory space
of 64 Kbytes. The Sec2 can be read, programmed,
and erased as often as required. The Sec2 area
can be protected using the following procedure:
n Write the three-cycle Enter Secure Sector Re-
gion command sequence
n Then follow the sector protect algorithm shown
in Figure 1, except that RESET# may be at
either V
IH or VID. This allows in-system protec-
tion of the Secure Sector without raising any
device pin to a high voltage. Note that this
method is only applicable to the Secure Sec-
tor.
n Once the Secure Sector is locked and verified,
the system must write the Exit Secure Sector
command sequence to return to reading and
writing the remainder of the array.
Sec2 protection must be used with caution since,
once protected, there is no procedure available
for unprotecting the Sec2 area and none of the
bits in the Sec2 memory space can be modified in
any way.
Table 3. HY29DL16x Bank Options
e
c
i
v
e
D
e
z
i
S
r
o
t
c
e
S
W
K
/
B
K
s
s
e
r
d
d
A
r
o
t
c
e
S
]
2
1
:
9
1
[
A
1
e
d
o
M
e
t
y
B
e
g
n
a
R
s
s
e
r
d
d
A
3
,
2
e
d
o
M
d
r
o
W
e
g
n
a
R
s
s
e
r
d
d
A
3
,
2
T
3
6
1
/
T
2
6
1
L
D
9
2
Y
H2
3
/
4
6X
X
X
1
1
1
1
1F
F
F
F
F
1
x
0
-
0
0
0
0
F
1
x
0F
F
F
F
F
x
0
-
0
0
0
8
F
x
0
B
3
6
1
/
B
2
6
1
L
D
9
2
Y
H2
3
/
4
6X
X
X
0
0
0
0
0F
F
F
F
0
0
x
0
-
0
0
0
0
0
0
x
0F
F
F
7
0
x
0
-
0
0
0
0
0
x
0
Notes:
1. ‘X’ indicates don’t care.
2. ‘0xN. . . N’ indicates an address in hexadecimal notation.
3. The address range in byte mode is A[19:0, -1]. The address range in word mode is A[19:0].
BUS OPERATIONS
Device bus operations are initiated through the
internal command register, which consists of sets
of latches that store the commands, along with
the address and data information, if any, needed
to execute the specific command. The command
register itself does not occupy any addressable
memory location. The contents of the command
register serve as inputs to an internal state ma-
chine whose outputs control the operation of the
device. Table 5 lists the normal bus operations,
the inputs and control levels they require, and the
resulting outputs. Certain bus operations require
a high voltage on one or more device pins. Those
are described in Table 6.
Read Operation
Data is read from the HY29DL16x by using stan-
dard microprocessor read cycles while placing the
byte or word address on the device’s address in-
puts. The host system must drive the CE# and
OE# pins Low and drive WE# High for a valid read
operation to take place. The BYTE# pin deter-
mines whether the device outputs array data in
words (DQ[15:0]) or in bytes (DQ[7:0]).


Similar Part No. - HY29DL163BF-70I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29DS162 HYNIX-HY29DS162 Datasheet
546Kb / 48P
   16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29DS162BF-12 HYNIX-HY29DS162BF-12 Datasheet
546Kb / 48P
   16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29DS162BF-12I HYNIX-HY29DS162BF-12I Datasheet
546Kb / 48P
   16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29DS162BF-13 HYNIX-HY29DS162BF-13 Datasheet
546Kb / 48P
   16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29DS162BF-13I HYNIX-HY29DS162BF-13I Datasheet
546Kb / 48P
   16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
More results

Similar Description - HY29DL163BF-70I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29DS162 HYNIX-HY29DS162 Datasheet
546Kb / 48P
   16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29DS322 HYNIX-HY29DS322 Datasheet
289Kb / 6P
   32 Megabit (4M x 8/2M x16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J70TFI320 SPANSION-S29JL032J70TFI320 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J SPANSION-S29JL032J Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
logo
ATMEL Corporation
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
logo
SPANSION
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com