Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29F800ATT-12 Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HY29F800ATT-12
Description  8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F800ATT-12 Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HY29F800ATT-12 Datasheet HTML 3Page - Hynix Semiconductor HY29F800ATT-12 Datasheet HTML 4Page - Hynix Semiconductor HY29F800ATT-12 Datasheet HTML 5Page - Hynix Semiconductor HY29F800ATT-12 Datasheet HTML 6Page - Hynix Semiconductor HY29F800ATT-12 Datasheet HTML 7Page - Hynix Semiconductor HY29F800ATT-12 Datasheet HTML 8Page - Hynix Semiconductor HY29F800ATT-12 Datasheet HTML 9Page - Hynix Semiconductor HY29F800ATT-12 Datasheet HTML 10Page - Hynix Semiconductor HY29F800ATT-12 Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
Rev. 1.1/Feb 02
HY29F800A
Table 3. HY29F800A Bus Operations Requiring High Voltage 1, 2
Notes:
1. L = V
IL, H = VIH, X = Don’t Care.
See DC Characteristics for voltage levels.
2. Address bits not specified are Don’t Care.
3. See text for additional information.
4. SA = sector address. See Table 1.
5. DQ[15] is the A[-1] input in Byte Mode (BYTE# = L).
n
o
i
t
a
r
e
p
O
3
#
E
C
#
E
O
#
E
W
#
T
E
S
E
R
]
2
1
:
8
1
[
A
]
9
[
A
]
6
[
A
]
1
[
A
]
0
[
A
]
0
:
7
[
Q
D
]
8
:
5
1
[
Q
D
#
E
T
Y
B
H
=
#
E
T
Y
B
L
=
5
t
c
e
t
o
r
P
r
o
t
c
e
SL
V
D
I
XH
A
S 4
V
D
I
XXX
X
X
Z
-
h
g
i
H
t
c
e
t
o
r
p
n
U
r
o
t
c
e
SV
D
I
V
D
I
XH
X
V
D
I
XXX
X
X
Z
-
h
g
i
H
r
o
t
c
e
S
y
r
a
r
o
p
m
e
T
t
c
e
t
o
r
p
n
U
XXX
V
D
I
X
XXXX
D
N
I
D
N
I
Z
-
h
g
i
H
e
d
o
C
r
e
r
u
t
c
a
f
u
n
a
ML
L
H
H
X
V
D
I
LLL
D
A
x
0X
Z
-
h
g
i
H
e
c
i
v
e
D
e
d
o
C
B
A
0
0
8
F
9
2
Y
H
LL
H
H
X
V
D
I
LL
H
8
5
x
0
2
2
x
0Z
-
h
g
i
H
T
A
0
0
8
F
9
2
Y
H
6
D
x
0
p
u
o
r
G
r
o
t
c
e
S
n
o
i
t
c
e
t
o
r
P
n
o
i
t
a
c
i
f
i
r
e
V
LL
H
H
A
S 4
V
D
I
LH
L
=
0
0
x
0
d
e
t
c
e
t
o
r
p
n
U
XZ
-
h
g
i
H
=
1
0
x
0
d
e
t
c
e
t
o
r
P
by placing the byte or word address on the device’s
address inputs while the data to be written is input
on DQ[7:0] in Byte mode (BYTE# = L) and on
DQ[15:0] in Word mode (BYTE# = H). The host
system must drive the CE# and WE# pins Low
and drive OE# High for a valid write operation to
take place. All addresses are latched on the fall-
ing edge of WE# or CE#, whichever happens later.
All data is latched on the rising edge of WE# or
CE#, whichever happens first.
The ‘Device Commands’ section of this document
provides details on the specific device commands
implemented in the HY29F800A.
Output Disable Operation
When the OE# input is at V
IH, output data from the
device is disabled and the data bus pins are placed
in the high impedance state.
Standby Operation
When the system is not reading from or writing to
the HY29F800A, it can place the device in the
Standby mode. In this mode, current consump-
tion is greatly reduced, and the data bus outputs
are placed in the high impedance state, indepen-
dent of the OE# input. The Standby mode can
invoked using two methods.
The device enters the CE# CMOS Standby mode
if the CE# and RESET# pins are both held at V
CC
± 0.5V. Note that this is a more restricted voltage
range than V
IH. If both CE# and RESET# are held
High, but not within V
CC ± 0.5V, the device will be
in the CE# TTL Standby mode, but the standby
current will be greater.
The device enters the RESET# CMOS Standby
mode when the RESET# pin is held at V
SS ± 0.5V.
If RESET# is held Low but not within V
SS ± 0.5V,
the HY29F800A will be in the RESET# TTL
Standby mode, but the standby current will be
greater. See Hardware Reset Operation section
for additional information on the reset operation.
The device requires standard access time (t
CE) for
read access when the device is in either of the
standby modes, before it is ready to read data. If
the device is deselected during erasure or pro-
gramming, it continues to draw active current until
the operation is completed.
Hardware Reset Operation
The RESET# pin provides a hardware method of
resetting the device to reading array data. When
the RESET# pin is driven Low for the minimum
specified period, the device immediately termi-
nates any operation in progress, tri-states the data
bus pins, and ignores all read/write commands for


Similar Part No. - HY29F800ATT-12

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
More results

Similar Description - HY29F800ATT-12

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49SV802A ATMEL-AT49SV802A Datasheet
417Kb / 31P
   8-megabit 1.8-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com