Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62SF16404C-SM85I Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HY62SF16404C-SM85I
Description  256Kx16bit full CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62SF16404C-SM85I Datasheet(HTML) 5 Page - Hynix Semiconductor

  HY62SF16404C-SM85I Datasheet HTML 1Page - Hynix Semiconductor HY62SF16404C-SM85I Datasheet HTML 2Page - Hynix Semiconductor HY62SF16404C-SM85I Datasheet HTML 3Page - Hynix Semiconductor HY62SF16404C-SM85I Datasheet HTML 4Page - Hynix Semiconductor HY62SF16404C-SM85I Datasheet HTML 5Page - Hynix Semiconductor HY62SF16404C-SM85I Datasheet HTML 6Page - Hynix Semiconductor HY62SF16404C-SM85I Datasheet HTML 7Page - Hynix Semiconductor HY62SF16404C-SM85I Datasheet HTML 8Page - Hynix Semiconductor HY62SF16404C-SM85I Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HY62SF16404C Series
Rev.04 / Jun.01
4
AC CHARACTERISTICS
TA = -40
°C to 85°C, unless otherwise specified
85ns
#
Symbol
Parameter
Min.
Max.
Unit
1
tRC
Read Cycle Time
85
-
ns
2
tAA
Address Access Time
-
85
ns
3
tACS
Chip Select Access Time
-
85
ns
4
tOE
Output Enable to Output Valid
-
40
ns
5
tBA
/LB, /UB Access Time
-
85
ns
6
tCLZ
Chip Select to Output in Low Z
10
-
ns
7
tOLZ
Output Enable to Output in Low Z
5
-
ns
8
tBLZ
/LB, /UB Enable to Output in Low Z
10
-
ns
9
tCHZ
Chip Deselection to Output in High Z
0
30
ns
10
tOHZ
Out Disable to Output in High Z
0
30
ns
11
tBHZ
/LB, /UB Disable to Output in High Z
0
30
ns
12
tOH
Output Hold from Address Change
10
-
ns
13
tWC
Write Cycle Time
85
-
ns
14
tCW
Chip Selection to End of Write
70
-
ns
15
tAW
Address Valid to End of Write
70
-
ns
16
tBW
/LB, /UB Valid to End of Write
70
-
ns
17
tAS
Address Set-up Time
0
-
ns
18
tWP
Write Pulse Width
60
-
ns
19
tWR
Write Recovery Time
0
-
ns
20
tWHZ
Write to Output in High Z
0
25
ns
21
tDW
Data to Write Time Overlap
35
-
ns
22
tDH
Data Hold from Write Time
0
-
ns
23
tOW
Output Active from End of Write
5
-
ns
AC TEST CONDITIONS
TA = -40
°C to 85°C, unless otherwise specified
Parameter
Value
Input Pulse Level
0.4V to 1.6V
Input Rise and Fall Time
5ns
Input and Output Timing Reference Level
0.9V
tCLZ, tOLZ, tBLZ, tCHZ, tOHZ, tBHZ, tWHZ, tOW
CL = 5pF + 1TTL Load
Output Load
Others
CL = 30pF + 1TTL Load
AC TEST LOADS
DOUT
3273 Ohm
CL(1)
4091 Ohm
VTM=1.8V
Note 1. Including jig and scope capacitance:
READ CYCLE
WRITE CYCLE


Similar Part No. - HY62SF16404C-SM85I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16404D HYNIX-HY62SF16404D Datasheet
185Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404D-DF HYNIX-HY62SF16404D-DF Datasheet
185Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404D-DFI HYNIX-HY62SF16404D-DFI Datasheet
185Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404D-I HYNIX-HY62SF16404D-I Datasheet
185Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404D-SF HYNIX-HY62SF16404D-SF Datasheet
185Kb / 10P
   256Kx16bit full CMOS SRAM
More results

Similar Description - HY62SF16404C-SM85I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62LF16404C HYNIX-HY62LF16404C Datasheet
186Kb / 10P
   256Kx16bit full CMOS SRAM
HY62VF08401C HYNIX-HY62VF08401C Datasheet
154Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16403A HYNIX-HY62SF16403A Datasheet
129Kb / 10P
   256Kx16bit full CMOS SRAM
HY62LF16406C HYNIX-HY62LF16406C Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16406E HYNIX-HY62SF16406E Datasheet
192Kb / 11P
   256Kx16bit full CMOS SRAM
HY62LF16406D HYNIX-HY62LF16406D Datasheet
193Kb / 11P
   256Kx16bit full CMOS SRAM
HY62UF16403A HYNIX-HY62UF16403A Datasheet
190Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404D HYNIX-HY62SF16404D Datasheet
185Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16406C HYNIX-HY62SF16406C Datasheet
192Kb / 11P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com