Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29F800ABT-90 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY29F800ABT-90
Description  8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F800ABT-90 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY29F800ABT-90 Datasheet HTML 5Page - Hynix Semiconductor HY29F800ABT-90 Datasheet HTML 6Page - Hynix Semiconductor HY29F800ABT-90 Datasheet HTML 7Page - Hynix Semiconductor HY29F800ABT-90 Datasheet HTML 8Page - Hynix Semiconductor HY29F800ABT-90 Datasheet HTML 9Page - Hynix Semiconductor HY29F800ABT-90 Datasheet HTML 10Page - Hynix Semiconductor HY29F800ABT-90 Datasheet HTML 11Page - Hynix Semiconductor HY29F800ABT-90 Datasheet HTML 12Page - Hynix Semiconductor HY29F800ABT-90 Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9
Rev. 1.1/Feb 02
HY29F800A
The flow chart in Figure 1 illustrates the proce-
dure for protecting sectors, and timing specifica-
tions and waveforms are shown in the specifica-
tions section of this document. Verification of pro-
tection is accomplished as described in the Elec-
tronic ID Mode section and shown in the flow chart.
The procedure for sector unprotection is illustrated
in the flow chart in Figure 2, and timing specifica-
tions and waveforms are given at the end of this
document. Note that to unprotect any sector, all
unprotected sectors must first be protected prior
to the first unprotect write cycle.
Sectors can also be temporarily unprotected as
described in the next section.
Temporary Sector Unprotect Operation
This feature allows temporary unprotection of pre-
viously protected sectors to allow changing the
data in-system. Temporary Sector Unprotect mode
is activated by setting the RESET# pin to V
ID. While
START
NOTE: All sectors must be
previously protected.
Set: TRYCNT = 1
Set: A9 = CE# = OE# = V
ID
Set: RESET# = V
IH
WE# = V
IL
Wait t
WPP2
Set:
A9 = V
ID
OE# = CE# = V
IL
Read Data
Data = 0x00?
NSEC = 18?
YES
TRYCNT = 1000?
NO
Increment TRYCNT
NO
YES
DEVICE FAILURE
NO
YES
Remove V
ID from A9
SECTOR UNPROTECT
COMPLETE
APPLY V
CC
Set Sector Group Address:
A[18:12] = Sector NSEC
A0 = A6 = V
IL
A1 = V
IH
NSEC = NSEC + 1
Set: NSEC = 0
WE# = V
IH
Figure 2. Sector Unprotect Procedure
in this mode, formerly protected sectors can be
programmed or erased by invoking the appropri-
ate commands (see Device Commands section).
Once V
ID is removed from RESET#, all the previ-
ously protected sectors are protected again. Fig-
ure 3 illustrates the algorithm.
Electronic ID Mode Operation
The Electronic ID mode provides manufacturer and
device identification and sector protection verifi-
cation through identifier codes output on DQ[7:0]
or DQ[15:0]. This mode is intended primarily for
programming equipment to automatically match a
device to be programmed with its corresponding
programming algorithm. The Electronic ID infor-
mation can also be obtained by the host through a
command sequence, as described in the Device
Commands section.
Operation in the Electronic ID mode requires V
ID
on address pin A[9], with additional requirements


Similar Part No. - HY29F800ABT-90

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
More results

Similar Description - HY29F800ABT-90

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49SV802A ATMEL-AT49SV802A Datasheet
417Kb / 31P
   8-megabit 1.8-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com