Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29F400ATR-70 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HY29F400ATR-70
Description  4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F400ATR-70 Datasheet(HTML) 2 Page - Hynix Semiconductor

  HY29F400ATR-70 Datasheet HTML 1Page - Hynix Semiconductor HY29F400ATR-70 Datasheet HTML 2Page - Hynix Semiconductor HY29F400ATR-70 Datasheet HTML 3Page - Hynix Semiconductor HY29F400ATR-70 Datasheet HTML 4Page - Hynix Semiconductor HY29F400ATR-70 Datasheet HTML 5Page - Hynix Semiconductor HY29F400ATR-70 Datasheet HTML 6Page - Hynix Semiconductor HY29F400ATR-70 Datasheet HTML 7Page - Hynix Semiconductor HY29F400ATR-70 Datasheet HTML 8Page - Hynix Semiconductor HY29F400ATR-70 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
Rev. 1.0/Jan. 02
HY29F400A
available.
To eliminate bus contention, the
HY29F400A has separate chip enable (CE#), write
enable (WE#) and output enable (OE#) controls.
The device is compatible with the JEDEC single
power-supply Flash command set standard. Com-
mands are written to the command register using
standard microprocessor write timings, from where
they are routed to an internal state-machine that
controls the erase and programming circuits. De-
vice programming is performed a byte or word at
a time by executing the four-cycle Program com-
mand. This initiates an internal algorithm that au-
tomatically times the program pulse widths and
verifies proper cell margin.
The HY29F400A’s sector erase architecture allows
any number of array sectors to be erased and re-
programmed without affecting the data contents
of other sectors. Device erasure is initiated by ex-
ecuting the Erase command. This initiates an in-
ternal algorithm that automatically preprograms the
array (if it is not already programmed) before ex-
ecuting the erase operation. During erase cycles,
the device automatically times the erase pulse
widths and verifies proper cell margin.
To protect data in the device from accidental or
unauthorized attempts to program or erase the
device while it is in the system (e.g., by a virus),
the device has a Sector Protect function which
hardware write protects selected sectors. The
sector protect and unprotect features can be en-
abled in a PROM programmer. Temporary Sector
Unprotect, which requires a high voltage, allows
in-system erasure and code changes in previously
protected sectors.
Erase Suspend enables the user to put erase on
hold for any period of time to read data from, or
program data to, any sector that is not selected
for erasure. True background erase can thus be
achieved. The device is fully erased when shipped
from the factory.
Addresses and data needed for the programming
and erase operations are internally latched during
write cycles, and the host system can detect
completion of a program or erase operation by
observing the RY/BY# pin, or by reading the DQ[7]
(Data# Polling) and DQ[6] (Toggle) status bits.
Reading data from the device is similar to reading
from SRAM or EPROM devices. Hardware data
protection measures include a low V
CC detector
that automatically inhibits write operations during
power transitions.
The host can place the device into the standby
mode. Power consumption is greatly reduced in
this mode.
BLOCK DIAGRAM
STATE
CONTROL
WE#
CE#
OE#
BYTE#
COMMAND
REGISTER
DQ[15:0]
A[17:0], A-1
V
CC DETECTOR
TIMER
ERASE VOLTAGE
GENERATOR AND
SECTOR SWITCHES
PROGRAM
VOLTAGE
GENERATOR
X-DECODER
Y-DECODER
4 Mb FLASH
MEMORY
ARRAY
Y-GATING
DATA LATCH
I/O BUFFERS
I/O CONTROL
RESET#
DQ[15:0]
A[17:0], A-1
RY/BY#


Similar Part No. - HY29F400ATR-70

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F400 HYNIX-HY29F400 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG45 HYNIX-HY29F400BG45 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG55 HYNIX-HY29F400BG55 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG70 HYNIX-HY29F400BG70 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG90 HYNIX-HY29F400BG90 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
More results

Similar Description - HY29F400ATR-70

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F400 HYNIX-HY29F400 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29F800A HYNIX-HY29F800A Datasheet
263Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com