Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29F800ABR-55 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HY29F800ABR-55
Description  8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F800ABR-55 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HY29F800ABR-55 Datasheet HTML 2Page - Hynix Semiconductor HY29F800ABR-55 Datasheet HTML 3Page - Hynix Semiconductor HY29F800ABR-55 Datasheet HTML 4Page - Hynix Semiconductor HY29F800ABR-55 Datasheet HTML 5Page - Hynix Semiconductor HY29F800ABR-55 Datasheet HTML 6Page - Hynix Semiconductor HY29F800ABR-55 Datasheet HTML 7Page - Hynix Semiconductor HY29F800ABR-55 Datasheet HTML 8Page - Hynix Semiconductor HY29F800ABR-55 Datasheet HTML 9Page - Hynix Semiconductor HY29F800ABR-55 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
Rev. 1.1/Feb 02
HY29F800A
Table 2. HY29F800A Normal Bus Operations 1
Notes:
1. L = V
IL, H = VIH, X = Don’t Care, DOUT = Data Out, DIN = Data In.
See DC Characteristics for voltage levels.
2. Address is A[18:-1] in Byte Mode and A[18:0] in Word Mode.
3. DQ[15] is the A[-1] input in Byte Mode (BYTE# = L).
BUS OPERATIONS
Device bus operations are initiated through the
internal command register, which consists of sets
of latches that store the commands, along with
the address and data information, if any, needed
to execute the specific command. The command
register itself does not occupy any addressable
memory location. The contents of the command
register serve as inputs to an internal state ma-
chine whose outputs control the operation of the
device. Table 2 lists the normal bus operations,
the inputs and control levels they require, and the
resulting outputs. Certain bus operations require
a high voltage on one or more device pins. Those
are described in Table 3.
Read Operation
Data is read from the HY29F800A by using stan-
dard microprocessor read cycles while placing the
address of the byte or word to be read on the
device’s address inputs, A[18:0] in Word mode
(BYTE# = H) or A[18:-1] in Byte mode (BYTE# =
L) . As shown in Table 2, the host system must
drive the CE# and OE# inputs Low and drive WE#
High for a valid read operation to take place. The
device outputs the specified array data on DQ[7:0]
in Byte mode and on DQ[15:0] in Word mode.
Note that DQ[15] serves as address input A[-1]
when the device is operating in Byte mode.
The HY29F800A is automatically set for reading
array data after device power-up and after a hard-
ware reset to ensure that no spurious alteration of
n
o
i
t
a
r
e
p
O
#
E
C
#
E
O
#
E
W
#
T
E
S
E
R
s
s
e
r
d
d
A
2
]
0
:
7
[
Q
D
]
8
:
5
1
[
Q
D
H
=
#
E
T
Y
B
L
=
#
E
T
Y
B
d
a
e
RL
L
H
H
A
N
I
D
T
U
O
D
T
U
O
Z
-
h
g
i
H
e
t
i
r
WL
H
L
H
A
N
I
D
N
I
D
N
I
Z
-
h
g
i
H
e
l
b
a
s
i
D
t
u
p
t
u
OL
H
H
H
X
Z
-
h
g
i
HZ
-
h
g
i
HZ
-
h
g
i
H
y
b
d
n
a
t
S
L
T
T
#
E
CH
X
X
H
X
Z
-
h
g
i
HZ
-
h
g
i
HZ
-
h
g
i
H
y
b
d
n
a
t
S
S
O
M
C
#
E
CV
C
C
V
5
.
0
±X
X
V
C
C
V
5
.
0
±X
Z
-
h
g
i
HZ
-
h
g
i
HZ
-
h
g
i
H
t
e
s
e
R
e
r
a
w
d
r
a
H
)
y
b
d
n
a
t
S
L
T
T
(
XX
X
L
X
Z
-
h
g
i
HZ
-
h
g
i
HZ
-
h
g
i
H
t
e
s
e
R
e
r
a
w
d
r
a
H
)
y
b
d
n
a
t
S
S
O
M
C
(
XX
X
V
S
S
V
5
.
0
±X
Z
-
h
g
i
HZ
-
h
g
i
HZ
-
h
g
i
H
the memory content occurs during the power tran-
sition. No command is necessary in this mode to
obtain array data, and the device remains enabled
for read accesses until the command register con-
tents are altered.
This device features an Erase Suspend mode.
While in this mode, the host may read the array
data from any sector of memory that is not marked
for erasure. If the host attempts to read from an
address within an erase-suspended sector, or
while the device is performing an erase or byte/
word program operation, the device outputs sta-
tus data instead of array data. After completing a
programming operation in the Erase Suspend
mode, the system may once again read array data
with the same exceptions noted above. After com-
pleting an internal program or internal erase algo-
rithm, the HY29F800A automatically returns to the
read array data mode.
The host must issue a hardware reset or the soft-
ware reset command (see Command Definitions)
to return a sector to the read array data mode if
DQ[5] goes high during a program or erase cycle,
or to return the device to the read array data mode
while it is in the Electronic ID mode.
Write Operation
Certain operations, including programming data
and erasing sectors of memory, require the host
to write a command or command sequence to the
HY29F800A. Writes to the device are performed


Similar Part No. - HY29F800ABR-55

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
More results

Similar Description - HY29F800ABR-55

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49SV802A ATMEL-AT49SV802A Datasheet
417Kb / 31P
   8-megabit 1.8-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com