Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29DS162 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HY29DS162
Description  16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29DS162 Datasheet(HTML) 2 Page - Hynix Semiconductor

  HY29DS162 Datasheet HTML 1Page - Hynix Semiconductor HY29DS162 Datasheet HTML 2Page - Hynix Semiconductor HY29DS162 Datasheet HTML 3Page - Hynix Semiconductor HY29DS162 Datasheet HTML 4Page - Hynix Semiconductor HY29DS162 Datasheet HTML 5Page - Hynix Semiconductor HY29DS162 Datasheet HTML 6Page - Hynix Semiconductor HY29DS162 Datasheet HTML 7Page - Hynix Semiconductor HY29DS162 Datasheet HTML 8Page - Hynix Semiconductor HY29DS162 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
HY29DS162/HY29DS163
r1.3/Apr 01
GENERAL DESCRIPTION
The HY29DS162/HY29DS163 (HY29DS16x) is a
16 Mbit, 1.8 volt-only CMOS Flash memory orga-
nized as 2,097,152 (2M) bytes or 1,048,576 (1M)
words. The device is available in 48-pin TSOP
and 48-ball FBGA packages. Word-wide data
(x16) appears on DQ[15:0] and byte-wide (x8) data
appears on DQ[7:0].
The HY29DS16x Flash memory array is organized
into 39 sectors in two banks. Bank 1 contains
eight 8 Kbyte boot/parameter sectors and 3 or 7
larger sectors of 64 Kbytes each, depending on
the version of the device. Bank 2 contains the
rest of the memory array, organized as 28 or 24
sectors of 64 Kbytes:
The device features simultaneous read/write op-
eration which allows the host system to invoke a
program or erase operation in one bank and im-
mediately and simultaneously read data from the
other bank, except if that bank has any sectors
marked for erasure, with zero latency. This re-
leases the system from waiting for the completion
of program or erase operations, thus improving
overall system performance.
The HY29DS16x can be programmed and erased
in-system with a single 2.0 volt ± 10% V
CC supply.
Internally generated and regulated voltages are
provided for program and erase operations, so that
the device does not require a higher voltage V
PP
power supply to perform those functions. The de-
vice can also be programmed in standard EPROM
programmers. Access times as low as 120 ns are
offered for timing compatibility with the zero wait
state requirements of high speed microproces-
sors. To eliminate bus contention, the HY29DS16x
has separate chip enable (CE#), write enable
(WE#) and output enable (OE#) controls.
The device is compatible with the JEDEC single-
power-supply Flash command set standard. Com-
mands are written to the command register using
standard microprocessor write timings, from where
they are routed to an internal state-machine that
controls the erase and programming circuits.
Device programming is performed a byte/word at
a time by executing the four-cycle Program Com-
mand write sequence. This initiates an internal
algorithm that automatically times the program
pulse widths and verifies proper cell margin. Faster
programming times can be achieved by placing
the HY29DS16x in the Unlock Bypass mode, which
requires only two write cycles to program data in-
stead of four.
The HY29DS16x’s sector erase architecture al-
lows any number of array sectors, in one or both
banks, to be erased and reprogrammed without
affecting the data contents of other sectors. De-
vice erasure is initiated by executing the Erase
Command sequence. This initiates an internal al-
gorithm that automatically preprograms the sec-
tor before executing the erase operation. As dur-
ing programming cycles, the device automatically
times the erase pulse widths and verifies proper
cell margin. Hardware Sector Group Protection
optionally disables both program and erase op-
erations in any combination of the sector groups,
while Temporary Sector Group Unprotect, which
requires a high voltage on one pin, allows in-sys-
tem erasure and code changes in previously pro-
tected sector groups. Erase Suspend enables the
user to put erase on hold in a bank for any period
of time to read data from or program data to any
sector in that bank that is not selected for era-
sure. True background erase can thus be
achieved. Because the HY29DS16x features si-
multaneous read/write capability, there is no need
to suspend to read from a sector located within a
bank that does not contain sectors marked for era-
sure. The device is fully erased when shipped
from the factory.
Addresses and data needed for the programming
and erase operations are internally latched during
write cycles. The host system can detect comple-
tion of a program or erase operation by observing
the RY/BY# pin or by reading the DQ[7] (Data#
Polling) and DQ[6] (Toggle) status bits. Hardware
data protection measures include a low V
CC de-
tector that automatically inhibits write operations
during power transitions.
After a program or erase cycle has been com-
pleted, or after assertion of the RESET# pin (which
terminates any operation in progress), the device
is ready to read data or to accept another com-
1
k
n
a
B
2
k
n
a
B
2
6
1
S
D
9
2
Y
H
W
K
4
/
B
K
8
x
8
W
K
2
3
/
B
K
4
6
x
3
W
K
2
3
/
B
K
4
6
x
8
2
3
6
1
S
D
9
2
Y
H
W
K
4
/
B
K
8
x
8
W
K
2
3
/
B
K
4
6
x
7
W
K
2
3
/
B
K
4
6
x
4
2


Similar Part No. - HY29DS162

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29DS322 HYNIX-HY29DS322 Datasheet
289Kb / 6P
   32 Megabit (4M x 8/2M x16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29DS323 HYNIX-HY29DS323 Datasheet
289Kb / 6P
   32 Megabit (4M x 8/2M x16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
More results

Similar Description - HY29DS162

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29DL162 HYNIX-HY29DL162 Datasheet
548Kb / 48P
   16 Megabit (2M x 8/1M x16) Low Voltage, Dual Bank, Simultaneous Read/Write Flash Memory
HY29DS322 HYNIX-HY29DS322 Datasheet
289Kb / 6P
   32 Megabit (4M x 8/2M x16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
logo
ATMEL Corporation
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com