Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL3280 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HL3280
Description  PREAMPLIFIER FOR REMOTE CONTROL USE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL3280 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HL3280 Datasheet HTML 1Page - List of Unclassifed Manufacturers HL3280 Datasheet HTML 2Page - List of Unclassifed Manufacturers HL3280 Datasheet HTML 3Page - List of Unclassifed Manufacturers HL3280 Datasheet HTML 4Page - List of Unclassifed Manufacturers HL3280 Datasheet HTML 5Page - List of Unclassifed Manufacturers HL3280 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HL3280
1
PREAMPLIFIER FOR REMOTE CONTROL USE
The HL3280 is a miniaturized receiver IC for use in the infrared remote control system.
It has a wide voltage operating such as 2.7~5.5V, a high sensitivity, and good noise
immunity. Wide operating is very suitable to the hand-held battery operating systems,
such as electrical toy.
This can also be suitable for high optical and electrical disturbances.
It has the frequency selecting Pads for setting the center frequency of band-pass filter
and also has 5 trimming Pads for the fine adjustment of center frequency.
The HL3280 is capable of accepting a photodiode directly and include many excellent
circuit such as an internal voltage reference for wide voltage operating, a high gain initial
amplifier, a gain control amplifier, a limiter, a band pass filter, a detection circuit, two
comparator circuits, gain control circuits, integrator circuits, a waveform shaping circuit
assembled on a single chip.
• Wide operating supply voltage 2.7V ~ 5.5 V
• Built-in internal voltage reference circuit for wide operating
• Maximum interference safety against optical and electrical disturbances
• No external components necessary
• The center frequency can be varied with option PADs
( 32.7kHz, 36.7kHz, 37.9kHz, 40kHz, 56.7kHz)
• Internal filter for a high frequency lighting fluorescent lamp
• Open collector output (Open collector output with a pull-up resistor)
• Output active low
Version 2
Published by MagnaChip Semiconductor, Ltd. Oct. 25 2004. All right reserved.
Additional information of this datasheet may be served by MagnaChip Semiconductor offices in Korea or Distributors and Representatives
listed at address directory.
MagnaChip Semiconductor reserves the right to make changes to any information here in at any time without notice.
The information, diagrams and other data in this datasheet are correct and reliable; however, MagnaChip Semiconductor is in no
way responsible for any violations of patents or other rights of the third party generated by the use of this manual.
1. OVERVIEW
1.1 Description
1.2 Features


Similar Part No. - HL3280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL3279 ETC1-HL3279 Datasheet
182Kb / 6P
   PREAMPLIFIER FOR REMOTE CONTROL USE
More results

Similar Description - HL3280

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL2055 AUK-SL2055 Datasheet
220Kb / 8P
   PREAMPLIFIER FOR REMOTE CONTROL USE
logo
List of Unclassifed Man...
HL3279 ETC1-HL3279 Datasheet
182Kb / 6P
   PREAMPLIFIER FOR REMOTE CONTROL USE
logo
LG Semicon Co.,Ltd.
GL3274 LG-GL3274 Datasheet
305Kb / 8P
   Preamplifier for Remote Control Use
logo
Daewoo Semiconductor
DBL2055 DAEWOO-DBL2055 Datasheet
405Kb / 7P
   PREAMPLIFIER FOR REMOTE CONTROL USE
logo
Hynix Semiconductor
GL3277 HYNIX-GL3277 Datasheet
31Kb / 3P
   PREAMPLIFIER FOR REMOTE CONTROL USE
logo
NEC
UPC2800A NEC-UPC2800A Datasheet
84Kb / 12P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL
logo
TEMIC Semiconductors
U2535B TEMIC-U2535B Datasheet
71Kb / 6P
   Preamplifier for IR Remote Control
logo
Samsung semiconductor
KA2181 SAMSUNG-KA2181 Datasheet
49Kb / 3P
   REMOTE CONTROL PREAMPLIFIER
logo
NEC
UPC1373H NEC-UPC1373H Datasheet
309Kb / 6P
   REMOTE CONTROL PREAMPLIFIER
logo
Vishay Siliconix
VSOP584 VISHAY-VSOP584 Datasheet
224Kb / 8P
   Preamplifier Circuit for IR Remote Control
Rev. 1.2, 11-Jan-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com