Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7B47-B-10-2 Datasheet(PDF) 3 Page - Analog Devices

Part # 7B47-B-10-2
Description  Isolated, Linearized Thermocouple Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B47-B-10-2 Datasheet(HTML) 3 Page - Analog Devices

  7B47-B-10-2 Datasheet HTML 1Page - Analog Devices 7B47-B-10-2 Datasheet HTML 2Page - Analog Devices 7B47-B-10-2 Datasheet HTML 3Page - Analog Devices 7B47-B-10-2 Datasheet HTML 4Page - Analog Devices 7B47-B-10-2 Datasheet HTML 5Page - Analog Devices 7B47-B-10-2 Datasheet HTML 6Page - Analog Devices 7B47-B-10-2 Datasheet HTML 7Page - Analog Devices 7B47-B-10-2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7B47
Rev. 0 | Page 3 of 8
7B47 Models Available
Model
Input Type
Input Range
Output Range
Accuracy1
(Typical)
Accuracy1
(Maximum)
7B47-J-01-1
Type J
0°C to +760°C (+32°F to +1400°F)
+1 V to +5 V
±0.15% Span
±0.38% Span
7B47-J-01-2
Type J
0°C to +760°C (+32°F to +1400°F)
0 V to +10 V
±0.13% Span
±0.32% Span
7B47-J-02-1
Type J
-100°C to +300°C (-148°F to +572°F)
+1 V to +5 V
±0.16% Span
±0.35% Span
7B47-J-02-2
Type J
-100°C to +300°C (-148°F to +572°F)
0 V to +10 V
±0.14% Span
±0.30% Span
7B47-K-03-1
Type K
0°C to +1300°C (+32°F to +2372°F)
+1 V to +5 V
±0.15% Span
±0.35% Span
7B47-K-03-2
Type K
0°C to +1300°C (+32°F to +2372°F)
0 V to +10 V
±0.15% Span
±0.32% Span
7B47-K-04-1
Type K
0°C to +600°C (-148°F to +1112°F)
+1 V to +5 V
±0.09% Span
±0.20% Span
7B47-K-04-2
Type K
0°C to +600°C (-148°F to +1112°F)
0 V to +10 V
±0.08% Span
±0.18% Span
7B47-T-05-1
Type T
0°C to +400°C (+32°F to +752°F)
+1 V to +5 V
±0.24% Span
±0.05% Span
7B47-T-05-2
Type T
0°C to +400°C (+32°F to +752°F)
0 V to +10 V
±0.19% Span
±0.38% Span
7B47-T-06-1
Type T
-100°C to +200°C (-148°F to +392°F)
+1 V to +5 V
±0.29% Span
±0.57% Span
7B47-T-06-2
Type T
-100°C to +200°C (-148°F to +392°F)
0 V to +10 V
±0.25% Span
±0.47% Span
7B47-E-07-1
Type E
0°C to +900°C (+32°F to +1652°F)
+1 V to +5 V
±0.18% Span
±0.41% Span
7B47-E-07-2
Type E
0°C to +900°C (+32°F to +1652°F)
0 V to +10 V
±0.15% Span
±0.34% Span
7B47-R-08-1
Type R
+500°C to +1750°C (+932°F to +3182°F)
+1 V to +5 V
±0.29% Span
±0.36% Span
7B47-R-08-2
Type R
+500°C to +1750°C (+932°F to +3182°F)
0 V to +10 V
±0.25% Span
±0.30% Span
7B47-S-09-1
Type S
+700°C to +1750°C (+1292°F to +3182°F)
+1 V to +5 V
±0.13% Span
±0.31% Span
7B47-S-09-2
Type S
+700°C to +1750°C (+1292°F to +3182°F)
0 V to +10 V
±0.11% Span
±0.25% Span
7B47-B-10-1
Type B
+800°C to +1800°C (+1472°F to +3272°F)
+1 V to +5 V
±0.19% Span
±0.41% Span
7B47-B-10-2
Type B
+800°C to +1800°C (+1472°F to +3272°F)
0 V to +10 V
±0.17% Span
±0.35% Span
7B47-N-11-1
Type N
+200°C to +1300°C (+392°F to +2372°F)
+1 V to +5 V
±0.14% Span
±0.31% Span
7B47-N-11-2
Type N
+200°C to +1300°C (+392°F to +2372°F)
0 V to +10 V
±0.09% Span
±0.27% Span
1 Accuracy includes the effects of repeatability, hysteresis and conformity. The CJC sensor accuracy should be added to the 7B47 module accuracy listed in these tables in order to
compute the overall system accuracy.


Similar Part No. - 7B47-B-10-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B47 AD-7B47_15 Datasheet
541Kb / 8P
   Isolated, Linearized Thermocouple Input
REV. 0
More results

Similar Description - 7B47-B-10-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B47 AD-5B47 Datasheet
703Kb / 8P
   Isolated, Linearized Thermocouple Input
REV. 0
5B47 AD-5B47_15 Datasheet
699Kb / 8P
   Isolated, Linearized Thermocouple Input
REV. 0
7B47 AD-7B47_15 Datasheet
541Kb / 8P
   Isolated, Linearized Thermocouple Input
REV. 0
3B47 AD-3B47 Datasheet
347Kb / 8P
   Isolated, Linearized, Thermocouple Input
REV. 0
3B47 AD-3B47_15 Datasheet
352Kb / 8P
   Isolated, Linearized, Thermocouple Input
REV. 0
logo
List of Unclassifed Man...
DI-8B47 ETC1-DI-8B47 Datasheet
321Kb / 2P
   Linearized Thermocouple Input Modules
logo
Analog Devices
3B34 AD-3B34_15 Datasheet
399Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
5B34 AD-5B34 Datasheet
697Kb / 8P
   Isolated Linearized RTD Input
REV. 0
7B34 AD-7B34 Datasheet
549Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
3B34 AD-3B34 Datasheet
358Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com