Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7PA19AFE Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7PA19AFE
Description  CMOS Digital Integrated Circuit Silicon Monolithic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PA19AFE Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7PA19AFE Datasheet HTML 1Page - Toshiba Semiconductor TC7PA19AFE Datasheet HTML 2Page - Toshiba Semiconductor TC7PA19AFE Datasheet HTML 3Page - Toshiba Semiconductor TC7PA19AFE Datasheet HTML 4Page - Toshiba Semiconductor TC7PA19AFE Datasheet HTML 5Page - Toshiba Semiconductor TC7PA19AFE Datasheet HTML 6Page - Toshiba Semiconductor TC7PA19AFE Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7PA19AFE
2005-11-29
3
DC Electrical Characteristics (Ta = −40∼85°C, 2.7 V < VCC <= 3.6 V)
DC Electrical Characteristics (Ta = −40∼85°C, 2.3 V <= VCC <= 2.7 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High-Level Input Voltage
VIH
2.7~3.6
2.0
Low-Level Input Voltage
VIL
2.7~3.6
0.8
V
IOH = −100 µA
2.7~3.6
VCC
− 0.2
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
High-Level Output Voltage
VOH
VIN = VIH or VIL
IOH = −24 mA
3.0
2.2
V
IOL = 100 µA
2.7~3.6
0.2
IOL = 12 mA
2.7
0.4
IOL = 18 mA
3.0
0.4
Low-Level Output Voltage
VOL
VIN = VIH or VIL
IOL = 24 mA
3.0
0.55
V
Input Leakage Current
IIN
VIN = 0~3.6 V
2.7~3.6
±10.0
µA
VIN = VCC or GND
2.7~3.6
20.0
Quiescent Supply Current
ICC
VCC <= VIN <= 3.6 V
2.7~3.6
±20.0
Increase in ICC per Input
∆ICC
VIH = VCC − 0.6 V
2.7~3.6
750
µA
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High-Level Input Voltage
VIH
2.3~2.7
1.6
Low-Level Input Voltage
VIL
2.3~2.7
0.7
V
IOH = −100 µA
2.3~2.7
VCC
− 0.2
IOH = −6 mA
2.3
2.0
IOH = −12 mA
2.3
1.8
V
High-Level Output Voltage
VOH
VIN = VIH or VIL
IOH = −18 mA
2.3
1.7
IOL = 100 µA
2.3~2.7
0.2
IOL = 12 mA
2.3
0.4
Low-Level Output Voltage
VOL
VIN = VIH or VIL
IOL = 18 mA
2.3
0.6
V
Input Leakage Current
IIN
VIN = 0~3.6 V
2.3~2.7
±10.0
µA
VIN = VCC or GND
2.3~2.7
20.0
Quiescent Supply Current
ICC
VCC <= VIN <= 3.6 V
2.3~2.7
±20.0
µA


Similar Part No. - TC7PA19AFE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
180Kb / 7P
   Chip Select Decoder
TC7PA19AFE TOSHIBA-TC7PA19AFE_07 Datasheet
180Kb / 7P
   Chip Select Decoder
More results

Similar Description - TC7PA19AFE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com