Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSB0M030LFT Datasheet(PDF) 2 Page - ITT Industries

Part # KSB0M030LFT
Description  Low-profile Tact Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KSB0M030LFT Datasheet(HTML) 2 Page - ITT Industries

  KSB0M030LFT Datasheet HTML 1Page - ITT Industries KSB0M030LFT Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.ittcannon.com
B–37
Dimensions shown in: mm (inch)
Specifications and dimensions subject to change
B
7,62
(3,0)
9,0
(.354)
2,6
(.102)
4,2
(.165)
5,08
(.20)
0,5 x 0,3
(.020 x .012)
7,4
(.291)
7,4
(.291)
ø3,5
(.138)
10
(.394)
1,0
(.039)
R 0,3
(.012)
8,0
(.31)
4,4
(.173)
1,0
(.039)
K10 BUTTON FOR KSF ONLY Button must be ordered separately and will be supplied in bulk.
BUTTON
ø4,6+0,25/-0,15
(.181+.010/-.006)
7,62
(.30)
9,0
(.354)
7,4
(.291)
0,5+ x 0,3
(.020 x .012)
5,08
(.20)
Smooth surface
ø2,0
(.079)
R 0,2
(.008)
L min. 0,9
(.035)
4˚ max.
ø0,2 A
A
RECOMMENDED SHAPE
OF ACTUATOR
7,62
(.30)
PCB LAYOUT
Smooth surface
ø2,0
(.079)
R 0,2
(.008)
L min. 1,5
(.059)
4˚ max.
ø0,2 A
A
RECOMMENDED SHAPE
OF ACTUATOR
KSF0M111
7,62
(.30)
PCB LAYOUT
KSB
KSF
KSB & KSF Series
Low-profile Tact Switch
KSB0M110


Similar Part No. - KSB0M030LFT

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSB0M110 CK-COMPONENTS-KSB0M110 Datasheet
687Kb / 22P
   Low-profile Tact Switch
KSB0M110 CK-COMPONENTS-KSB0M110 Datasheet
91Kb / 4P
   Protected against flux
KSB0M110 CK-COMPONENTS-KSB0M110 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
KSB0M111 CK-COMPONENTS-KSB0M111 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
KSB0M112 CK-COMPONENTS-KSB0M112 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
More results

Similar Description - KSB0M030LFT

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSE CK-COMPONENTS-KSE Datasheet
574Kb / 2P
   Low Profile Tact Switch
KSE CK-COMPONENTS-KSE_V01 Datasheet
545Kb / 3P
   Low Profile Tact Switch
KSB0M110 CK-COMPONENTS-KSB0M110 Datasheet
687Kb / 22P
   Low-profile Tact Switch
KSE CK-COMPONENTS-KSE_11 Datasheet
193Kb / 2P
   Low Profile Tact Switch
KSB CK-COMPONENTS-KSB_V01 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
logo
Suntan Capacitors
TSS-RP-0302 SUNTAN-TSS-RP-0302 Datasheet
151Kb / 1P
   TACT SWITCH
logo
List of Unclassifed Man...
IT-1102WA8-160G-G ETC-IT-1102WA8-160G-G Datasheet
1Mb / 7P
   Tact Switch
logo
Adam Technologies, Inc.
SW-A11365 ADAM-TECH-SW-A11365 Datasheet
71Kb / 1P
   TACT SWITCH
logo
Suntan Capacitors
TSS-RP-0102 SUNTAN-TSS-RP-0102 Datasheet
186Kb / 1P
   TACT SWITCH
TSS-RP-06XG SUNTAN-TSS-RP-06XG Datasheet
171Kb / 1P
   TACT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com