Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN27C01055TI Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # EN27C01055TI
Description  EN27C010 1Megabit EPROM (128K x 8)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EN27C01055TI Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button EN27C01055TI Datasheet HTML 4Page - List of Unclassifed Manufacturers EN27C01055TI Datasheet HTML 5Page - List of Unclassifed Manufacturers EN27C01055TI Datasheet HTML 6Page - List of Unclassifed Manufacturers EN27C01055TI Datasheet HTML 7Page - List of Unclassifed Manufacturers EN27C01055TI Datasheet HTML 8Page - List of Unclassifed Manufacturers EN27C01055TI Datasheet HTML 9Page - List of Unclassifed Manufacturers EN27C01055TI Datasheet HTML 10Page - List of Unclassifed Manufacturers EN27C01055TI Datasheet HTML 11Page - List of Unclassifed Manufacturers EN27C01055TI Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
EN27C010
4800 Great America Parkway Ste 202
Tel: 408-235-8680
Santa Clara, CA. 95054
Fax: 408-235-8685
9
AC CHARACTERISTICS FOR READ OPERATION
EN27C010 / EN27C010L
-45
-55
-70
-90
Symbol
Parameter
Condition
Min
Max
Min
Max
Min
Max
Min
Max
Unit
tACC (3)
Address to
Output Delay
CE = OE =
VIL
45
55
70
90
ns
tCE (2)
CE to Output
Delay
OE = VIL
45
55
70
90
ns
tOE (2, 3)
OE to Output
Delay
OE = VIL
25
25
30
35
ns
tDF (4, 5)
OE or CE High to Output Float,
whichever occurred first
20
20
25
25
ns
tOH
Output Hold from Address, CE
or OE , whichever occurred first
0000
ns
Note: Please contact Marketing Department for other speed requirements.
FIGURE 6. AC WAVEFORMS FOR READ OPERATION
CE
ADDRESS
ADDRESS VALID
OE
OUTPUT
OUTPUT
VALID
tCE
tACC
HIGH Z
tOE
tDF
tOH


Similar Part No. - EN27C01055TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN27C512 ETC-EN27C512 Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
EN27C51245I ETC-EN27C51245I Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
EN27C51245II ETC-EN27C51245II Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
EN27C51245J ETC-EN27C51245J Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
EN27C51245JI ETC-EN27C51245JI Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
More results

Similar Description - EN27C01055TI

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
   128K (16K x 8) CMOS EPROM
2004
27C128 MICROCHIP-27C128 Datasheet
62Kb / 12P
   128K (16K x 8) CMOS EPROM
1996
logo
Winbond
W27L01 WINBOND-W27L01 Datasheet
244Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
   NMOS 128K 16K x 8 UV EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com