Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC00L1NZQD Datasheet(PDF) 2 Page - ITT Industries

Part # MC00L1NZQD
Description  Half-inch Rotary Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MC00L1NZQD Datasheet(HTML) 2 Page - ITT Industries

  MC00L1NZQD Datasheet HTML 1Page - ITT Industries MC00L1NZQD Datasheet HTML 2Page - ITT Industries MC00L1NZQD Datasheet HTML 3Page - ITT Industries MC00L1NZQD Datasheet HTML 4Page - ITT Industries MC00L1NZQD Datasheet HTML 5Page - ITT Industries MC00L1NZQD Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
L–13
L
C&K M Series
Half-inch Rotary Switches
SWITCH FUNCTION
L
DP MODELS 36º INDEXING
SCHEMATIC
DP MODELS 30º INDEXING
SCHEMATIC
SP MODELS 36º INDEXING
SCHEMATIC
SP MODELS 30º INDEXING
SCHEMATIC
Terminal Numbers Marked
On Side Of Housing
Actuator Shown In Pos. 1
SP, 36º Indexing
DP, 36º Indexing
Terminal Numbers Marked
On Side Of Housing
Actuator Shown In Pos. 1
SP, 30º Indexing
DP, 30º Indexing
6 Positions
MD06
6 Positions
No Stops
MH00
MD00
DP
12 Positions
MC12
7 Positions
MC07
3 Positions
MC03
12 Positions
No Stops
MG00
MC00
SP
SWITCH
FUNCTION
MODEL NO.
WITH STOP
RINGS
MODEL NO.
WITH STOP
PINS
NO.
POLES
30º INDEXING
All models
with all options when ordered with S1-SB stainless steel actuator options.
NOTE: Number of positions or stops preset at factory (NOTE: MX00 models have full 360 rotation with no stops. Stop pins or stop rings supplied for user-selectable stops, see above).
All terminals present regardless of number of switch positions. Hardware is available separately, see section “Technical Data and Additional Hardware”.
Part number shown: MA00L1NZQD
Part number shown: MC00L1NZQD
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
5 Positions
MB05
4 Positions
MB04
MB03
5 Positions
No Stops
MF00
MB00
DP
10 Positions
MA10
6 Positions
MA06
5 Positions
MA05
4 Positions
ME04
MA04
3 Positions
MA03
2 Positions
MA02
10 Positions
No Stops
ME00
MA00
SP
SWITCH
FUNCTION
MODEL NO.
WITH STOP
RINGS
MODEL NO.
WITH STOP
PINS
NO.
POLES
36º INDEXING
3 Positions


Similar Part No. - MC00L1NZQD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC00LVELT22MNR4G ONSEMI-MC00LVELT22MNR4G Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
More results

Similar Description - MC00L1NZQD

ManufacturerPart #DatasheetDescription
logo
C&K Components
MA00L1NZQD CK-COMPONENTS-MA00L1NZQD Datasheet
352Kb / 5P
   Half-inch Rotary Switches
M CK-COMPONENTS-M Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
KC1901 E-SWITCH-KC1901 Datasheet
94Kb / 1P
   ROTARY SWITCHES
logo
Allen-Bradley
440T-MRKSE10 ALLEN-BRADLEY-440T-MRKSE10 Datasheet
161Kb / 3P
   Rotary Switches
logo
Carling Technologies
R135-SERIES CARLINGTECH-R135-SERIES Datasheet
484Kb / 3P
   Rotary Switches
logo
Mitsumi Electronics, Co...
SRM-1011ST MITSUMI-SRM-1011ST Datasheet
65Kb / 2P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS Datasheet
236Kb / 3P
   ROTARY SWITCHES
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com