Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMDB1-25PH001P Datasheet(PDF) 1 Page - ITT Industries

Part # RMDB1-25PH001P
Description  Micro-D Plastic Shell - .050 Contact Spacing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RMDB1-25PH001P Datasheet(HTML) 1 Page - ITT Industries

  RMDB1-25PH001P Datasheet HTML 1Page - ITT Industries RMDB1-25PH001P Datasheet HTML 2Page - ITT Industries RMDB1-25PH001P Datasheet HTML 3Page - ITT Industries RMDB1-25PH001P Datasheet HTML 4Page - ITT Industries RMDB1-25PH001P Datasheet HTML 5Page - ITT Industries RMDB1-25PH001P Datasheet HTML 6Page - ITT Industries RMDB1-25PH001P Datasheet HTML 7Page - ITT Industries RMDB1-25PH001P Datasheet HTML 8Page - ITT Industries RMDB1-25PH001P Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PCB ordering information - page 30
SERIES-INSULATOR STYLE-MATERIAL
SERIES-INSULATOR STYLE-MATERIAL
MDB - Screw mounting-Diallyl phthalate
MDVB - Screw mounting-Polyester
H - Insulated solid or stranded wire
L - Uninsulated solid wire
S - Solder pot to accept #26 AWG max.
harness wire.
No designator - No hardware - standard mounting
.091 (2.31) hole diameter
P - Jackpost
K - Jackscrew-standard
L - Jackscrew-low profile
F - Float mount
M - Military specification hardware, see page 13.
1 - .050 (1.27) centers
9-15-21-25-31-37-51. See page 9
P - Pin
S - Socket
CONTACT SPACING
CONTACT ARRANGEMENT
CONTACT TYPE
CONTACT SPACING
CONTACT ARRANGEMENT
CONTACT TYPE
TERMINATION TYPE
TERMINATION TYPE
LOCKING HARDWARE (SCREW MOUNTING ONLY)
TERMINATION CODE
LOCKING HARDWARE
MD**
1-
9
P
H
001
P
(H) 001 - 18", 7/34 strand, #26 AWG,
MIL-W-16878/4, Type E Teflon, Yellow.
(H) 003 - 18", 7/34 strand, #26 AWG,
MIL-W-16878/4, Type E Teflon, color
coded to MIL-STD-681 System I.
(L) 1 - 1/2" uninsulated solid #25 AWG gold plated copper.
(L) 2 - 1" uninsulated solid #25 AWG gold plated copper.
TERMINATION CODE
RoHS COMPLIANCE
R
See page 79 and 81 for additional codes
28
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Micro-D Plastic Shell - .050" Contact Spacing
MD**
How to Order
Microminiature Rectangular Connectors
with MICRO-Pin Contacts on .050 (1.27)
centers.
MICRO-D microminiature rack/panel connec-
tors are used in applications requiring highly
reliable, extremely small, lightweight connec-
tors. These connectors are available in 2 insu-
lator materials, 2 mounting variations, 7 shell
sizes accommodating from 9 to 51 contacts
and a special arrangement of 5 micro contacts
and 2 coaxials. The insulator materials listed
give the MICRO-D connector wide versatility
in most applications required by industry.
ITT can also terminate a wide variety of
stranded or solid wire directly to MICRO-D
contacts, which is often desirable in high den-
sity arrangements.
MICRO-D connectors can also be custom har-
nessed to meet any customer requirement of
single or multiple connectors. Pigtail lead and
harness description must be given by the cus-
tomer. A typical description would be: .5" #25
AWG, gold plated copper leads or 18" of #26
yellow, Teflon-insulated, Type E wire. Shown
below are various methods of termination.
Consult customer service for any routine or
complex harnessing of MICRO-D connectors.
• Glass-filled diallyl phthalate thermoset
material used in high temperature applica-
tions that is immune to cleaning solvents.
It also has excellent dielectric properties.
Temperature range: -65˚F to +300˚F
(-55˚C to +149˚C).
• Glass-filled polyester thermoplastic that is
not affected by cleaning solvents and
exhibits excellent dielectric properties.
Temperature range: -55˚F to +257˚F
(-65˚C to +125˚C).
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Specifications
MATERIALS AND FINISHES
Shell/Insulator (One Piece) MD/MDB: Glass-filled
thermoset plastic
MDV/MDVB:
Thermoplastic
ELECTRICAL DATA
MECHANICAL FEATURES
No of Contacts
Size or Length
Coupling
Polarization
Contact Spacing
Centers
Shell Styles
Consult factory for availabilty.
Coaxial Cable
Wire Size
Contact Termination
- 9 to 51: (1 arrangement of 5
contacts and 2 coaxials - for
screw mount only)
- 7 sizes
- Friction/jackscrews
- Keystone-shaped shells
-.050 (1.27mm)
- Plug and receptacle
- RG-178/U (Not available for
MD clip mount)
- #24 thru #32 AWG
- Multi-indent crimp
- Copper alloy, gold plate
Contacts


Similar Part No. - RMDB1-25PH001P

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RMD-10V102MG10U-R2 TAIYO-YUDEN-RMD-10V102MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V102MG10UQ-R2 TAIYO-YUDEN-RMD-10V102MG10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10U-R2 TAIYO-YUDEN-RMD-10V152MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10UQ-R2 TAIYO-YUDEN-RMD-10V152MH10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-16V102MH10U-R2 TAIYO-YUDEN-RMD-16V102MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
More results

Similar Description - RMDB1-25PH001P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
Glenair, Inc.
MWDL-9P-4K1-18 GLENAIR-MWDL-9P-4K1-18 Datasheet
391Kb / 2P
   Micro-D Plastic Shell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com