Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K570AB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # K570AB
Description  5V Voltage Controlled Crystal Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

K570AB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  K570AB Datasheet HTML 1Page - List of Unclassifed Manufacturers K570AB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
Applications: Phase-Locked Loops (PLL’s); Clock
Recovery; Reference Signal Tracking;
Synthesizers; Frequency Modulation/Demodulation
!
8-pin Half DIL Package
!
1.0 to 52.0 MHz Frequency Range
!
0.5V to 4.5V Control Voltage
!
±25ppm Stability
!
-40°C to 85°C Operating Temperature
ELECTRICAL SPECIFICATIONS
2553 N. Edgington Street, Franklin Park, IL 60131 " Phone: 847.451.1000 " Fax: 847.451.7585
800-888-1499 or www.champtech.com
5,5
min
Max.
K570A
46.000
MHZ
CTI DA
TE CODE
12,7
min
Max.
12,7
min
Max.
PIN 1
1
Model
K570A
Frequency Range (MHz)
Input Current (mA)
1 to 52
< 26
Frequency Control Function
Deviation (ppm)
Minimum
Maximum
±150
Linearity (%)
±100
Modulation Bandwidth (±3dB)
Nominal Control Voltage (V)
Control Voltage Range (V)
Transfer Function
Input Impedance
< 10
> 20KHz
2.5
0.5 to 4.5
Positive
> 50K
Ω @ 10KHz
Frequency Stability (ppm)
Overall
-40oC to +85oC
0oC to +70oC
Temperature Range (oC)
Inclusive of Calibration, Temperature, Voltage, Load and Aging
±25
±50
Operating
Storage
-40oC to +85oC
-55oC to +125oC
Supply Voltage (V)
Symmetry (%) CMOS/TTL
Start Up Time (ms)
+5.0V ±5%
40/60
<10
Typical SSB Phase Noise (dBC/Hz)
Offset from Carrier
10Hz
-65
100Hz
1KHz
10KHz
100KHz
-95
-120
-140
-150
(For Custom Deviation Range, Vc Range, etc. - Consult Factory)
K570A Series
5V Voltage Controlled Crystal Oscillators
PART NUMBERING GUIDE
K570A XX - Specify Frequency
“Blank” = 0°C to 70°C Operating Temp.
“M” = -40°C to +85°C Operating Temp.
“A” = ±25ppm (0oC to 70oC Op. Temp. Only
“B” = ±50ppm


Similar Part No. - K570AB

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K570AB MTRONPTI-K570AB Datasheet
120Kb / 2P
   5V Voltage Controlled Crystal Oscillators
K570ABM MTRONPTI-K570ABM Datasheet
120Kb / 2P
   5V Voltage Controlled Crystal Oscillators
More results

Similar Description - K570AB

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K1527A MTRONPTI-K1527A Datasheet
119Kb / 2P
   5V Voltage Controlled Crystal Oscillators
K1570AQG MTRONPTI-K1570AQG Datasheet
101Kb / 2P
   5V Voltage Controlled Crystal Oscillators
K17255B MTRONPTI-K17255B Datasheet
424Kb / 2P
   5V Voltage Controlled Crystal Oscillators
K1570AQH MTRONPTI-K1570AQH Datasheet
102Kb / 2P
   5V Voltage Controlled Crystal Oscillators
K1570A MTRONPTI-K1570A_07 Datasheet
453Kb / 2P
   5V Voltage Controlled Crystal Oscillators
K1570AQA MTRONPTI-K1570AQA Datasheet
432Kb / 2P
   5V Voltage Controlled Crystal Oscillators
K570A MTRONPTI-K570A Datasheet
120Kb / 2P
   5V Voltage Controlled Crystal Oscillators
K1570A MTRONPTI-K1570A Datasheet
415Kb / 2P
   5V Voltage Controlled Crystal Oscillators
K1700A MTRONPTI-K1700A Datasheet
107Kb / 2P
   5V Temperature Compensated Voltage Controlled Crystal Oscillators
K1610 MTRONPTI-K1610 Datasheet
404Kb / 2P
   5V Voltage Controlled Temperature Compensated Crystal Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com