Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA0515RNWCBE Datasheet(PDF) 2 Page - ITT Industries

Part # FA0515RNWCBE
Description  Miniature ROTA-SLIDE Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

FA0515RNWCBE Datasheet(HTML) 2 Page - ITT Industries

  FA0515RNWCBE Datasheet HTML 1Page - ITT Industries FA0515RNWCBE Datasheet HTML 2Page - ITT Industries FA0515RNWCBE Datasheet HTML 3Page - ITT Industries FA0515RNWCBE Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
L–42
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
L
C&K F Series
Miniature ROTA-SLIDE® Rotary Switches
SWITCH FUNCTION
45º INDEXING SCHEMATICS
F1XX MODELS
F2XX MODELS
FA01 MODEL
FA05 MODEL
FCXX MODEL
C= Common Terminal
90º INDEXING SCHEMATICS
7
8
3
Break-before-make contacts. Terminal numbers
are molded on bottom of housing. Actuators are
shown in position 1.
F1XX, F2XX models: No common terminal is present.
Switching function is provided by movable contacts
shorting adjacent pairs of stationary contacts.
NOTE: *Switches with ‘02’ PC terminations have
additional terminal no. 5 as switch support only.
This terminal is not connected electrically inside switch.
Break-before-make contacts. Terminal numbers
are molded on bottom of housing. Actuators are
shown in position 1.
FAXX models: No common terminal is present.
Switching function is provided by movable contacts
shorting adjacent pairs of stationary contacts.
FCXX models: Common terminal is present.
NOTE: *Switches with ‘02’ PC terminations have
additional terminal no. 5 as switch support only.
This terminal is not connected electrically inside switch.
Part number show: FC0315RN02Q
All Terminals
3 Position
F203
DP
8-1-2-3*
3 Position
F103
SP
TERMINALS
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
45º INDEXING
C-1,C-2,C-3
3 Position
FC03
SP WITH
COMMON
8-1-3-5
3 Position
FA05
8-1-3
SPDT
FA01
SP
TERMINALS
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
90º INDEXING


Similar Part No. - FA0515RNWCBE

ManufacturerPart #DatasheetDescription
logo
C&K Components
FA0515RNWCBE CK-COMPONENTS-FA0515RNWCBE Datasheet
219Kb / 4P
   Miniature ROTA-SLIDE Rotary Switches
More results

Similar Description - FA0515RNWCBE

ManufacturerPart #DatasheetDescription
logo
C&K Components
F10008RS02BE CK-COMPONENTS-F10008RS02BE Datasheet
219Kb / 4P
   Miniature ROTA-SLIDE Rotary Switches
logo
ITT Industries
R10007RR03Q ITT-R10007RR03Q Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
logo
C&K Components
R20407RR02Q CK-COMPONENTS-R20407RR02Q Datasheet
289Kb / 3P
   ROTA-SLIDE Rotary Switches
logo
ITT Industries
H20307RR05Q ITT-H20307RR05Q Datasheet
190Kb / 3P
   Power ROTA-SLIDE Rotary Switches
logo
C&K Components
R CK-COMPONENTS-R Datasheet
305Kb / 3P
   ROTA-SLIDE® Rotary Switches
R10007RR03Q CK-COMPONENTS-R10007RR03Q_13 Datasheet
527Kb / 3P
   R Series ROTA-SLIDE Rotary Switches
FA0515RN02QE CK-COMPONENTS-FA0515RN02QE Datasheet
199Kb / 4P
   Miniature ROTA-SLIDE짰 Rotary Switches
R10007RR03QE CK-COMPONENTS-R10007RR03QE Datasheet
185Kb / 3P
   ROTA-SLIDE짰 Rotary Switches
H20307RR05Q CK-COMPONENTS-H20307RR05Q Datasheet
164Kb / 3P
   Power ROTA-SLIDE짰 Rotary Switches
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com