Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGN20003Z Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # AGN20003Z
Description  ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AGN20003Z Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  AGN20003Z Datasheet HTML 1Page - Nais(Matsushita Electric Works) AGN20003Z Datasheet HTML 2Page - Nais(Matsushita Electric Works) AGN20003Z Datasheet HTML 3Page - Nais(Matsushita Electric Works) AGN20003Z Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GN
127
r: For each surface-mounted terminal variation, input the following letter.
A type: A, S type: S
1) Standard packing: 50 pcs.(tube), 500pcs. (tape and reel)in an inner package; 1,000 pcs. in an outer package
2) Specified value of pick-up, drop-out, set and reset voltage is with the condition of square wave coil pulse.
Operating
Function
Part No.
Coil Rating,
V DC
Set voltage,
V DC (max.)
(initial)
Reset
voltage,
V DC (max.)
(initial)
Nominal
operating
current,
mA (
±10%)
Coil
resistance,
Ω (±10%)
Nominal
operating
power,
mW
Max.
allowable
voltage,
V DC
Tube packing
Tape and reel
packing
1 coil
latching
AGN210r1H
AGN210r1HZ
1.5
1.13
1.13
66.7
22.5
100
2.25
AGN210r03
AGN210r03Z
3
2.25
2.25
33.3
90
100
4.5
AGN210r4H
AGN210r4HZ
4.5
3.38
3.38
22.2
202.5
100
6.75
AGN210r06
AGN210r06Z
6
4.5
4.5
16.7
360
100
9
AGN210r09
AGN210r09Z
9
6.75
6.75
11.1
810
100
13.5
AGN210r12
AGN210r12Z
12
9
9
8.3
1,440
100
18
AGN210r24
AGN210r24Z
24
18
18
5.0
4,800
120
36
DIMENSIONS
1. PC board terminal
10.60
±0.3
.417
±.012
5.70
±0.3
.224
±.012
0.40
±0.1
.016
±.004
(1.50)
(.059)
2.20
±0.15
.087
±.006
3.20
±0.15
.126
±.006
0.25
±0.1
.010
±.004
3.20
±0.15
.126
±.006
3.50
±0.3
.138
±.012
(0.50)
(.020)
9.00
±0.3
.354
±.012
PC board pattern
Tolerance:
±0.1 ±.004
3.20
.126
2.20
.087
7.60
.299
3.20
.126
8-0.85 dia.
8-.033 dia
Schematic (Bottom view)
Single side stable
(Deenergized condition)
1 coil latching
(Reset condition)
Direction indication
8
765
1
234
Direction indication
4
5
2
7
8
1
6
3
mm inch
2. Surface-mount terminal
1) A type
10.60
±0.3
.417
±.012
5.70
±0.3
.224
±.012
0.40
±0.1
.016
±.004
(1.50)
(.059)
3.20
±0.15
.126
±.006
3.20
±0.15
.126
±.006
0.25
±0.1
.010
±.004
2.20
±0.15
.087
±.006
7.40
±0.3
.291
±.012
(0.50)
(.020)
9.00
±0.3
.354
±.012
Max. 10.00
.394
Suggested mounting pad
Tolerance:
±0.1 ±.004
2.20
.087
3.20
.126
5.30
.209
3.10
.122
0.80
.031
1) S type
10.60
±0.3
.417
±.012
5.70
±0.3
.224
±.012
3.20
±0.15
.126
±.006
0.40
±0.1
.016
±.004
(1.50)
(.059)
0.25
±0.1
.010
±.004
3.20
±0.15
.126
±.006
2.20
±0.15
.087
±.006
5.70
±0.3
.224
±.012
(0.50)
(.020)
9.00
±0.3
.354
±.012
Max. 10.00
.394
Suggested mounting pad
Tolerance:
±0.1 ±.004
2.20
.087
3.20
.126
4.45
.175
2.25
.089
0.80
.031
Schematic (Top view)
Single side stable
(Deenergized condition)
1 coil latcing
(Reset condition)
Direction indication
1
234
8
765
Direction indication
5
6
7
8
2
13 4
REFERENCE DATA
1. Max. switching capacity
2. Life curve
30
100
Contact voltage, V
1.0
0.3
DC resistive load
AC resistive load
Switching current, A
0.2
0.4
0.6
0.8
1.0
1.2
100
50
30
40
20
10
0
DC 30V resistive load
AC 125V
resistive load


Similar Part No. - AGN20003Z

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGN20003Z NAIS-AGN20003Z Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
More results

Similar Description - AGN20003Z

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGN20003 NAIS-AGN20003 Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
GQ-RELAYS NAIS-GQ-RELAYS Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
TN2-3V NAIS-TN2-3V Datasheet
78Kb / 4P
   SLIM POLARIZED RELAY
TN2-12 NAIS-TN2-12 Datasheet
76Kb / 4P
   SLIM POLARIZED RELAY
logo
Picker Components
PC458 PICKER-PC458_17 Datasheet
183Kb / 2P
   Ultra Slim Inline Relay
PC458 PICKER-PC458 Datasheet
187Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457 Datasheet
208Kb / 2P
   Ultra Slim Inline Relay
PC458 PICKER-PC458_14 Datasheet
183Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457_17 Datasheet
790Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457_14 Datasheet
161Kb / 2P
   Ultra Slim Inline Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com