Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-53A3VEM Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HFBR-53A3VEM
Description  3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel for Fibre Channel
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-53A3VEM Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HFBR-53A3VEM Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-53A3VEM Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-53A3VEM Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-53A3VEM Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-53A3VEM Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-53A3VEM Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-53A3VEM Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-53A3VEM Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-53A3VEM Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Agilent HFBR-53A3VEM/HFBR-53A3VFM
3.3 V 1 x 9 Fiber Optic Transceivers
for Fibre Channel
Data Sheet
Features
• Compliant with ANSI X3.297-1996
Fibre Channel Physical Interface
FC-PH-2 revision 7.4 proposed
specification for 100-M5-SN-I and
100-M6-SN-I signal interfaces
• Performance
HFBR-53A3VEM/FM:
300 m links in 62.5/125
µm MMF cables
500 m links in 50/125
µm MMF cables
• Wave solder and aqueous wash
process compatible
• Industry standard mezzanine height
1 x 9 package style with integral
duplex SC connector
• IEC 60825-1 Class 1/CDRH Class I
laser eye safe
• Single +3.3 V power supply operation
with PECL compatible logic
interfaces and TTL Signal Detect
Applications
• Mass storage systems I/O
• Computer systems I/O
• High-speed peripheral interface
• High-speed switching systems
• Computer systems I/O
• Host adapter I/O
• RAID cabinets
Related Products
• Physical layer ICs available for
optical or copper interface
(HDMP-1636A/1646A)
• Versions of this transceiver module
also available for +5 V operation
(HFBR/HFCT-53D3)
• MT-RJ SFF fiber optic transceivers
for Fibre Channel
(HFBR-HFCT-5910E)
• Gigabit Interface Converters (GBIC)
for Fibre Channel: HFBR-5602 (SWL)
and HFCT-5612 (LWL)
Description
The HFBR-53A3VEM/FM
transceivers from Agilent
Technologies allow the system
designer to implement a range of
solutions for multimode Fibre
Channel applications.
The overall Agilent transceiver
product consists of three sections:
the transmitter and receiver optical
subassemblies, an electrical
subassembly, and the package
housing which incorporates a
duplex SC connector receptacle.
Transmitter Section
The transmitter section of the
HFBR-53A3VEM/FM consists of an
850 nm Vertical Cavity Surface
Emitting Laser (VCSEL) in an
Optical Subassembly (OSA), which
mates to the fiber cable. The OSA is
driven by a custom, silicon bipolar
IC which converts differential PECL
compatible logic signals into an
analog laser diode drive current.
The high speed output lines are
internally ac-coupled and
differentially terminate with a 100
resistor.
Receiver Section
The receiver of the
HFBR-53A3VEM/FM includes a
GaAs PIN photo-diode mounted
together with a custom, silicon
bipolar transimpedance
preamplifier IC in an OSA. This
OSA is mated to a custom silicon
bipolar circuit that provides post-
amplification and quantization.
The post-amplifier also includes a
Signal Detect circuit which pro-
vides a TTL logic-high output
upon detection of a usable input
optical signal level. The high
speed output lines are internally
ac-coupled.


Similar Part No. - HFBR-53A3VEM

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-53A3VEMZ AVAGO-HFBR-53A3VEMZ Datasheet
269Kb / 13P
   RoHS Compliant 3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel
More results

Similar Description - HFBR-53A3VEM

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-53A3VEMZ AVAGO-HFBR-53A3VEMZ Datasheet
269Kb / 13P
   RoHS Compliant 3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel
AFBR-53D5Z AVAGO-AFBR-53D5Z Datasheet
132Kb / 15P
   850 nm VCSEL, 1 x 9 Fibre Optic Transceivers for Gigabit Ethernet
AFBR-53D5Z AVAGO-AFBR-53D5Z_15 Datasheet
132Kb / 15P
   850 nm VCSEL, 1 x 9 Fibre Optic Transceivers for Gigabit Ethernet
AFBR-53D3EZ AVAGO-AFBR-53D3EZ Datasheet
228Kb / 16P
   RoHS Compliant 850 nm VCSEL 1x9 Fiber Optic Transceivers for Fibre Channel
logo
Broadcom Corporation.
AFBR-53D3Z BOARDCOM-AFBR-53D3Z Datasheet
228Kb / 16P
   RoHS Compliant 850 nm VCSEL 1x9 Fiber Optic Transceivers for Fibre Channel
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-53A5VEMZ AVAGO-HFBR-53A5VEMZ_15 Datasheet
338Kb / 13P
   3.3 V 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet Low Voltage
HFBR-53A5VEMZ AVAGO-HFBR-53A5VEMZ Datasheet
338Kb / 13P
   3.3 V 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet Low Voltage
logo
Agilent(Hewlett-Packard...
HFBR-53A5VEM HP-HFBR-53A5VEM Datasheet
308Kb / 14P
   3.3 V 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet Low Voltage
HFBR-53D5 HP-HFBR-53D5 Datasheet
280Kb / 16P
   1 x 9 Fiber Optic Transceivers for Gigabit Ethernet
logo
JDS Uniphase Corporatio...
JSP-21S0AA1 JDSU-JSP-21S0AA1 Datasheet
182Kb / 7P
   SFP Pluggable Transceivers for Ethernet and Fibre Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com