Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBS4KGA2SA011C Datasheet(PDF) 6 Page - ITT Industries

Part # HBS4KGA2SA011C
Description  Single Pole Standard Precision Snap-acting Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

HBS4KGA2SA011C Datasheet(HTML) 6 Page - ITT Industries

  HBS4KGA2SA011C Datasheet HTML 1Page - ITT Industries HBS4KGA2SA011C Datasheet HTML 2Page - ITT Industries HBS4KGA2SA011C Datasheet HTML 3Page - ITT Industries HBS4KGA2SA011C Datasheet HTML 4Page - ITT Industries HBS4KGA2SA011C Datasheet HTML 5Page - ITT Industries HBS4KGA2SA011C Datasheet HTML 6Page - ITT Industries HBS4KGA2SA011C Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
K
K–42
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K HB Series
Single Pole Standard Precision Snap-acting Switches
ACTUATOR
TERMINATIONS
11
FLAT BASE, SOLDER TERMINALS AND 4-40 SCREWS
41
FLAT BASE, .250" QUICK CONNECT TERMINALS
NOTE: Switches with flat base option have molded ribs that provide increased creep distance.
NOTE: For basic switch operating forces, see page K-39.
* Actuators sealed against the entrance of airborne
contaminants and/or splashing liquids.
.19
(4,8)
0.9
(2,3)
.19
(4,8)
.141
(3,58)
.005
(0,13)
.22
(5,6)
0.9
(2,3)
.055
(1,40)
.156
(3,96)
PB
.19
(4,8)
0.9
(2,3)
.19
(4,8)
.141
(3,58)
.005
(0,13)
.22
(5,6)
0.9
(2,3)
.055
(1,40)
.156
(3,96)
KH
.19
(4,8)
.19
(4,8)
.005
(0,13)
.156
(3,96)
KG
0.9
(2,3)
.141
(3,58)
.005
(0,13)
.22
(5,6)
0.9
(2,3)
.055
(1,40)
KC
.19
(4,8)
.06
(1,5)
.19
(4,8)
.141
(3,58)
.005
(0,13)
.22
(5,6)
.06
(1,5)
.055
(1,40)
.156
(3,96)
KA
.005
(0,13)
GF
MINIMUM
OVERTRAVEL
(IN/MM)
.38
(9,7)
0.9
(2,3)
.38
(9,7)
.030
(0,76)
.030
(0,76)
.030
(0,76)
0.9
(2,3)
.030
(0,76)
.38
(9,7)
PB
.38
(9,7)
0.9
(2,3)
.38
(9,7)
.025
(0,64)
.025
(0,64)
.025
(0,64)
0.9
(2,3)
.025
(0,64)
.38
(9,7)
KH
.38
(9,7)
.38
(9,7)
.025
(0,64)
.312
(7,92)
KG
.09
(2,3)
.020
(0,51)
.020
(0,51)
.020
(0,51)
0.8
(2,0)
.020
(0,51)
KC
.38
(9,7)
.09
(2,3)
.38
(9,7)
.015
(0,38)
.015
(0,38)
.015
(0,38)
0.8
(2,0)
.020
(0,51)
.312
(7,92)
KA
.020
(0,51)
GF
MAXIMUM
PRETRAVEL
(IN/MM)
.156
(3,96)
.031
(0,79)
.156
(3,96)
.005
(0,13)
.030
(0,76)
.007
(0,18)
.125
(3,18)
PB
.093
(2,36)
.020
(0,51)
.093
(2,36)
.003
(0,08)
.020
(0,51)
.003
(0,76)
.080
(2,03)
KH
.078
(1,98)
.078
(1,98)
.003
(0,08)
.062
(1,57)
KG
.009
(0,23)
.002
(0,05)
.008
(0,20)
.002
(0,05)
KC
.047
(1,19)
.005
(0,13)
.047
(1,19)
.0005
(0,013)
.005
(0,13)
.0005
(0,013)
.020
(0,51)
KA
.0005
(0,013)
GF
MAXIMUM
DIFFERENTIAL
TRAVEL
(IN/MM)
* SEALED ACTUATOR
TS
ACTUATOR
A0
D0
F0
J0
P0
R5
T0
Y0
OPTION
CODE


Similar Part No. - HBS4KGA2SA011C

ManufacturerPart #DatasheetDescription
logo
Heyco.
HBS4 HEYCO-HBS4 Datasheet
105Kb / 1P
   Nylon PCB Supports - Blind Mount
logo
SMC Diode Solutions Co....
HBS402 SMCDIODE-HBS402 Datasheet
562Kb / 5P
   Glass Passivated Single-Phase 4.0Amp Surface Mount Bridge Rectifier
logo
Zibo Seno Electronic En...
HBS405 ZSELEC-HBS405 Datasheet
120Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS41 ZSELEC-HBS41 Datasheet
120Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS410 ZSELEC-HBS410 Datasheet
120Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - HBS4KGA2SA011C

ManufacturerPart #DatasheetDescription
logo
C&K Components
HB CK-COMPONENTS-HB Datasheet
399Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
HB CK-COMPONENTS-HB_V01 Datasheet
619Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
18 Jan 21
HBS2KGB4SP011C CK-COMPONENTS-HBS2KGB4SP011C Datasheet
230Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
logo
ITT Industries
LF05A080L27QY ITT-LF05A080L27QY Datasheet
201Kb / 2P
   Precision Snap-acting Reset Switches
logo
C&K Components
LF CK-COMPONENTS-LF Datasheet
302Kb / 3P
   Precision Snap-acting Reset Switches
MMGGD1P0C CK-COMPONENTS-MMGGD1P0C Datasheet
261Kb / 3P
   Subminiature Precision Snap-acting Switches
logo
ITT Industries
LCGGF5P00EC ITT-LCGGF5P00EC Datasheet
273Kb / 4P
   Subminiature Precision Snap-acting Switches
logo
C&K Components
LCGGF5P00ECUE CK-COMPONENTS-LCGGF5P00ECUE Datasheet
1Mb / 4P
   Subminiature Precision Snap-acting Switches
LC CK-COMPONENTS-LC Datasheet
417Kb / 4P
   Small Size Precision Snap-acting Switches
MM CK-COMPONENTS-MM Datasheet
527Kb / 3P
   Mini Size Precision Snap-acting Switches
24 Mar 21
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com