Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2517DN-T1-E4 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2517DN-T1-E4
Description  3ohm, High Bandwidth, Dual SPDT Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2517DN-T1-E4 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2517DN-T1-E4 Datasheet HTML 1Page - Vishay Siliconix DG2517DN-T1-E4 Datasheet HTML 2Page - Vishay Siliconix DG2517DN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG2517DN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG2517DN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix DG2517DN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG2517DN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 74333
S-61774-Rev. A, 11-Sep-06
www.vishay.com
5
Vishay Siliconix
DG2517/DG2518
TYPICAL CHARACTERISTICS 25 °C, unless noted
TEST CIRCUITS
Switching Time vs. Temperature
Switching Threshold vs. Supply Voltage
- 60
- 40
- 20
0
20
40
60
80
100
RL = 300 Ω
Temperature (°C)
0
2
4
6
8
10
12
14
16
18
tOFF, V+ = 2.7 V
tON, V+ = 4.2 V
tON, V+ = 2.7 V
tOFF, V+ = 4.2 V
V+ - Supply Voltage (V)
0
0.5
1
1.5
2
2.5
1.5
2
2.5
33.5
4
4.5
5
Insertion Loss, Off-Isolation
Crosstalk vs. Frequency
Charge Injection vs. Analog Voltage
100K
- 90
10M
0
- 80
- 60
100M
1G
1M
Frequency (Hz)
- 40
- 20
LOSS
XTALK
- 70
- 50
- 30
- 10
V+ = 5 V
RL = 50 Ω
OIRR
- 80
- 60
- 40
- 20
0
20
40
01
2
3
45
VCOM - Analog Voltage (V)
V+ = 5 V
V+ = 3 V
Figure 1. Switching Time
Switch
Input
CL (includes fixture and stray capacitance)
V+
IN
NO or NC
CL
35 pF
COM
Logic
Input
RL
300
Ω
VOUT
GND
V+
50 %
0 V
Logic
Input
Switch
Output
tON
tOFF
Logic “1” = Switch On
Logic input waveforms inverted for switches that have
the opposite logic sense.
0 V
Switch Output
V
OUT
V
COM
R
L
R
L
R
ON
0.9 x VOUT
tr < 5 ns
tf < 5 ns
VINH
VINL


Similar Part No. - DG2517DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2517DN-T1-E4 VISHAY-DG2517DN-T1-E4 Datasheet
157Kb / 8P
   3-Ω, High Bandwidth, Dual SPDT Analog Switch
Rev. B, 27-Oct-08
DG2517DN-T1-E4 VISHAY-DG2517DN-T1-E4 Datasheet
187Kb / 10P
   3-廓, High Bandwidth, Dual SPDT Analog Switch
01-Jan-2022
More results

Similar Description - DG2517DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WAS4717Q WILLSEMI-WAS4717Q Datasheet
1Mb / 9P
   660MHz Bandwidth, 3ohm Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP_11 Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
logo
Vishay Siliconix
DG2032E VISHAY-DG2032E Datasheet
169Kb / 9P
   2.5 , High Bandwidth, Dual SPDT Analog Switch
Rev. A, 27-Mar-17
logo
AiT Semiconductor Inc.
A4715 AITSEMI-A4715 Datasheet
809Kb / 12P
   DUAL SPDT ANALOG SWITCH 300MHz BANDWIDTH
REV1.0
logo
Vishay Siliconix
DG2517 VISHAY-DG2517_V01 Datasheet
187Kb / 10P
   3-廓, High Bandwidth, Dual SPDT Analog Switch
01-Jan-2022
DG2032 VISHAY-DG2032 Datasheet
88Kb / 5P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 18-Aug-03
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
88Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
March, 2006 ??Rev. 5
logo
Vishay Siliconix
DG2517 VISHAY-DG2517_08 Datasheet
157Kb / 8P
   3-Ω, High Bandwidth, Dual SPDT Analog Switch
Rev. B, 27-Oct-08
DG2016 VISHAY-DG2016 Datasheet
62Kb / 6P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 20-Jan-03
logo
ON Semiconductor
NLAS4717 ONSEMI-NLAS4717 Datasheet
96Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
April, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com