Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF0032M-04AAXX Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # MF0032M-04AAXX
Description  8/16-bit Data Bus CompactFlash Card
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF0032M-04AAXX Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button MF0032M-04AAXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF0032M-04AAXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF0032M-04AAXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF0032M-04AAXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF0032M-04AAXX Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MF0032M-04AAXX Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MF0032M-04AAXX Datasheet HTML 12Page - Mitsubishi Electric Semiconductor MF0032M-04AAXX Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MF0032M-04AAXX Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MITSUBISHI STORAGE CARD
Preliminary
CompactFlash CARDS
MITSUBISHI
ELECTRIC
10
Oct.1999. Rev. 0.2
Configuration Register Specifications
Configuration Option Register
This register is used for the configuration of the card
configuration status and for the issuing soft reset to the card.
D7
D6
D5
D4
D3
D2
D1
D0
SRESET
LevIREQ
Index
Name
R/W
Description
SRESET
R/W
Setting this bit to “1”, places the card in the reset
state. When the host returns this bit to “0”, the
function shall enter the same unconfigured, reset
state as the card does following a power-up and
hardware reset.
LevIREQ
R/W
If this bit is set to “0”, card generates pulse mode
interrupt. If this bit is set to “1”, card generates
level mode interrupts.
Index
R/W
This bits is used for select operation mode of the
card as follows.
When Power on, Card Hard Reset and Soft reset,
this data is “000000” for the purpose of Memory
card interface recognition.
Index: 0 -> Memory mapped
1 -> Contiguous I/O mapped
2 -> Primary I/O mapped
3 -> Secondary I/O mapped
Configuration and Status Register
This register is used for observing the card state.
D7
D6
D5
D4
D3
D2
D1
D0
Changed
SigChg
Iois8
0
0
PwrDwn
Intr
0
Name
R/W
Description
Changed
R/O
This bit indicates that CREADY bit on the Pin
Replacement register is set to “1”. When
Changed bit is set to “1”, STSCHG# pin is held
“L” if the SigChg bit is “1” and the card is
configured for the I/O interface.
SigChg
R/W
This bit is set or reset by the host for enabling
and disabling the status change
signal(STSCHG# pin). When the card is
configured I/O card interface and this bit is set to
“1”, STSCHG# pin is controlled by Changed bit.
If this bit is set to “0”, STSCHG# pin is kept “H”.
Iois8
R/W
This card is always configured for both 8-bit and
16-bit I/O, so this bit is ignored.
PwrDwn
R/W
When this bit is set to “1”, the card enters Power
Down mode. When this bit is reset to “0”, the
host is requesting the card to enter the active
mode. RREADY bit on Pin Replacement
Register becomes BUSY when this bit is
changed. RREADY will not become Ready until
the power state requested has been entered.
This card automatically powers down when it is
idle, and powers back up when it receives a
command.
Intr
R/W
This bit represents the internal state of the
interrupt request. This bit state is available
whether I/O card interface has been configured
or not. This signal remains True until the
condition which caused the interrupt request has
been serviced. If interrupts are disabled by the
nIEN bit in the Device Control Register, this bit is
a zero.
Pin Replacement Register
This register is used for providing the signal state of READY
signal when the card configured I/O card interface.
D7
D6
D5
D4
D3
D2
D1
D0
0
0
CREADY
0
1
1
RREADY
0
Name
R/W
Description
CREADY
R/W
This bit is set to “1” when the RREADY bit
changes state. This bit may also be written by
the host.
RREADY
R/W
When read, this bit indicates READY pin states.
When written, this bit acts as a mask for writing
the CREADY bit.
Socket and Copy Register
This register is used for identification of the card from the other
cards. Host can read and write this register. This register should
be set by host before this card’s Configuration Option register
set.
D7
D6
D5
D4
D3
D2
D1
D0
0
Copy Number
Socket Number
Name
R/W
Description
Copy Number
R/W
This bit indicates the drive number of the
card for twin card configuration.
And the host can select and drive one card
by comparing the number in this field with
the drive number of Drive Head Register.
In the way, the host can perform the card’s
master/slave organization.
Socket Number
R/W
This field indicates to the card that it is
located in the n’th socket.


Similar Part No. - MF0032M-04AAXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
More results

Similar Description - MF0032M-04AAXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF365A-J8CATXX MITSUBISHI-MF365A-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF82M1-GMCAVXX MITSUBISHI-MF82M1-GMCAVXX Datasheet
148Kb / 22P
   8/16-bit Data Bus Flash Memory Card
MF365A-LYCATXX MITSUBISHI-MF365A-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF365A-LCDATXX MITSUBISHI-MF365A-LCDATXX Datasheet
254Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF38M1-LCDAGXX MITSUBISHI-MF38M1-LCDAGXX Datasheet
258Kb / 9P
   8/16-bit Data Bus Static RAM Card
MF38M1-L6DAGXX MITSUBISHI-MF38M1-L6DAGXX Datasheet
316Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF365A-J9CATXX MITSUBISHI-MF365A-J9CATXX Datasheet
102Kb / 14P
   8/16-bit Data Bus Static RAM Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com