Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF-10KDS-R13-060 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # MF-10KDS-R13-060
Description  SONET/SDH TRANSMITTER & RECIEVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-10KDS-R13-060 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MF-10KDS-R13-060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-10KDS-R13-060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-10KDS-R13-060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-10KDS-R13-060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-10KDS-R13-060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-10KDS-R13-060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-10KDS-R13-060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-10KDS-R13-060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MITSUBISHI (OPTICAL DEVICES)
MF-10KDS-T12-06x/07x
MF-10KDS-R13-06x/07x
SONET/SDH TRANSMITTER & RECIEVER
OPTICAL CHARACTERISTICS
Parameter
Symbol
Specification
Unit
ITU code
-
S-64.2
S-64.3
-
-
-
Min.
Max.
Min.
Max.
-
Dispersion
-
-800
+800
-130
+130
ps/nm
Optical path penalty
Pp
-
2
-
1
dB
Transmitter
Wavelength
-
1530
1565
1530
1565
-
Optical output power
Pout
-3
+3
-2
+3
dBm
Spectral width(-20dB)
-
-
0.5
-
0.5
nm
SMSR
-
30
-
30
-
dB
Extinction Ratio
Ex
8.2
-
8.2
-
dB
Receiver
Sensitivity
-
-
-14
-
-13
dBm
Overload
-
-3
-
-3
-
dBm
note : Bit Rate 9953.28Mb/s,PRBS223-1, BER<=10-12
ORDERING INFORMATION
Transmitter
Part number
ITU-code
Optical connector type
MF-10KDS-T12-060
S-64.2
FC
MF-10KDS-T12-061
S-64.2
SC
MF-10KDS-T12-070
S-64.3
FC
MF-10KDS-T12-071
S-64.3
SC
Receiver
Part number
ITU-code
Optical connector type
MF-10KDS-R13-060
S-64.2
FC
MF-10KDS-R13-061
S-64.2
SC
MF-10KDS-R13-070
S-64.3
FC
MF-10KDS-R13-071
S-64.3
SC


Similar Part No. - MF-10KDS-R13-060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-10KSXA MITSUBISHI-MF-10KSXA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-004ZA MITSUBISHI-MF-10KSXA-004ZA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-005ZA MITSUBISHI-MF-10KSXA-005ZA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-006ZA MITSUBISHI-MF-10KSXA-006ZA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
MF-10KSXA-007ZA MITSUBISHI-MF-10KSXA-007ZA Datasheet
188Kb / 15P
   10Gbps 1310nm XFP Optical Transceiver
More results

Similar Description - MF-10KDS-R13-060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-2500DS-T12-18X MITSUBISHI-MF-2500DS-T12-18X Datasheet
57Kb / 9P
   SONET/SDH TRANSMITTER & RECIEVER
MF-156DF-T12-20X MITSUBISHI-MF-156DF-T12-20X Datasheet
85Kb / 9P
   SONET/SDH TRANSMITTER & RECIEVER
MF-622DF-T12-43X MITSUBISHI-MF-622DF-T12-43X Datasheet
62Kb / 10P
   SONET/SDH TRANSMITTER & RECEIVER
logo
Texas Instruments
TNETA1500 TI1-TNETA1500 Datasheet
419Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500A TI1-TNETA1500A Datasheet
425Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
logo
Mitsubishi Electric Sem...
MF-2700FRB-M0XMA MITSUBISHI-MF-2700FRB-M0XMA Datasheet
224Kb / 8P
   SONET / SDH RECEIVER MODULE
logo
OPLINK Communications I...
STX-SRX-0400 OPLINK-STX-SRX-0400 Datasheet
367Kb / 9P
   SONET/SDH Transmitters & Receivers
STX OPLINK-STX Datasheet
367Kb / 9P
   SONET/SDH Transmitters & Receivers
logo
NXP Semiconductors
OQ2538HP PHILIPS-OQ2538HP_97 Datasheet
542Kb / 24P
   SDH/SONET main amplifier
1997 Nov 26
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com